Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX97220DETE Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX97220DETE
Description  Differential Input DirectDrive Line Drivers/Headphone Amplifiers
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX97220DETE Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX97220DETE Datasheet HTML 2Page - Maxim Integrated Products MAX97220DETE Datasheet HTML 3Page - Maxim Integrated Products MAX97220DETE Datasheet HTML 4Page - Maxim Integrated Products MAX97220DETE Datasheet HTML 5Page - Maxim Integrated Products MAX97220DETE Datasheet HTML 6Page - Maxim Integrated Products MAX97220DETE Datasheet HTML 7Page - Maxim Integrated Products MAX97220DETE Datasheet HTML 8Page - Maxim Integrated Products MAX97220DETE Datasheet HTML 9Page - Maxim Integrated Products MAX97220DETE Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
Differential Input DirectDrive
Line Drivers/Headphone Amplifiers
6
Typical Operating Characteristics (continued)
(VPVDD = VSVDD = VSVDD2 = 5V, VPGND = VSGND = 0V, CBIAS = 0.1µF, C1 = C2 = 1µF, RIN = 10kω, RF = 10kω, unless otherwise noted.)
TOTAL HARMONIC DISTORTION
PLUS NOISE vs. FREQUENCY
FREQUENCY (kHz)
10
1
0.1
0.001
0.01
0.1
1
10
100
0.0001
0.01
100
VPVDD = 5V
RL = 32I
POUT = 20mW
POUT = 90mW
TOTAL HARMONIC DISTORTION
PLUS NOISE vs. FREQUENCY
FREQUENCY (kHz)
10
1
0.1
0.001
0.01
0.1
1
10
100
0.0001
0.01
100
VPVDD = 3.3V
RL = 16I
POUT = 10mW
POUT = 25mW
TOTAL HARMONIC DISTORTION
PLUS NOISE vs. OUTPUT VOLTAGE
OUTPUT VOLTAGE (VRMS)
2.5
2.0
1.5
1.0
0.5
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
-130
0
3.0
fIN = 1kHz
fIN = 10kHz
VPVDD = 3.3V
RL = 600I
TOTAL HARMONIC DISTORTION
PLUS NOISE vs. FREQUENCY
FREQUENCY (kHz)
10
1
0.1
0.001
0.01
0.1
1
10
100
0.0001
0.01
100
VPVDD = 5V
RL = 16I
POUT = 20mW
POUT = 80mW
TOTAL HARMONIC DISTORTION
PLUS NOISE vs. OUTPUT VOLTAGE
OUTPUT VOLTAGE (VRMS)
4.0
3.5
2.5 3.0
1.0 1.5 2.0
0.5
-130
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
-140
0
4.5
fIN = 1kHz
fIN = 10kHz
VPVDD = 5V
RL = 10kI
TOTAL HARMONIC DISTORTION
PLUS NOISE vs. OUTPUT POWER
OUTPUT POWER (mW)
50
40
30
20
10
0
60
VPVDD = 3.3V
RL = 32I
0.001
0.01
0.1
1
10
100
0.0001
fIN = 1kHz
fIN = 300Hz
TOTAL HARMONIC DISTORTION
PLUS NOISE vs. OUTPUT POWER
OUTPUT POWER (mW)
120 140
100
80
60
40
20
0
180
160
VPVDD = 5V
RL = 32I
0.001
0.01
0.1
1
10
100
0.0001
fIN = 1kHz
fIN = 300Hz
TOTAL HARMONIC DISTORTION
PLUS NOISE vs. OUTPUT POWER
OUTPUT POWER (mW)
50
40
30
20
10
0
60
VPVDD = 3.3V
RL = 16I
0.001
0.01
0.1
1
10
100
0.0001
FREQ = 1kHz
FREQ = 300Hz
TOTAL HARMONIC DISTORTION
PLUS NOISE vs. OUTPUT POWER
OUTPUT POWER (mW)
120
140
100
80
60
40
20
0
160
VPVDD = 5V
RL = 16I
0.001
0.01
0.1
1
10
100
0.0001
FREQ = 1kHz
FREQ = 300Hz


Similar Part No. - MAX97220DETE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX97220DETE++ MAXIM-MAX97220DETE+ Datasheet
3Mb / 19P
   Differential Input DirectDrive Line Drivers/Headphone Amplifiers
Rev 2; 7/12
MAX97220DETE++ MAXIM-MAX97220DETE+ Datasheet
3Mb / 19P
   Differential Input DirectDrive Line Drivers/Headphone Amplifiers
Rev 2; 7/12
More results

Similar Description - MAX97220DETE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX97220A_1110 MAXIM-MAX97220A_1110 Datasheet
3Mb / 19P
   Differential Input DirectDrive Line Drivers/Headphone Amplifiers
Rev 1; 10/11
MAX97220A MAXIM-MAX97220A_14 Datasheet
3Mb / 19P
   Differential Input DirectDrive Line Drivers/Headphone Amplifiers
Rev 2; 7/12
MAX97220A_V2 MAXIM-MAX97220A_V2 Datasheet
3Mb / 19P
   Differential Input DirectDrive Line Drivers/Headphone Amplifiers
Rev 2; 7/12
MAX9722A MAXIM-MAX9722A_07 Datasheet
498Kb / 21P
   5V, Differential Input, DirectDrive, 130mW Stereo Headphone Amplifiers with Shutdown
Rev 2; 10/07
MAX9722A MAXIM-MAX9722A Datasheet
627Kb / 20P
   5V, Differential Input, DirectDrive, 130mW Stereo Headphone Amplifiers with Shutdown
Rev 0; 10/03
logo
Shenzhen Huazhimei Semi...
HM97220 HMSEMI-HM97220 Datasheet
1Mb / 12P
   125mW Direct Drive Line Drivers/Headphone Amplifiers
logo
Maxim Integrated Produc...
MAX9728AETC-T MAXIM-MAX9728AETC-T Datasheet
309Kb / 19P
   60mW, DirectDrive, Stereo Headphone Amplifiers with Shutdown
Rev 1; 7/09
MAX9750 MAXIM-MAX9750 Datasheet
669Kb / 30P
   2.6W Stereo Audio Power Amplifiers and DirectDrive Headphone Amplifiers
Rev 0; 1/04
MAX9728A MAXIM-MAX9728A Datasheet
287Kb / 19P
   60mW, DirectDrive, Stereo Headphone Amplifiers with Shutdown
Rev 1; 7/09
MAX9728 MAXIM-MAX9728 Datasheet
309Kb / 19P
   60mW, DirectDrive, Stereo Headphone Amplifiers with Shutdown
19-3963; Rev 1; 7/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com