Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BCR48PN Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # BCR48PN
Description  NPN/PNP Silicon Digital Transistor Array
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BCR48PN Datasheet(HTML) 1 Page - Infineon Technologies AG

  BCR48PN Datasheet HTML 1Page - Infineon Technologies AG BCR48PN Datasheet HTML 2Page - Infineon Technologies AG BCR48PN Datasheet HTML 3Page - Infineon Technologies AG BCR48PN Datasheet HTML 4Page - Infineon Technologies AG BCR48PN Datasheet HTML 5Page - Infineon Technologies AG BCR48PN Datasheet HTML 6Page - Infineon Technologies AG BCR48PN Datasheet HTML 7Page - Infineon Technologies AG BCR48PN Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
2007-07-24
1
BCR48PN
NPN/PNP Silicon Digital Transistor Array
• Switching circuit, inverter, interface circuit,
driver circuit
• Two (galvanic) internal isolated NPN/PNP
Transistors in one package
• Built in bias resistor
NPN: R1 = 47kΩ, R2 = 47kΩ
PNP: R1= 2.2kΩ, R2 = 47kΩ
• Pb-free (RoHS compliant) package1)
• Qualified according AEC Q101
1
6
2
3
5
4
EHA07176
6
54
3
2
1
C1
B2
E2
C2
B1
E1
1
R
R 2
R1
R 2
TR1
TR2
EHA07193
12 3
4
5
6
W1s
Direction of Unreeling
Top View
Marking on SOT-363 package
(for example W1s)
corresponds to pin 1 of device
Position in tape: pin 1
opposite of feed hole side
Type
Marking
Pin Configuration
Package
BCR48PN
WTs
1=E1 2=B1 3=C2 4=E2 5=B2 6=C1 SOT363
Maximum Ratings
Parameter
Symbol
Value
Unit
Collector-emitter voltage
VCEO
50
V
Collector-base voltage
VCBO
50
Input forward voltage
NPN
Vi(fwd)
80
Input forward voltage
PNP
Vi(fwd)
20
Input reverse voltage
NPN
Vi(rev)
10
Input reverse voltage
PNP
Vi(rev)
5
DC collector current
NPN
IC
70
mA
DC collector current
PNP
IC
100
Total power dissipation, TS = 115 °C
Ptot
250
mW
Junction temperature
Tj
150
°C
Storage temperature
Tstg
-65...+150
1Pb-containing package may be available upon special request


Similar Part No. - BCR48PN

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BCR48PN SIEMENS-BCR48PN Datasheet
67Kb / 6P
   NPN/PNP Silicon Digital Tansistor Array (Switching circuit, inverter, interface circuit, drive circuit)
logo
Infineon Technologies A...
BCR48PN INFINEON-BCR48PN Datasheet
60Kb / 6P
   NPN/PNP Silicon Digital Transistor Array
Nov-29-2001
BCR48PN INFINEON-BCR48PN Datasheet
540Kb / 8P
   NPN/PNP Silicon Digital Transistor Array
2011-07-28
BCR48PN INFINEON-BCR48PN_11 Datasheet
540Kb / 8P
   NPN/PNP Silicon Digital Transistor Array
2011-07-28
More results

Similar Description - BCR48PN

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BCR10PN INFINEON-BCR10PN Datasheet
51Kb / 5P
   NPN/PNP Silicon Digital Transistor Array
Nov-29-2001
BCR19PN INFINEON-BCR19PN Datasheet
52Kb / 5P
   NPN/PNP Silicon Digital Transistor Array
Nov-29-2001
BCR39PN INFINEON-BCR39PN Datasheet
53Kb / 5P
   NPN/PNP Silicon Digital Transistor Array
May-17-2004
BCR15PN INFINEON-BCR15PN Datasheet
156Kb / 6P
   NPN/PNP Silicon Digital Transistor Array
Apr-30-2004
BCR35PN INFINEON-BCR35PN_11 Datasheet
533Kb / 7P
   NPN/PNP Silicon Digital Transistor Array
2011-07-28
BCR22PNH6327 INFINEON-BCR22PNH6327 Datasheet
533Kb / 7P
   NPN/PNP Silicon Digital Transistor Array
2011-07-28
BCR22PN INFINEON-BCR22PN_07 Datasheet
141Kb / 7P
   NPN/PNP Silicon Digital Transistor Array
2007-07-31
BCR35PN INFINEON-BCR35PN_07 Datasheet
141Kb / 7P
   NPN/PNP Silicon Digital Transistor Array
2007-07-24
BCR08PN INFINEON-BCR08PN_07 Datasheet
141Kb / 7P
   NPN/PNP Silicon Digital Transistor Array
2007-07-24
BCR42PN INFINEON-BCR42PN Datasheet
124Kb / 5P
   NPN/PNP Silicon Digital Transistor Array
Dec-13-2001
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com