Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BC857S Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # BC857S
Description  PNP Silicon AF Transistor Arrays
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BC857S Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button BC857S Datasheet HTML 2Page - Infineon Technologies AG BC857S Datasheet HTML 3Page - Infineon Technologies AG BC857S Datasheet HTML 4Page - Infineon Technologies AG BC857S Datasheet HTML 5Page - Infineon Technologies AG BC857S Datasheet HTML 6Page - Infineon Technologies AG BC857S Datasheet HTML 7Page - Infineon Technologies AG BC857S Datasheet HTML 8Page - Infineon Technologies AG BC857S Datasheet HTML 9Page - Infineon Technologies AG BC857S Datasheet HTML 10Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
2008-01-18
6
BC856S/U_BC857S
Transition frequency fT = ƒ(IC)
VCE = 5 V
10
10
10
10
EHP00378
f
mA
MHz
-1
0
1
2
5
T
3
10
10
2
1
10
5
5
5
C
Ι
Collector-base capacitance Ccb = ƒ(VCB)
Emitter-base capacitance Ceb = ƒ(VEB)
0
4
8
12
16
V
22
VCB(VEB)
0
1
2
3
4
5
6
7
8
9
10
pF
12
CCB
CEB
Total power dissipation Ptot = ƒ(TS)
BC856S, BC857S
0
15
30
45
60
75
90 105 120 °C
150
TS
0
25
50
75
100
125
150
175
200
225
250
mW
300
Total power dissipation Ptot = ƒ(TS)
BC856U
0
15
30
45
60
75
90 105 120 °C
150
TS
0
25
50
75
100
125
150
175
200
225
250
mW
300


Similar Part No. - BC857S

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BC857S SIEMENS-BC857S Datasheet
159Kb / 6P
   PNP Silicon AF Transistor Array (For AF input stages and driver applications High current gain Low collector-emitter saturation voltage)
logo
Infineon Technologies A...
BC857S INFINEON-BC857S Datasheet
854Kb / 10P
   PNP Silicon AF Transistor Arrays
2011-07-25
BC857S INFINEON-BC857S Datasheet
57Kb / 6P
   PNP Silicon AF Transistor Array
Nov-29-2001
logo
Diotec Semiconductor
BC857S DIOTEC-BC857S Datasheet
180Kb / 2P
   SMD General Purpose PNP Transistors
BC857S DIOTEC-BC857S Datasheet
73Kb / 2P
   Surface mount Si-Epitaxial PlanarTransistors
More results

Similar Description - BC857S

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BC856S INFINEON-BC856S_11 Datasheet
854Kb / 10P
   PNP Silicon AF Transistor Arrays
2011-07-25
BC846PN-E6327 INFINEON-BC846PN-E6327 Datasheet
853Kb / 10P
   NPN/PNP Silicon AF Transistor Arrays
2011-10-05
BC847PNE6327 INFINEON-BC847PNE6327 Datasheet
853Kb / 10P
   NPN/PNP Silicon AF Transistor Arrays
2011-10-05
BC846S INFINEON-BC846S_08 Datasheet
852Kb / 10P
   NPN Silicon AF Transistor Arrays
2008-05-06
BC846SH6327XTSA1 INFINEON-BC846SH6327XTSA1 Datasheet
843Kb / 10P
   NPN Silicon AF Transistor Arrays
2012-04-04
BC857BE6327 INFINEON-BC857BE6327 Datasheet
866Kb / 11P
   PNP Silicon AF Transistor
2011-09-19
BCP69 INFINEON-BCP69_08 Datasheet
517Kb / 6P
   PNP Silicon AF Transistor
2008-10-10
BC856T INFINEON-BC856T Datasheet
145Kb / 6P
   PNP Silicon AF Transistor
Jan-08-2002
BC807 INFINEON-BC807_07 Datasheet
111Kb / 11P
   PNP Silicon AF Transistor
2007-06-08
BCW61 INFINEON-BCW61 Datasheet
88Kb / 9P
   PNP Silicon AF Transistor
Jul-10-2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com