Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BC847BL3 Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # BC847BL3
Description  NPN Silicon AF Transistors
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BC847BL3 Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button BC847BL3 Datasheet HTML 5Page - Infineon Technologies AG BC847BL3 Datasheet HTML 6Page - Infineon Technologies AG BC847BL3 Datasheet HTML 7Page - Infineon Technologies AG BC847BL3 Datasheet HTML 8Page - Infineon Technologies AG BC847BL3 Datasheet HTML 9Page - Infineon Technologies AG BC847BL3 Datasheet HTML 10Page - Infineon Technologies AG BC847BL3 Datasheet HTML 11Page - Infineon Technologies AG BC847BL3 Datasheet HTML 12Page - Infineon Technologies AG BC847BL3 Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
2007-04-20
9
BC846...-BC850...
Total power dissipation Ptot = ƒ(TS)
BC847BL3/BC848BL3
0
15
30
45
60
75
90
105 120 °C
150
TS
0
25
50
75
100
125
150
175
200
225
250
mW
300
Total power dissipation Ptot = ƒ(TS)
BC847BT
0
15
30
45
60
75
90
105 120 °C
150
TS
0
25
50
75
100
125
150
175
200
225
250
mW
300
Total power dissipation Ptot = ƒ(TS)
BC846W-BC850W
0
15
30
45
60
75
90
105 120 °C
150
TS
0
25
50
75
100
125
150
175
200
225
250
mW
300
Permissible Pulse Load
Ptotmax/PtotDC = ƒ(tp)
BC846/W-BC850/W
10
EHP00362
-6
0
10
5
D =
5
10
1
10
2
3
10
10
-5
10
-4
10
-3
10
-2
10
0
s
0
0.005
0.01
0.02
0.05
0.1
0.2
0.5
t p
=
D
T
t p
T
tot max
tot
P
DC
P
p
t


Similar Part No. - BC847BL3

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
BC847BL AITSEMI-BC847BL Datasheet
888Kb / 6P
   GENERAL PURPOSE TRANSISTORS NPN SILICON
REV2.0
logo
Diodes Incorporated
BC847BLD DIODES-BC847BLD Datasheet
100Kb / 5P
   SMALL SIGNAL NPN TRANSISTOR WITH CONTROLLED BASE-EMITTER VOLTAGE
DS30824 Rev. 3 - 2
BC847BLD DIODES-BC847BLD Datasheet
198Kb / 4P
   SMALL SIGNAL NPN TRANSISTOR WITH CONTROLLED BASE-EMITTER VOLTAGE
BC847BLD-7 DIODES-BC847BLD-7 Datasheet
100Kb / 5P
   SMALL SIGNAL NPN TRANSISTOR WITH CONTROLLED BASE-EMITTER VOLTAGE
DS30824 Rev. 3 - 2
BC847BLD-7 DIODES-BC847BLD-7 Datasheet
198Kb / 4P
   SMALL SIGNAL NPN TRANSISTOR WITH CONTROLLED BASE-EMITTER VOLTAGE
More results

Similar Description - BC847BL3

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BC817 SIEMENS-BC817 Datasheet
130Kb / 5P
   NPN Silicon AF Transistors
logo
Infineon Technologies A...
BC817W INFINEON-BC817W Datasheet
47Kb / 5P
   NPN Silicon AF Transistors
Nov-29-2001
logo
Tiger Electronic Co.,Lt...
BC817 TGS-BC817 Datasheet
461Kb / 1P
   NPN Silicon AF Transistors
logo
Guangdong Kexin Industr...
KC817 KEXIN-KC817 Datasheet
40Kb / 1P
   NPN Silicon AF Transistors
KC818W KEXIN-KC818W Datasheet
67Kb / 1P
   NPN Silicon AF Transistors
logo
Infineon Technologies A...
BC846AE6327 INFINEON-BC846AE6327 Datasheet
881Kb / 13P
   NPN Silicon AF Transistors
2011-09-09
BCP54E-6327 INFINEON-BCP54E-6327 Datasheet
827Kb / 7P
   NPN Silicon AF Transistors
2011-10-13
BCP54 INFINEON-BCP54_08 Datasheet
530Kb / 7P
   NPN Silicon AF Transistors
2008-10-10
BC817 INFINEON-BC817 Datasheet
47Kb / 5P
   NPN Silicon AF Transistors
Nov-29-2001
BC846 INFINEON-BC846 Datasheet
216Kb / 8P
   NPN Silicon AF Transistors
Nov-20-2002
BCP54 INFINEON-BCP54 Datasheet
48Kb / 5P
   NPN Silicon AF Transistors
Nov-29-2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com