Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BC847B Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # BC847B
Description  NPN Silicon AF Transistors
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BC847B Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button BC847B Datasheet HTML 2Page - Infineon Technologies AG BC847B Datasheet HTML 3Page - Infineon Technologies AG BC847B Datasheet HTML 4Page - Infineon Technologies AG BC847B Datasheet HTML 5Page - Infineon Technologies AG BC847B Datasheet HTML 6Page - Infineon Technologies AG BC847B Datasheet HTML 7Page - Infineon Technologies AG BC847B Datasheet HTML 8Page - Infineon Technologies AG BC847B Datasheet HTML 9Page - Infineon Technologies AG BC847B Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
2007-04-20
6
BC846...-BC850...
Electrical Characteristics at TA = 25°C, unless otherwise specified
Parameter
Symbol
Values
Unit
min.
typ.
max.
AC Characteristics
Transition frequency
IC = 10 mA, VCE = 5 V, f = 100 MHz
fT
-
250
-
MHz
Collector-base capacitance
VCB = 10 V, f = 1 MHz
Ccb
-
0.95
-
pF
Emitter-base capacitance
VEB = 0.5 V, f = 1 MHz
Ceb
-
9
-
Short-circuit input impedance
IC = 2 mA, VCE = 5 V, f = 1 kHz, hFE-grp.A
IC = 2 mA, VCE = 5 V, f = 1 kHz, hFE-grp.B
IC = 2 mA, VCE = 5 V, f = 1 kHz, hFE-grp.C
h11e
-
-
-
2.7
4.5
8.7
-
-
-
k
Open-circuit reverse voltage transf. ratio
IC = 2 mA, VCE = 5 V, f = 1 kHz, hFE-grp.A
IC = 2 mA, VCE = 5 V, f = 1 kHz, hFE-grp.B
IC = 2 mA, VCE = 5 V, f = 1 kHz, hFE-grp.C
h12e
-
-
-
1.5
2
3
-
-
-
10-4
Short-circuit forward current transf. ratio
IC = 2 mA, VCE = 5 V, f = 1 kHz, hFE-grp.A
IC = 2 mA, VCE = 5 V, f = 1 kHz, hFE-grp.B
IC = 2 mA, VCE = 5 V, f = 1 kHz, hFE-grp.C
h21e
-
-
-
200
330
600
-
-
-
Open-circuit output admittance
IC = 2 mA, VCE = 5 V, f = 1 kHz, hFE-grp.A
IC = 2 mA, VCE = 5 V, f = 1 kHz, hFE-grp.B
IC = 2 mA, VCE = 5 V, f = 1 kHz, hFE-grp.C
h22e
-
-
-
18
30
60
-
-
-
µS
Noise figure
IC = 200 µA, VCE = 5 V, f = 1 kHz,
∆ f = 200 Hz, R
S = 2 kΩ, BC849..., BC850...
F
-
1.2
4
dB
Equivalent noise voltage
IC = 200 µA, VCE = 5 V, RS = 2 kΩ,
f = 10 ... 50 Hz , BC850...
Vn
-
-
0.135 µV


Similar Part No. - BC847B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC847B PHILIPS-BC847B Datasheet
80Kb / 10P
   NPN general purpose transistors
2004 Feb 06
logo
Rohm
BC847B ROHM-BC847B Datasheet
86Kb / 6P
   NPN General Purpose Transistor
logo
STMicroelectronics
BC847B STMICROELECTRONICS-BC847B Datasheet
57Kb / 4P
   SMALL SIGNAL NPN TRANSISTORS
logo
First Components Intern...
BC847B FCI-BC847B Datasheet
146Kb / 1P
   NPN Silicon Planar Epitaxial Transistors
logo
Rectron Semiconductor
BC847B RECTRON-BC847B Datasheet
456Kb / 2P
   SOT-23 BIPOLAR TRANSISTORS TRANSISTOR(NPN)
More results

Similar Description - BC847B

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BC817 SIEMENS-BC817 Datasheet
130Kb / 5P
   NPN Silicon AF Transistors
logo
Infineon Technologies A...
BC817W INFINEON-BC817W Datasheet
47Kb / 5P
   NPN Silicon AF Transistors
Nov-29-2001
logo
Tiger Electronic Co.,Lt...
BC817 TGS-BC817 Datasheet
461Kb / 1P
   NPN Silicon AF Transistors
logo
Guangdong Kexin Industr...
KC817 KEXIN-KC817 Datasheet
40Kb / 1P
   NPN Silicon AF Transistors
KC818W KEXIN-KC818W Datasheet
67Kb / 1P
   NPN Silicon AF Transistors
logo
Infineon Technologies A...
BC846AE6327 INFINEON-BC846AE6327 Datasheet
881Kb / 13P
   NPN Silicon AF Transistors
2011-09-09
BCP54E-6327 INFINEON-BCP54E-6327 Datasheet
827Kb / 7P
   NPN Silicon AF Transistors
2011-10-13
BCP54 INFINEON-BCP54_08 Datasheet
530Kb / 7P
   NPN Silicon AF Transistors
2008-10-10
BC817 INFINEON-BC817 Datasheet
47Kb / 5P
   NPN Silicon AF Transistors
Nov-29-2001
BC846 INFINEON-BC846 Datasheet
216Kb / 8P
   NPN Silicon AF Transistors
Nov-20-2002
BCP54 INFINEON-BCP54 Datasheet
48Kb / 5P
   NPN Silicon AF Transistors
Nov-29-2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com