Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BC817-16 Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # BC817-16
Description  NPN Silicon AF Transistor
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BC817-16 Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button BC817-16 Datasheet HTML 3Page - Infineon Technologies AG BC817-16 Datasheet HTML 4Page - Infineon Technologies AG BC817-16 Datasheet HTML 5Page - Infineon Technologies AG BC817-16 Datasheet HTML 6Page - Infineon Technologies AG BC817-16 Datasheet HTML 7Page - Infineon Technologies AG BC817-16 Datasheet HTML 8Page - Infineon Technologies AG BC817-16 Datasheet HTML 9Page - Infineon Technologies AG BC817-16 Datasheet HTML 10Page - Infineon Technologies AG BC817-16 Datasheet HTML 11Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
2008-04-11
7
BC817.../BC818...
Total power dissipation Ptot = ƒ(TS)
BC817, BC818: - - - , BC817K, BC818K: ___
0
15
30
45
60
75
90 105 120 °C
150
TS
0
50
100
150
200
250
300
350
400
450
mW
550
BC817K, BC818K
BC817, BC818
Total power dissipation Ptot = ƒ(TS)
BC817W/KW, BC818W/KW
0
15
30
45
60
75
90 105 120 °C
150
TS
0
50
100
150
200
250
300
350
400
450
mW
550
Permissible Pulse Load
Ptotmax/PtotDC = ƒ(tp)
BC817, BC818
10
-6
10
-5
10
-4
10
-3
10
-2
10
0
s
tp
0
10
1
10
2
10
3
10
4
10
-
D = 0
0.005
0.01
0.02
0.05
0.1
0.2
0.5
Permissible Pulse Load RthJS = ƒ(tp)
BC817, BC818
10
-6
10
-5
10
-4
10
-3
10
-2
10
0
s
tp
-1
10
0
10
1
10
2
10
3
10
D = 0,5
0,2
0,1
0,05
0,02
0,01
0,005
0


Similar Part No. - BC817-16

ManufacturerPart #DatasheetDescription
logo
Yea Shin Technology Co....
BC817-16 YEASHIN-BC817-16 Datasheet
629Kb / 3P
   General Purpose Transistors
logo
NXP Semiconductors
BC817-16 PHILIPS-BC817-16 Datasheet
47Kb / 8P
   NPN general purpose transistor
1999 Jun 01
logo
Goodwork Semiconductor ...
BC817-16 GWSEMI-BC817-16 Datasheet
276Kb / 3P
   NPN Silicon Epitaxial Planar Transistors
logo
Pan Jit International I...
BC817-16 PANJIT-BC817-16 Datasheet
462Kb / 3P
   NPN GENERAL PURPOSE TRANSISTORS
logo
SHENZHEN YONGERJIA INDU...
BC817-16 WINNERJOIN-BC817-16 Datasheet
225Kb / 2P
   NPN EPTTAXIAL SILICON TRANSISTOR
More results

Similar Description - BC817-16

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BCP68 INFINEON-BCP68 Datasheet
43Kb / 4P
   NPN Silicon AF Transistor
Nov-29-2001
BCP68-25 INFINEON-BCP68-25 Datasheet
518Kb / 6P
   NPN Silicon AF Transistor
2008-10-10
SMBTA06 INFINEON-SMBTA06 Datasheet
125Kb / 4P
   NPN Silicon AF Transistor
Feb-20-2002
logo
Siemens Semiconductor G...
SMBTA20 SIEMENS-SMBTA20 Datasheet
146Kb / 4P
   NPN Silicon AF Transistor
logo
Infineon Technologies A...
BC817K-40E6327 INFINEON-BC817K-40E6327 Datasheet
863Kb / 11P
   NPN Silicon AF Transistor
2011-09-19
BC817-25WE6327 INFINEON-BC817-25WE6327 Datasheet
858Kb / 11P
   NPN Silicon AF Transistor
2011-09-19
BCW65 INFINEON-BCW65 Datasheet
50Kb / 5P
   NPN Silicon AF Transistor
Jul-10-2001
BC817SU INFINEON-BC817SU_10 Datasheet
537Kb / 6P
   NPN Silicon AF Transistor
2011-08-30
logo
Siemens Semiconductor G...
SMBTA06M SIEMENS-SMBTA06M Datasheet
31Kb / 4P
   NPN Silicon AF Transistor
logo
Infineon Technologies A...
BC817SU INFINEON-BC817SU_08 Datasheet
532Kb / 6P
   NPN Silicon AF Transistor
2008-10-20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com