Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BAS3020B Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # BAS3020B
Description  Schottky Rectifier Diode
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BAS3020B Datasheet(HTML) 3 Page - Infineon Technologies AG

  BAS3020B Datasheet HTML 1Page - Infineon Technologies AG BAS3020B Datasheet HTML 2Page - Infineon Technologies AG BAS3020B Datasheet HTML 3Page - Infineon Technologies AG BAS3020B Datasheet HTML 4Page - Infineon Technologies AG BAS3020B Datasheet HTML 5Page - Infineon Technologies AG BAS3020B Datasheet HTML 6Page - Infineon Technologies AG BAS3020B Datasheet HTML 7Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
2007-12-14
3
BAS3020B...
Electrical Characteristics at TA = 25°C, unless otherwise specified
Parameter
Symbol
Values
Unit
min.
typ.
max.
AC Characteristics
Diode capacitance
VR = 1 V, f = 1 MHz
VR = 5 V, f = 1 MHz
VR = 10 V, f = 1 MHz
CT
-
-
-
60
30
20
70
40
30
pF


Similar Part No. - BAS3020B

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BAS3005A INFINEON-BAS3005A Datasheet
65Kb / 7P
   Low VF Schottky Diode
2007-04-19
BAS3005A-02V INFINEON-BAS3005A-02V Datasheet
65Kb / 7P
   Low VF Schottky Diode
2007-04-19
BAS3005A-02V INFINEON-BAS3005A-02V Datasheet
815Kb / 8P
   Low VF Schottky Diode
2008-02-11
BAS3005A02V INFINEON-BAS3005A02V Datasheet
1Mb / 35P
   Modular application design kit (MADK) of IM818
Revision 1.4 2021-09-10
BAS3005A02VH6327XTSA1 INFINEON-BAS3005A02VH6327XTSA1 Datasheet
1Mb / 35P
   Modular application design kit (MADK) of IM818
Revision 1.4 2021-09-10
More results

Similar Description - BAS3020B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MS503 ETC2-MS503 Datasheet
232Kb / 3P
   Schottky Rectifier Diode
logo
Seme LAB
1N5819CSM4 SEME-LAB-1N5819CSM4_09 Datasheet
117Kb / 3P
   SCHOTTKY RECTIFIER DIODE
logo
Inchange Semiconductor ...
STPS160H100TV ISC-STPS160H100TV Datasheet
550Kb / 3P
   Schottky Rectifier Diode
logo
TT Electronics.
1N5806D2 TTELEC-1N5806D2 Datasheet
461Kb / 4P
   SCHOTTKY RECTIFIER DIODE
logo
Unisonic Technologies
MBR0530 UTC-MBR0530 Datasheet
82Kb / 3P
   SCHOTTKY RECTIFIER DIODE
logo
Shunye Enterprise
25SQ045 SHUNYE-25SQ045 Datasheet
395Kb / 2P
   SCHOTTKY RECTIFIER DIODE
logo
Seme LAB
1N5819D2A SEME-LAB-1N5819D2A Datasheet
194Kb / 4P
   SCHOTTKY RECTIFIER DIODE
logo
Unisonic Technologies
MBR0540 UTC-MBR0540 Datasheet
83Kb / 3P
   SCHOTTKY RECTIFIER DIODE
logo
TT Electronics.
1N5819D2 TTELEC-1N5819D2 Datasheet
386Kb / 4P
   SCHOTTKY RECTIFIER DIODE
1N5819CSM4 TTELEC-1N5819CSM4 Datasheet
117Kb / 3P
   SCHOTTKY RECTIFIER DIODE
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com