Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX66040K Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX66040K
Description  ISO/IEC 14443 Type B-Compliant Secure Memory Supports AFI and CID Function
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX66040K Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX66040K Datasheet HTML 1Page - Maxim Integrated Products MAX66040K Datasheet HTML 2Page - Maxim Integrated Products MAX66040K Datasheet HTML 3Page - Maxim Integrated Products MAX66040K Datasheet HTML 4Page - Maxim Integrated Products MAX66040K Datasheet HTML 5Page - Maxim Integrated Products MAX66040K Datasheet HTML 6Page - Maxim Integrated Products MAX66040K Datasheet HTML 7Page - Maxim Integrated Products MAX66040K Datasheet HTML 8Page - Maxim Integrated Products MAX66040K Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
Detailed Description
The MAX66040 combines 1024 bits of user EEPROM,
128 bits of user and control registers, a 64-bit UID, one
64-bit secret, a 512-bit SHA-1 engine, and a 13.56MHz
RF interface (ISO/IEC 14443 Type B, Parts 2-4) in a sin-
gle chip. The memory is organized as 19 blocks of 8
bytes each. Except for the secret, each block has a
user-readable write-cycle counter. Four adjacent user
EEPROM blocks form a memory page (pages 0 to 3).
Memory protection features include write protection
and EPROM emulation, which the user can set for each
individual memory page. Page 3 can also be read pro-
tected for enhanced authentication strength. The
MAX66040 is accessed through the ISO/IEC 14443-4
block transmission protocol, where requests and
responses are exchanged through I-blocks once a
device is in the ACTIVE state. The reader must support
a frame size of at least 26 bytes. The data rate can be
as high as 847.5kbps. The MAX66040 supports AFI
and CID. Functions not supported are chaining, frame-
waiting time extension, and power indication.
Applications of the MAX66040 include driver identifica-
tion (fleet application), access control, electronic cash
(e-cash), and asset tracking.
Overview
Figure 1 shows the relationships between the major
control and memory sections of the MAX66040. The
device has six main data components: 64-bit UID,
64-bit read/write buffer, four 256-bit pages of user
EEPROM, two 8-byte blocks of user and control regis-
ters, 64-bit secret’s memory, and a 512-bit SHA-1
engine. Figure 2 shows the hierarchical structure of the
ISO/IEC 14443 Type B-compliant access protocol. The
master must first apply network function commands to
put the MAX66040 into the ACTIVE state before the
memory and control functions become accessible. The
protocol required for these network function commands
is described in the
Network Function Commands sec-
tion. Once the MAX66040 is in the ACTIVE state, the
master can issue any one of the available memory and
control function commands. Upon completion of such a
command, the MAX66040 returns to the ACTIVE state
and the master can issue another memory and control
function command or deselect the device, which
returns it to the HALT state. The protocol for these
memory and control function commands is described in
the
Memory and Control Function Commands section.
All data is read and written least significant bit (LSb)
first, starting with the least significant byte (LSB).
Parasite Power
As a wireless device, the MAX66040 is not connected
to any power source. It gets the energy for operation
from the surrounding RF field, which needs to have a
minimum strength as specified in the
Electrical
Characteristics table.
RF
FRONT-
END
VOLTAGE
REGULATOR
INTERNALSUPPLY
MEMORY AND
FUNCTION
CONTROL
ISO 14443
FRAME
FORMATTING
AND
ERROR
DETECTION
READ/WRITE BUFFER
SECRET
UID
REGISTER
BLOCK
USER
EEPROM
SHA-1
ENGINE
fc
DATA
MODULATION
Figure 1. Block Diagram
ISO/IEC 14443 Type B-Compliant
Secure Memory
_______________________________________________________________________________________
3
ABRIDGED DATA SHEET


Similar Part No. - MAX66040K

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6604 MAXIM-MAX6604 Datasheet
206Kb / 16P
   Precision Temperature Monitor for DDR Memory Modules
Rev 0; 10/05
MAX6604 MAXIM-MAX6604 Datasheet
178Kb / 15P
   Precision Temperature Monitor for DDR Memory Modules
2011
MAX6604AAHA++ MAXIM-MAX6604AAHA+ Datasheet
178Kb / 15P
   Precision Temperature Monitor for DDR Memory Modules
2011
MAX6604AATA++ MAXIM-MAX6604AATA+ Datasheet
178Kb / 15P
   Precision Temperature Monitor for DDR Memory Modules
2011
MAX6604AHA MAXIM-MAX6604AHA Datasheet
206Kb / 16P
   Precision Temperature Monitor for DDR Memory Modules
Rev 0; 10/05
More results

Similar Description - MAX66040K

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX66000 MAXIM-MAX66000 Datasheet
288Kb / 21P
   ISO/IEC 14443 Type B-Compliant 64-Bit UID Supports AFI and CID Function
Rev 0; 1/11
MAX66020 MAXIM-MAX66020 Datasheet
360Kb / 25P
   ISO/IEC 14443 Type B-Compliant 1Kb Memory Fob Read and Write (64-Bit Block)
Rev 0; 12/10
MAX66140 MAXIM-MAX66140 Datasheet
191Kb / 21P
   ISO 15693-Compliant Secure Memory
Rev 1; 1/11
logo
NXP Semiconductors
MFRC531 NXP-MFRC531 Datasheet
702Kb / 117P
   Standard ISO/IEC 14443 A/B reader solution
Rev. 3.7-30 June 2015
MFRC53001T PHILIPS-MFRC53001T Datasheet
828Kb / 116P
   ISO/IEC 14443 A Reader IC
Rev. 3.3-6 July 2010
MFRC631 NXP-MFRC631 Datasheet
1Mb / 149P
   High-performance ISO/IEC 14443 A/B frontend MFRC631 and MFRC631 plus
Rev.4.5-12 September 2018
logo
ams AG
AS3909 AMSCO-AS3909 Datasheet
576Kb / 77P
   13.56 MHz RFID Reader IC, ISO-14443 A/B
AS3910 AMSCO-AS3910 Datasheet
1Mb / 47P
   13.56 MHz RFID Reader IC, ISO-14443 A/B
logo
Sanyo Semicon Device
LA7209V SANYO-LA7209V Datasheet
162Kb / 14P
   Monolithic Linear IC ISO/IEC-14443 (proximity) RF amplifier for contact-less IC card and tag
logo
Axiomtek Co., Ltd.
NA-810C AXIOMTEK-NA-810C Datasheet
201Kb / 1P
   Supports VRAID function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com