Electronic Components Datasheet Search |
|
MAX16977RAUV Datasheet(PDF) 3 Page - Maxim Integrated Products |
|
MAX16977RAUV Datasheet(HTML) 3 Page - Maxim Integrated Products |
3 / 17 page ����������������������������������������������������������������� Maxim Integrated Products 3 MAX16977 36V, 2A, 2.2MHz Step-Down Converter with Low Operating Current ELECTRICAL CHARACTERISTICS (continued) (VSUP = VSUPSW = 14V, VEN = 14V, CBIAS = 1FF, RFOSC = 12kI, TA = TJ = -40NC to +125NC, unless otherwise noted. Typical values are at TA = +25NC.) PARAMETER SYMBOL CONDITIONS MIN TYP MAX UNITS OUTPUT VOLTAGE (OUT) Output Voltage VOUT VFB = VBIAS, normal operation 4.925 5 5.075 V Skip-Mode Output Voltage VOUT_SKIP No load, VFB = VBIAS 4.925 5 5.15 V Adjustable Output Voltage Range VOUT_ADJ FB connected to external resistive divider 1 10 V Load Regulation VFB = VBIAS, 30mA < ILOAD < 2A 0.5 % Line Regulation VFB = VBIAS, 6V < VSUPSW < 36V 0.02 %/V BST Input Current IBST_ON High-side on, VBST - VLX = 5V 1.5 2.5 mA LX Current Limit ILX (Note 2) 2.4 3 4 A Skip-Mode Threshold ISKIP_TH 300 mA Spread Spectrum Spread spectrum enabled 6 % Power-Switch On-Resistance RON RON measured between SUPSW and LX, ILX = 1A, VBIAS = 5V 70 150 mI High-Side Switch Leakage Current VSUP = 36V, VLX = 0V, TA = +25°C 1 F A TRANSCONDUCTANCE AMPLIFIER (COMP) FB Input Current IFB 10 nA FB Regulation Voltage VFB FB connected to an external resistive divider; 0 °C < TA < +125°C 0.99 1.0 1.01 V FB connected to an external resistive divider; -40 °C < TA < +125°C 0.985 1.0 1.015 FB Line Regulation D VLINE 6V < VSUP < 36V 0.02 %/V Transconductance (from FB to COMP) gm VFB = 1V, VBIAS = 5V (Note 2) 900 F S Minimum On-Time tON_MIN 80 ns Maximum Duty Cycle DCMAX fSW = 2.2MHz 98 % fSW = 1MHz 99 OSCILLATOR FREQUENCY Oscillator Frequency RFOSC = 12kI 2.05 2.20 2.35 MHz EXTERNAL CLOCK INPUT (FSYNC) FSYNC Input Current TA at +25°C 1 F A External Input Clock Acquisition Time tFSYNC 1 Cycles External Input Clock Frequency (Note 2) fOSC + 10% Hz External Input Clock High Threshold VFSYNC_HI VFSYNC rising 1.4 V |
Similar Part No. - MAX16977RAUV |
|
Similar Description - MAX16977RAUV |