Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFT2369A2 Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SFT2369A2
Description  Dual NPN Transistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SFT2369A2 Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SFT2369A2_1 Datasheet HTML 1Page - Solid States Devices, Inc SFT2369A2_1 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, CA 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
DESIGNER’S DATA SHEET
Part Number / Ordering Information 1/
SFT2369A2
__ __
└ Scre
ening 2/ __= Commercial
TX= TX Level
TXV= TXV Level
S= S Level
Package GW= Gullwing
SFT2369A2
Series
Dual Microminiature Package
100 mA 15 Volts
Dual NPN Transistor
Features:
• High Speed Switching Transistor
• Suitable in chopper, UHF and RF application
• Multiple Devices Reduce Board Space
• Replacement for 2N2369AU
• TX, TXV, S-Level Screening Available 2/
Maximum Ratings
Symbol
Value
Units
Collector – Emitter Voltage
VCEO
15
Volts
Collector – Base Voltage
VCBO
40
Volts
Emitter – Base Voltage
VEBO
4.5
Volts
Continuous Collector Current
IC
100
mA
Power Dissipation @ TA= 25ºC
Per Device
Total
PD
360
500
mW
Operating & Storage Temperature
TOP & Tstg
-65 to +200
ºC
Maximum Thermal Resistance (Junction to PCB)
RθJ-PCB
350
ºC/W
Gullwing (GW)
Tolerances:
.xx ±.01
.xxx ±.005
.193
.015±.010
.040
±.010
.350
±.010
6x R.010
.033
3x .015
.010
.107
.130
2x .050
(=.100)
6x .030
.107
.034
.125
6x .010
.025
5x R.018
.015
.035
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: TR0045B
DOC


Similar Part No. - SFT2369A2_1

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SFT2369A2GW SSDI-SFT2369A2GW Datasheet
128Kb / 2P
   Dual Microminiature Package 100 mA 15 Volts Dual NPN Transistor
More results

Similar Description - SFT2369A2_1

ManufacturerPart #DatasheetDescription
logo
Shenzhen Jin Yu Semicon...
2SC4944 HTSEMI-2SC4944 Datasheet
850Kb / 1P
   DUAL TRANSISTOR (NPN NPN)
logo
Jiangsu Changjiang Elec...
IMX2 JIANGSU-IMX2 Datasheet
5Mb / 4P
   DUAL TRANSISTOR (NPNNPN)
UMX2N JIANGSU-UMX2N Datasheet
1Mb / 3P
   DUAL TRANSISTOR (NPNNPN)
logo
Rectron Semiconductor
MMDT3904 RECTRON-MMDT3904 Datasheet
263Kb / 5P
   DUAL TRANSISTOR (NPNNPN)
logo
Jiangsu Changjiang Elec...
MMDT3904 JIANGSU-MMDT3904 Datasheet
1Mb / 4P
   DUAL TRANSISTOR (NPNNPN)
EMX1 JIANGSU-EMX1 Datasheet
3Mb / 4P
   DUAL TRANSISTOR(NPNNPN)
BC847BV JIANGSU-BC847BV Datasheet
3Mb / 3P
   DUAL TRANSISTOR(NPN NPN)
EMX18 JIANGSU-EMX18 Datasheet
776Kb / 3P
   DUAL TRANSISTOR(NPNNPN)
UMX3N JIANGSU-UMX3N Datasheet
3Mb / 4P
   DUAL TRANSISTOR (NPNNPN)
UMX18N JIANGSU-UMX18N Datasheet
1Mb / 3P
   DUAL TRANSISTOR (NPNNPN)
BC846S JIANGSU-BC846S Datasheet
2Mb / 4P
   DUAL TRANSISTOR (NPNNPN)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com