Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX16955AUV Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX16955AUV
Description  36V, 1MHz Step-Down Controller with Low Operating Current
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16955AUV Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX16955AUV Datasheet HTML 7Page - Maxim Integrated Products MAX16955AUV Datasheet HTML 8Page - Maxim Integrated Products MAX16955AUV Datasheet HTML 9Page - Maxim Integrated Products MAX16955AUV Datasheet HTML 10Page - Maxim Integrated Products MAX16955AUV Datasheet HTML 11Page - Maxim Integrated Products MAX16955AUV Datasheet HTML 12Page - Maxim Integrated Products MAX16955AUV Datasheet HTML 13Page - Maxim Integrated Products MAX16955AUV Datasheet HTML 14Page - Maxim Integrated Products MAX16955AUV Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
36V, 1MHz Step-Down Controller
with Low Operating Current
______________________________________________________________________________________
11
Functional Diagram
MAX16955
EN
LDO
REF
BIAS
OSC
BUCK
CONTROLLER
SUP
BST
SWITCH
BST
EN
SGND
PGOOD
FB
COMP
EA
CS
ZX
UG
LG
PWM
ILIM
EAFB
REF
DH
LX
BIAS
PGND
DL
CLK
FOSC
MODE
SYNC
FSYNC
MODE
CS
OUT
SGND
FBI


Similar Part No. - MAX16955AUV

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16955 MAXIM-MAX16955 Datasheet
946Kb / 8P
   400kHz Switching Frequency
Rev 1; 1/12
MAX16955EVKIT MAXIM-MAX16955EVKIT Datasheet
946Kb / 8P
   400kHz Switching Frequency
Rev 1; 1/12
MAX16955 MAXIM-MAX16955_12 Datasheet
2Mb / 26P
   36V, 1MHz Step-Down Controller with Low Operating Current
Rev 1; 9/12
More results

Similar Description - MAX16955AUV

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16955 MAXIM-MAX16955_12 Datasheet
2Mb / 26P
   36V, 1MHz Step-Down Controller with Low Operating Current
Rev 1; 9/12
MAX16952 MAXIM-MAX16952 Datasheet
1Mb / 24P
   36V, 2.2MHz Step-Down Controller with Low Operating Current
Rev 1; 10/12
MAX16909 MAXIM-MAX16909_12 Datasheet
2Mb / 18P
   36V, 220kHz to 1MHz Step-Down Converter with Low Operating Current
Rev 2; 8/12
MAX16909 MAXIM-MAX16909 Datasheet
2Mb / 18P
   36V, 220kHz to 1MHz Step-Down Converter with Low Operating Current
Rev 0; 3/11
MAX16909 MAXIM-MAX16909_V01 Datasheet
1Mb / 20P
   36V, 220kHz to 1MHz Step-Down Converter with Low Operating Current
2017
MAX16907 MAXIM-MAX16907 Datasheet
2Mb / 17P
   36V, 2.2MHz Step-Down Converter with Low Operating Current
Rev 0; 3/11
MAX16907 MAXIM-MAX16907_V01 Datasheet
1Mb / 18P
   36V, 2.2MHz Step-Down Converter with Low Operating Current
2017
MAX16977 MAXIM-MAX16977 Datasheet
2Mb / 17P
   36V, 2A, 2.2MHz Step-Down Converter with Low Operating Current
Rev 0; 5/11
MAX16977 MAXIM-MAX16977_V01 Datasheet
1Mb / 18P
   36V, 2A, 2.2MHz Step-Down Converter with Low Operating Current
2017
logo
Monolithic Power System...
MP2452 MPS-MP2452 Datasheet
478Kb / 16P
   1A, 36V, 1MHz Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com