Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STK4050V Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # STK4050V
Description  AF Power Amplifier (Split Power Supply) (200 W min, THD = 0.08%)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK4050V Datasheet(HTML) 1 Page - Sanyo Semicon Device

  STK4050V Datasheet HTML 1Page - Sanyo Semicon Device STK4050V Datasheet HTML 2Page - Sanyo Semicon Device STK4050V Datasheet HTML 3Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Features
• Compact packaging supports slimmer set designs
• Series designed from 20 up to 100 W (200 W) and pin-
compatibility (120 to 200 W have 18 pins)
• Simpler heat sink design facilitates thermal design of
slim stereo sets
• Current mirror circuit application reduce distortion to
0.08 %
• Supports addition of electronic circuits for thermal
shutdown and load-short protection circuit as well as
pop noise muting which occurs when the power supply
switch is turned on and off.
Package Dimensions
unit: mm
4051A
Specifications
Maximum Ratings at Ta = 25°C
Recommended Operational Conditions at Ta = 25°C
Operating Characteristics
at Ta = 25°C, VCC = ± 66 V, RL = 8 Ω, VG = 40 dB, Rg = 600 Ω, 100 k LPF ON, RL (non-inductive)
Note: Use rated power supply for test unless otherwise specified.
Output noise voltage represents the peak value on the rms scale (VTVM). The noise voltage waveform does not include the pulse noise.
Thick Film Hybrid IC
Ordering number : EN4592A
N3096HA (OT)/O2093YO 5-2612 No. 4592-1/3
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110 JAPAN
AF Power Amplifier (Split Power Supply)
(200 W min, THD = 0.08%)
STK4050V
Parameter
Symbol
Condition
Rating
Unit
Maximum supply voltage
VCC max
±95
V
Thermal resistance
θj-c
0.95
°C/W
Junction temperature
Tj
150
°C
Operating substrate temperature
Tc
125
°C
Storage temperature
Tstg
–30 to +125
°C
Parameter
Symbol
Condition
Rating
Unit
Recommended supply voltage
VCC
±66
V
Load resistance
RL
8
Parameter
Symbol
Condition
Rating
Unit
min
typ
max
Quiescent current
ICCO
VCC = ± 80 V
15
120
mA
Output power
PO
THD = 0.08 %, f = 20 Hz to 20 kHz
200
W
Total harmonic distortion
THD
PO = 1.0 W, f = 1 kHz
0.08
%
Frequency response
fL, fH
PO = 1.0 W,
dB
20 to 50k
Hz
Input resistance
ri
PO = 1.0 W, f = 1 kHz
55
k
Output noise voltage
VNO
VCC = ± 80 V, Rg = 10 kΩ
1.2
mVrms
Neutral voltage
VN
VCC = ± 80 V
–70
0
+ 70
mV
+ 0
– 3
[STK4050V]


Similar Part No. - STK4050V

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STK4050V ETC1-STK4050V Datasheet
1Mb / 19P
   Features of the IMST Hybird ICs
More results

Similar Description - STK4050V

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK4044V SANYO-STK4044V Datasheet
254Kb / 7P
   AF Power Amplifier (Split Power Supply) (100 W min, THD = 0.08%)?
STK4036V SANYO-STK4036V Datasheet
266Kb / 9P
   AF Power Amplifier (Split Power Supply) (50 W min, THD = 0.08%)?
STK4046V SANYO-STK4046V Datasheet
50Kb / 3P
   AF Power Amplifier (Split Power Supply) (120 W min, THD = 0.08%)
STK4026V SANYO-STK4026V Datasheet
257Kb / 9P
   AF Power Amplifier (Split Power Supply) (25 W min, THD = 0.08%)???
STK4028V SANYO-STK4028V Datasheet
255Kb / 9P
   AF Power Amplifier (Split Power Supply) (30 W min, THD = 0.08%)?
STK4024V SANYO-STK4024V Datasheet
328Kb / 5P
   AF Power Amplifier (Split Power Supply) (20 W min, THD = 0.08%)
STK4040V SANYO-STK4040V Datasheet
261Kb / 9P
   AF Power Amplifier (Split Power Supply) (70 W min, THD = 0.08%)?
STK4042V SANYO-STK4042V Datasheet
297Kb / 5P
   AF Power Amplifier (Split Power Supply) (80 W min, THD = 0.08%)?
STK4131V SANYO-STK4131V Datasheet
51Kb / 3P
   AF Power Amplifier (Split Power Supply) (20 W 20 W min, THD = 0.08%)
STK4121V SANYO-STK4121V Datasheet
59Kb / 3P
   AF Power Amplifier (Split Power Supply) (15 W 15 W min, THD = 0.08 %)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com