Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SDR939 Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # SDR939
Description  ULTRA FAST RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SDR939 Datasheet(HTML) 2 Page - Solid States Devices, Inc

  SDR939 Datasheet HTML 1Page - Solid States Devices, Inc SDR939 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RU0075C
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, CA 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SDR937/61
thru
SDR9312/61
Electrical Characteristics
Symbol
Typical
Maximum
Units
Instantaneous Forward Voltage Drop
(TA = 25°C, 300µs pulse)
IF = 15ADC
IF = 30ADC
VF1
VF2
1.8
2.0
2.0
2.2
VDC
Instantaneous Forward Voltage Drop
(TA = 125°C, 300µs pulse)
IF = 15ADC
VF3
1.4
1.5
VDC
Instantaneous Forward Voltage Drop
(TA = -55°C, 300µs pulse)
IF = 15ADC
VF4
1.85
2.1
VDC
Reverse Leakage Current
(Rated VR, TA = 25°C, 300µs pulse minimum)
IR1
20
100
µA
Reverse Leakage Current
(Rated VR, TA = 125°C, 300µs pulse minimum)
IR2
10
25
mA
Junction Capacitance
(TA = 25°C, f = 1MHz)
VR = 10VDC
CJ
80
100
pf
Reverse Recovery Time
(IF = 500mA, IR = 1 Amp, IRR = 250mA, TA = 25°C)
(IF = 10A, dIF/dt = 100A/µs)
tRR1
tRR2
45
70
60
100
nsec
CASE OUTLINE: 2 Pin TO-61
PIN OUT:
PIN 1: CATHODE
PIN 2: ANODE


Similar Part No. - SDR939

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SDR939 SSDI-SDR939 Datasheet
218Kb / 2P
   30 AMP 600-900 VOLTS 80 nsec ULTRA FAST RECTIFIER
SDR939 SSDI-SDR939 Datasheet
99Kb / 2P
   30 Amp ULTRA FAST RECTIFIER 700 - 1200 Volt 60 nsec
SDR939/3 SSDI-SDR939/3 Datasheet
209Kb / 2P
   30 AMP 600-900 VOLTS 80 nsec ULTRA FAST RECTIFIER
SDR939/61 SSDI-SDR939/61 Datasheet
217Kb / 2P
   30 AMP 600-900 VOLTS 80 nsec ULTRA FAST RECTIFIER
SDR939CT/3 SSDI-SDR939CT/3 Datasheet
215Kb / 2P
   15 AMP 50-800 VOLTS 45-60nsec ULTRA FAST RECTIFIER
More results

Similar Description - SDR939

ManufacturerPart #DatasheetDescription
logo
Shenzhen Ping Sheng Ele...
UF5400 PFS-UF5400 Datasheet
170Kb / 2P
   ULTRA FAST RECTIFIER
logo
Solid States Devices, I...
SDR6K SSDI-SDR6K_2 Datasheet
112Kb / 2P
   ULTRA FAST RECTIFIER
RC0146C SSDI-RC0146C_15 Datasheet
107Kb / 2P
   Ultra Fast Rectifier
RU0019D SSDI-RU0019D_15 Datasheet
153Kb / 2P
   Ultra Fast Rectifier
RU0085 SSDI-RU0085_15 Datasheet
313Kb / 2P
   ULTRA FAST RECTIFIER
RU0121D SSDI-RU0121D_15 Datasheet
46Kb / 2P
   ULTRA FAST RECTIFIER
RU0143D SSDI-RU0143D_15 Datasheet
95Kb / 2P
   ULTRA FAST RECTIFIER
RC0135A SSDI-RC0135A Datasheet
112Kb / 2P
   ULTRA FAST RECTIFIER
RC0164A SSDI-RC0164A Datasheet
138Kb / 2P
   ULTRA FAST RECTIFIER
RU0143D SSDI-RU0143D Datasheet
95Kb / 2P
   ULTRA FAST RECTIFIER
RC0065 SSDI-RC0065_15 Datasheet
48Kb / 2P
   ULTRA FAST RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com