Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SDR937-61 Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SDR937-61
Description  ULTRA FAST RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SDR937-61 Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SDR937-61 Datasheet HTML 1Page - Solid States Devices, Inc SDR937-61 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RU0075C
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, CA 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Designer’s Data Sheet
Part Number/Ordering Information 1/
SDR93__ __ __
Screening 2/ __ = Not Screened
TX = TX Level
TXV = TXV Level
S = S Level
Package
/61 = TO-61
Family/Voltage
7 = 700V
8 = 800V
9 = 900V
10 = 1000V
11 = 1100V
12 = 1200V
SDR937/61
thru
SDR9312/61
30 Amp
ULTRA FAST RECTIFIER
700 – 1200 Volt
60 nsec
Features:
Soft recovery diode
Ultra fast recovery: 60 nsec maximum
Available with faster recovery
High surge rating
Low reverse leakage current
Low junction capacitance
Hermetically sealed package
Gold eutectic die attach available
Ultrasonic aluminum wire bonds
TX, TXV, and S-level screening available –
Contact factory
2/
Maximum Ratings
Symbol
Value
Units
Peak Repetitive Reverse
and DC Blocking Voltage
SDR937
SDR938
SDR939
SDR9310
SDR9311
SDR9312
VRRM
VRWM
VR
700
800
900
1000
1100
1200
Volts
Average Rectified Forward Current
(Resistive Load, 60 Hz, Sine Wave, TA = 25°C)
Io
30
Amps
Peak Surge Current
(8.3 ms Pulse, Half Sine Wave, TA = 25°C)
IFSM
450
Amps
Operating & Storage Temperature
TOP & TSTG
-65 to +200
°C
Maximum Thermal Resistance
Junction to Case
RJC
1.3
°C/W
Notes:
1/ For ordering information, price, operating curves, and availability - contact factory.
2/ Screening based on MIL-PRF-19500. Screening flows available on request.
TO-61


Similar Part No. - SDR937-61

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SDR937 SSDI-SDR937 Datasheet
218Kb / 2P
   30 AMP 600-900 VOLTS 80 nsec ULTRA FAST RECTIFIER
SDR937 SSDI-SDR937 Datasheet
99Kb / 2P
   30 Amp ULTRA FAST RECTIFIER 700 - 1200 Volt 60 nsec
SDR937/3 SSDI-SDR937/3 Datasheet
209Kb / 2P
   30 AMP 600-900 VOLTS 80 nsec ULTRA FAST RECTIFIER
SDR937/61 SSDI-SDR937/61 Datasheet
217Kb / 2P
   30 AMP 600-900 VOLTS 80 nsec ULTRA FAST RECTIFIER
SDR93761 SSDI-SDR93761 Datasheet
99Kb / 2P
   30 Amp ULTRA FAST RECTIFIER 700 - 1200 Volt 60 nsec
More results

Similar Description - SDR937-61

ManufacturerPart #DatasheetDescription
logo
Shenzhen Ping Sheng Ele...
UF5400 PFS-UF5400 Datasheet
170Kb / 2P
   ULTRA FAST RECTIFIER
logo
Solid States Devices, I...
SDR6K SSDI-SDR6K_2 Datasheet
112Kb / 2P
   ULTRA FAST RECTIFIER
RC0146C SSDI-RC0146C_15 Datasheet
107Kb / 2P
   Ultra Fast Rectifier
RU0019D SSDI-RU0019D_15 Datasheet
153Kb / 2P
   Ultra Fast Rectifier
RU0085 SSDI-RU0085_15 Datasheet
313Kb / 2P
   ULTRA FAST RECTIFIER
RU0121D SSDI-RU0121D_15 Datasheet
46Kb / 2P
   ULTRA FAST RECTIFIER
RU0143D SSDI-RU0143D_15 Datasheet
95Kb / 2P
   ULTRA FAST RECTIFIER
RC0135A SSDI-RC0135A Datasheet
112Kb / 2P
   ULTRA FAST RECTIFIER
RC0164A SSDI-RC0164A Datasheet
138Kb / 2P
   ULTRA FAST RECTIFIER
RU0143D SSDI-RU0143D Datasheet
95Kb / 2P
   ULTRA FAST RECTIFIER
RC0065 SSDI-RC0065_15 Datasheet
48Kb / 2P
   ULTRA FAST RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com