Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SDR50U110 Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # SDR50U110
Description  Ultra Fast Recovery Rectifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SDR50U110 Datasheet(HTML) 2 Page - Solid States Devices, Inc

  SDR50U110 Datasheet HTML 1Page - Solid States Devices, Inc SDR50U110 Datasheet HTML 2Page - Solid States Devices, Inc SDR50U110 Datasheet HTML 3Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RU0117E
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SDR50U080 thru SDR50U120
Series
Electrical Characteristics
Symbol
Typ
Max
Units
Instantaneous Forward Voltage Drop
(TA = 25ºC, 300 μsec pulse)
IF = 20Adc
IF = 50Adc
IF = 100Adc
VF1
1.60
1.75
1.90
--
1.9
2.3
Volts
Instantaneous Forward Voltage Drop
TA = -55ºC
TA = -55ºC
TA = 100ºC
TA = 100ºC
IF = 20Adc
IF = 50Adc
IF = 20Adc
IF = 50Adc
VF2
1.65
1.80
1.30
1.55
--
1.95
--
1.7
Volts
Reverse Leakage Current
(Rated VR, TA = 25ºC, 300 μsec pulse minimum)
IR1
50
100
μA
Reverse Leakage Current
(Rated VR, TA = 100ºC, 300 μsec pulse minimum)
(Rated VR, TA = 125ºC, 300 μsec pulse minimum)
(Rated VR, TA = 150ºC, 300 μsec pulse minimum)
IR2
2.50
8.0
23
10
--
--
mA
Junction Capacitance
(VR = 5 Vdc, TA = 25ºC, f = 1MHz)
(VR = 10 Vdc, TA = 25ºC, f = 1MHz)
CJ
95
90
--
150
pF
Reverse Recovery Time
(IF = 500 mA, IR = 1A, IRR = 0.25A)
(IF = 500 mA, IR = 1A, IRR = 0.25A)
(IF = 10 A, dIF /dt = 100A/us)
(IF = 10 A, dIF /dt = 100A/us)
(IF = 10 A, dIF /dt = 100A/us)
(IF = 10 A, dIF /dt = 100A/us)
TA = 25ºC
TA = 100ºC
TA = 25ºC
TA = 25ºC
TA = 100ºC
TA = 100ºC
trr1
trr2
trr3
IRM3
trr4
IRM4
45
110
55
4.0
140
7.0
50
--
--
--
--
--
nsec
nsec
nsec
A
nsec
A


Similar Part No. - SDR50U110

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SDR504 ETC-SDR504 Datasheet
324Kb / 6P
   ULTRA FAST RECOVERY RECTIFIER 400-1000 VOLTS
logo
Solid States Devices, I...
SDR504 SSDI-SDR504 Datasheet
200Kb / 2P
   50 AMP 50-800 VOLTS 45-60nsec ULTRA FAST RECTIFIER
SDR504 SSDI-SDR504 Datasheet
101Kb / 2P
   ULTRA FAST RECOVERY RECTIFIER
SDR504 SSDI-SDR504_1 Datasheet
101Kb / 2P
   ULTRA FAST RECOVERY RECTIFIER
SDR506 SSDI-SDR506 Datasheet
200Kb / 2P
   50 AMP 50-800 VOLTS 45-60nsec ULTRA FAST RECTIFIER
More results

Similar Description - SDR50U110

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SDR6304 SSDI-SDR6304 Datasheet
72Kb / 2P
   Ultra Fast Recovery Rectifier
SDR504 SSDI-SDR504_1 Datasheet
101Kb / 2P
   ULTRA FAST RECOVERY RECTIFIER
SDR30U080J SSDI-SDR30U080J Datasheet
91Kb / 2P
   Ultra Fast Recovery Rectifier
RC0039F SSDI-RC0039F Datasheet
120Kb / 2P
   ULTRA FAST RECOVERY RECTIFIER
logo
Microsemi Corporation
UF110 MICROSEMI-UF110 Datasheet
91Kb / 2P
   ULTRA FAST RECOVERY RECTIFIER
UF130 MICROSEMI-UF130 Datasheet
89Kb / 2P
   ULTRA FAST RECOVERY RECTIFIER
UF310 MICROSEMI-UF310 Datasheet
160Kb / 2P
   ULTRA FAST RECOVERY RECTIFIER
UF330 MICROSEMI-UF330 Datasheet
94Kb / 2P
   ULTRA FAST RECOVERY RECTIFIER
UFR8510 MICROSEMI-UFR8510 Datasheet
123Kb / 2P
   ULTRA FAST RECOVERY RECTIFIER
logo
Fairchild Semiconductor
FFPF15U40S FAIRCHILD-FFPF15U40S Datasheet
77Kb / 4P
   ULTRA FAST RECOVERY RECTIFIER
logo
List of Unclassifed Man...
SDR622 ETC-SDR622 Datasheet
80Kb / 2P
   ULTRA FAST RECOVERY RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com