Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX6519UKP115 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX6519UKP115
Description  Low-Cost, 2.7V to 5.5V, Analog Temperature Sensor Switches in a SOT23
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6519UKP115 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX6519UKP115 Datasheet HTML 1Page - Maxim Integrated Products MAX6519UKP115 Datasheet HTML 2Page - Maxim Integrated Products MAX6519UKP115 Datasheet HTML 3Page - Maxim Integrated Products MAX6519UKP115 Datasheet HTML 4Page - Maxim Integrated Products MAX6519UKP115 Datasheet HTML 5Page - Maxim Integrated Products MAX6519UKP115 Datasheet HTML 6Page - Maxim Integrated Products MAX6519UKP115 Datasheet HTML 7Page - Maxim Integrated Products MAX6519UKP115 Datasheet HTML 8Page - Maxim Integrated Products MAX6519UKP115 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Low-Cost, 2.7V to 5.5V, Analog Temperature
Sensor Switches in a SOT23
4
_______________________________________________________________________________________
Pin Description
STARTUP AND POWER-DOWN
(TEMP < TTH)
MAX6516 toc10
VCC (5V/div)
TOVER (5V/div)
VOUT (5V/div)
200
μs/div
MAX6516 toc11
STARTUP DELAY
(TEMP > TTH)
VCC (5V/div)
TOVER (5V/div)
VOUT (5V/div)
200
μs/div
Typical Operating Characteristics (continued)
(VCC = 5V, TA = +25°C, unless otherwise noted.)
PIN
MAX6516
MAX6517
MAX6518
MAX6519
NAME
FUNCTION
1
1
3
3
OUT
Analog Output. Voltage represents the die’s temperature.
2
2
2
2
GND
Ground
3
3
1
1
HYST
Hysteresis Input. Connect to VCC for 2
°C of hysteresis or to GND for
10
°C hysteresis.
44
4
4
VCC
Input Supply. Bypass to ground with a 0.1µF capacitor.
5
5
TOVER
Push-Pull Active-High Output (Hot Threshold). TOVER goes high when
the die temperature exceeds the factory-programmed hot temperature
threshold.
—5—
5
TOVER
Open-Drain, Active-Low Output (Hot Threshold). TOVER goes low
when the die temperature exceeds the factory-programmed hot
temperature threshold. Connect to a 100k
Ω pullup resistor. May be
pulled up to a voltage higher than VCC.
5
5
TUNDER
Push-Pull Active-High Output (Cold Threshold). TUNDER goes high
when the die temperature falls below the factory-programmed cold
temperature threshold.
—5—
5
TUNDER
Open-Drain, Active-Low Output (Cold Threshold). TUNDER goes low
when the die temperature goes below the factory-programmed cold
temperature threshold. Connect to a 100k
Ω pullup resistor. May be
pulled up to a voltage higher than VCC.


Similar Part No. - MAX6519UKP115

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6519UK MAXIM-MAX6519UK Datasheet
212Kb / 10P
   Low-Cost, 2.7V to 5.5V, Analog Temperature Sensor Switches in a SOT23
Rev 0; 11/03
More results

Similar Description - MAX6519UKP115

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6516 MAXIM-MAX6516 Datasheet
212Kb / 10P
   Low-Cost, 2.7V to 5.5V, Analog Temperature Sensor Switches in a SOT23
Rev 0; 11/03
MAX6514 MAXIM-MAX6514_11 Datasheet
192Kb / 8P
   Low-Cost, 2.7V to 5.5V Temperature Switches in a SOT23
Rev 1; 2/11
MAX6514 MAXIM-MAX6514 Datasheet
266Kb / 8P
   Low-Cost, 2.7V to 5.5V Temperature Switches in a SOT23
Rev 0; 1/04
MAX6501 MAXIM-MAX6501_V01 Datasheet
294Kb / 9P
   Low-Cost, 2.7V to 5.5V, Micropower Temperature Switches in SOT23
2011
MAX6501 MAXIM-MAX6501 Datasheet
397Kb / 8P
   Low-Cost, 2.7V to 5.5V, Micropower Temperature Switches in SOT23 and TO-220
Rev 2; 11/99
logo
Exar Corporation
CLC1005 EXAR-CLC1005 Datasheet
2Mb / 19P
   Low Cost, 2.7V to 5.5V, 260MHz Rail-to-Rail Amplifiers
logo
Cadeka Microcircuits LL...
AD8052LV CADEKA-AD8052LV Datasheet
3Mb / 14P
   Low Cost, 2.7V to 5.5V, 260MHz Rail-to-Rail Amplifier
CLC2005 CADEKA-CLC2005 Datasheet
2Mb / 13P
   Dual, Low Cost, 2.7V to 5.5V, 260MHz Rail-to-Rail Amplifier
logo
Maxim Integrated Produc...
MAX4647 MAXIM-MAX4647_07 Datasheet
220Kb / 9P
   25Ω SPST Analog Switches in SOT23-6
Rev 1; 1/07
MAX15108EVKIT MAXIM-MAX15108EVKIT Datasheet
1Mb / 8P
   Operates from a 2.7V to 5.5V Input Supply
Rev 0; 8/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com