Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX16903RATB Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX16903RATB
Description  2.1MHz, High-Voltage, 1A Mini-Buck Converter Thermal Shutdown Protection
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16903RATB Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX16903RATB Datasheet HTML 1Page - Maxim Integrated Products MAX16903RATB Datasheet HTML 2Page - Maxim Integrated Products MAX16903RATB Datasheet HTML 3Page - Maxim Integrated Products MAX16903RATB Datasheet HTML 4Page - Maxim Integrated Products MAX16903RATB Datasheet HTML 5Page - Maxim Integrated Products MAX16903RATB Datasheet HTML 6Page - Maxim Integrated Products MAX16903RATB Datasheet HTML 7Page - Maxim Integrated Products MAX16903RATB Datasheet HTML 8Page - Maxim Integrated Products MAX16903RATB Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
2.1MHz, High-Voltage, 1A Mini-Buck Converter
_______________________________________________________________________________________
3
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VSUP = +14V, TA = TJ = -40°C to +125°C, unless otherwise noted. Typical values are at TA = +25°C, unless otherwise noted.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Note 1: Package thermal resistances were obtained using the method described in JEDEC specification JESD51-7, using a four-
layer board. For detailed information on package thermal considerations, refer to www.maxim-ic.com/thermal-tutorial.
(Voltages referenced to GND.)
SUP, EN..................................................................-0.3V to +42V
BST to LX..................................................................-0.3V to +6V
LX..............................................................-0.3V to (VSUP + 0.3V)
BST .........................................................................-0.3V to +47V
OUTS ......................................................................-0.3V to +12V
SYNC, PGOOD, BIAS............................................-0.3V to +6.0V
PGND to GND .......................................................-0.3V to +0.3V
LX Continuous RMS Current .................................................1.5A
OUTS Short-Circuit Duration ......................................Continuous
ESD Protection
Human Body Model .........................................................±2kV
Machine Model ..............................................................±200V
Continuous Power Dissipation (TA = +70°C)
TDFN (derate 24.4 mW/°C above +70°C)......................1951mW
TSSOP (derate 26.1 mW/°C above +70°C) ...................2089mW
Operating Temperature Range .........................-40°C to +125°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
Soldering Temperature (reflow) .......................................+260°C
PACKAGE THERMAL CHARACTERISTICS (Note 1)
TDFN
Junction-to-Ambient Thermal Resistance (
θJA) ...........41°C/W
Junction-to-Case Thermal Resistance (
θJC) ..................9°C/W
TSSOP
Junction-to-Ambient Thermal Resistance (
θJA) ........38.3°C/W
Junction-to-Case Thermal Resistance (
θJC) ..................3°C/W
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
(Note 2)
3.5
28
Supply Voltage Range
VSUP
t < 1s
42
V
EN = low
4
8
EN = high, no load
25
35
μA
Supply Current
ISUP
EN = high, continuous, no switching
1
mA
VUVLO
Bias rising
2.8
3
3.2
UV Lockout
VUVLO,HYS Hysteresis
0.4
V
Bias Voltage
VBIAS
+5.5V
VSUP
+42V
5
V
Bias Current Limit
IBIAS
10
mA
BUCK CONVERTER
VOUT = 5V, fixed frequency
-2.0%
5
+2.5%
VOUT,5V
VOUT = 5V, SKIP mode (Note 3)
-2.0%
5
+4%
VOUT = 3.3V, fixed frequency
-2.0%
3.3
+2.5%
VOUT,3.3V
VOUT = 3.3V, SKIP mode (Note 3)
6V
VSUP
18V,
ILOAD = 0 to 1A,
TA = 0°C to
+125°C
-2.0%
3.3
+4%
VOUT = 5V, fixed frequency
-3.0%
5
+2.5%
VOUT,5V
VOUT = 5V, SKIP mode (Note 3)
-3.0%
5
+4%
VOUT = 3.3V, fixed frequency
-3.0%
3.3
+2.5%
Voltage Accuracy
VOUT,3.3V
VOUT = 3.3V, SKIP mode (Note 3)
6V
VSUP
18V,
ILOAD = 0 to 1A,
TA = -40°C to
+125°C
-3.0%
3.3
+4%
V


Similar Part No. - MAX16903RATB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16903RATB__/V++ MAXIM-MAX16903RATB__/V+ Datasheet
719Kb / 15P
   2.1MHz, High-Voltage, 1A Mini-Buck Converter
2017
More results

Similar Description - MAX16903RATB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16904 MAXIM-MAX16904 Datasheet
836Kb / 14P
   2.1MHz, High-Voltage, 600mA Mini-Buck Converter Thermal Shutdown Protection
Rev 2; 3/11
MAX16903 MAXIM-MAX16903_13 Datasheet
1Mb / 14P
   2.1MHz, High-Voltage, 1A Mini-Buck Converter
Rev 4; 4/13
MAX16903 MAXIM-MAX16903_V01 Datasheet
719Kb / 15P
   2.1MHz, High-Voltage, 1A Mini-Buck Converter
2017
MAX16904_V5 MAXIM-MAX16904_V5 Datasheet
496Kb / 14P
   2.1MHz, High-Voltage, 600mA Mini-Buck Converter
Rev 5; 6/12
MAX16904 MAXIM-MAX16904_12 Datasheet
482Kb / 14P
   2.1MHz, High-Voltage, 600mA Mini-Buck Converter
Rev 4; 3/12
MAX16904 MAXIM-MAX16904_V01 Datasheet
973Kb / 15P
   2.1MHz, High-Voltage, 600mA Mini-Buck Converter
2018
MAX16904 MAXIM-MAX16904_13 Datasheet
533Kb / 15P
   2.1MHz, High-Voltage, 600mA Mini-Buck Converter
Rev 6; 4/13
logo
Unisonic Technologies
LR1198G-AE5-X-R UTC-LR1198G-AE5-X-R Datasheet
170Kb / 4P
   Thermal Shutdown Protection
logo
STMicroelectronics
A21SP16 STMICROELECTRONICS-A21SP16 Datasheet
862Kb / 37P
   Thermal shutdown protection
March 2014 Rev 1
logo
Skyworks Solutions Inc.
AAT4685 SKYWORKS-AAT4685 Datasheet
1Mb / 17P
   thermal shutdown protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com