Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX16814BUUP Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX16814BUUP
Description  Integrated, 4-Channel, High-Brightness LED Driver with High-Voltage DC-DC Controller
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16814BUUP Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX16814BUUP Datasheet HTML 2Page - Maxim Integrated Products MAX16814BUUP Datasheet HTML 3Page - Maxim Integrated Products MAX16814BUUP Datasheet HTML 4Page - Maxim Integrated Products MAX16814BUUP Datasheet HTML 5Page - Maxim Integrated Products MAX16814BUUP Datasheet HTML 6Page - Maxim Integrated Products MAX16814BUUP Datasheet HTML 7Page - Maxim Integrated Products MAX16814BUUP Datasheet HTML 8Page - Maxim Integrated Products MAX16814BUUP Datasheet HTML 9Page - Maxim Integrated Products MAX16814BUUP Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
6 ______________________________________________________________________________________
Integrated, 4-Channel, High-Brightness LED Driver
with High-Voltage Boost and SEPIC Controller
Typical Operating Characteristics (continued)
(VIN = VEN = 12V, fSW = 300kHz, RSETI = 15kI, CVCC = 1FF, VCC = VDRV, NDRV = COMP = OUT_ = unconnected, VOVP = VCS =
VLEDGND = VDIM = VPGND = VSGND = 0V, load =4 strings of 7 white LEDs, TA = +25NC, unless otherwise noted.)
VCC LINE REGULATION
VIN (V)
35
30
25
20
15
10
5.00
5.02
5.04
5.06
5.08
4.96
4.98
5
40
TA = +125NC
TA = +25NC
TA = -40NC
VCC LOAD REGULATION
IVCC (mA)
60
40
20
4.92
4.94
4.96
4.98
5.00
5.02
5.04
5.06
5.08
5.10
4.90
0
80
TA = -40NC
TA = +25NC
TA = +125NC
SWITCHING FREQUENCY vs. 1/RT
1/RT (mS)
0.26
0.22
0.14 0.18
0.10
0.06
0.20
0.40
0.60
0.80
1.00
1.20
1.40
1.60
1.80
2.00
0.02
0.30
STARTUP WAVEFORM WITH
DIM ON PULSE WIDTH < tSW
MAX16814 toc12
IOUT_
100mA/div
0A
VIN
20V/div
0V
VDIM
5V/div
0V
VLED
20V/div
0V
40ms/div
STARTUP WAVEFORM WITH DIM
ON PULSE WIDTH = 10tSW
MAX16814 toc13
IOUT1
100mA/div
VLED
10V/div
0V
0A
0V
VIN
20V/div
VDIM
5V/div
0V
40ms/div
FIGURE 2
STARTUP WAVEFORM WITH DIM
CONTINUOUSLY ON
MAX16814 toc14
IOUT1
100mA/div
VLED
10V/div
0V
0A
0V
0V
VIN
20V/div
VDIM
5V/div
40ms/div
FIGURE 2
MOSFET DRIVER ON-RESISTANCE
vs. TEMPERATURE
TEMPERATURE (NC)
100
75
50
25
0
-25
0.7
0.9
1.1
1.3
1.5
0.5
-50
125
pMOS
nMOS


Similar Part No. - MAX16814BUUP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16814BUUP++ MAXIM-MAX16814BUUP+ Datasheet
2Mb / 25P
   Integrated, 4-Channel, High-Brightness LED Driver with High-Voltage DC-DC Controller
Rev 2; 11/09
MAX16814BUUP++ MAXIM-MAX16814BUUP+ Datasheet
2Mb / 25P
   Integrated, 4-Channel, High-Brightness LED Driver with High-Voltage DC-DC Controller
Rev 3; 2/10
MAX16814BUUP++ MAXIM-MAX16814BUUP+ Datasheet
2Mb / 25P
   Integrated, 4-Channel, High-Brightness LED Driver with High-Voltage DC-DC Controller
Rev 7; 1/13
MAX16814BUUP++ MAXIM-MAX16814BUUP+ Datasheet
1Mb / 25P
   Integrated, 4-Channel, High-Brightness LED Driver with High-Voltage DC-DC Controller
Rev 10; 2/15
More results

Similar Description - MAX16814BUUP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16814 MAXIM-MAX16814_15 Datasheet
1Mb / 25P
   Integrated, 4-Channel, High-Brightness LED Driver with High-Voltage DC-DC Controller
Rev 10; 2/15
MAX16814 MAXIM-MAX16814 Datasheet
2Mb / 25P
   Integrated, 4-Channel, High-Brightness LED Driver with High-Voltage DC-DC Controller
Rev 2; 11/09
MAX16814 MAXIM-MAX16814_10 Datasheet
2Mb / 25P
   Integrated, 4-Channel, High-Brightness LED Driver with High-Voltage DC-DC Controller
Rev 3; 2/10
MAX16814 MAXIM-MAX16814_13 Datasheet
2Mb / 25P
   Integrated, 4-Channel, High-Brightness LED Driver with High-Voltage DC-DC Controller
Rev 7; 1/13
MAX16813B MAXIM-MAX16813B Datasheet
1Mb / 27P
   Integrated, 4-Channel, High-Brightness LED Driver with High-Voltage DC-DC Controller and Battery Disconnect
Rev 1; 1/18
MAX16813 MAXIM-MAX16813 Datasheet
1Mb / 27P
   Integrated, 4-Channel, High-Brightness LED Driver with High-Voltage DC-DC Controller and Battery Disconnect
Rev 4; 3/16
logo
Global Mixed-mode Techn...
G5994 GMT-G5994 Datasheet
42Kb / 1P
   4-Channels HB-LED Driver with High Voltage DC-DC Controller
logo
Shenzhen Huazhimei Semi...
HM9806 HMSEMI-HM9806 Datasheet
472Kb / 6P
   Low-voltage high-brightness LED driver chip (DC-DC)
HM9808 HMSEMI-HM9808 Datasheet
660Kb / 6P
   Low-voltage high-brightness LED driver chip (DC-DC)
logo
Maxim Integrated Produc...
MAX16838B MAXIM-MAX16838B Datasheet
907Kb / 21P
   Integrated, 2-Channel, High-Brightness LED Driver with High-Voltage Boost and SEPIC Controller
Rev 2; 3/16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com