Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX16839 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX16839
Description  High-Voltage, Linear High-Brightness LED Driver with Open-LED Fault Detect
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16839 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX16839 Datasheet HTML 1Page - Maxim Integrated Products MAX16839 Datasheet HTML 2Page - Maxim Integrated Products MAX16839 Datasheet HTML 3Page - Maxim Integrated Products MAX16839 Datasheet HTML 4Page - Maxim Integrated Products MAX16839 Datasheet HTML 5Page - Maxim Integrated Products MAX16839 Datasheet HTML 6Page - Maxim Integrated Products MAX16839 Datasheet HTML 7Page - Maxim Integrated Products MAX16839 Datasheet HTML 8Page - Maxim Integrated Products MAX16839 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
High-Voltage, Linear High-Brightness LED
Driver with Open-LED Fault Detect
_______________________________________________________________________________________ 3
ELECTRICAL CHARACTERISTICS (continued)
(VIN = 12V, VFLTS = 0V, RCS = 4.07I, VGND = 0V, DIM = unconnected, CIN = 0.1FF (Note 2), TJ = TA = -40NC to +125NC, unless
otherwise noted. Typical values are at TA = +25NC.) (Note 3)
Note 2: A 51I resistor is connected between SINK and a 6.5V supply to reduce power dissipation during the factory test.
Note 3: All devices are 100% production tested at TA = +25NC. Limits over temperature are guaranteed by design.
Note 4: Guaranteed by design and not production tested.
Note 5: Internal switch resistance is measured with ISINK = 0.95 x ISINK0 (ISINK0 is ISINK at VSINK = 0.9V).
Note 6: Supply turn-on delay will be measured by rising supply in 6Fs from GND to 12V, and measurement starts when VIN = 4V
(typical UVLO).
Note 7: DIM is kept high to avoid delay due to high capacitance from test setup. In applications, a 30FA pullup current charges
parasitic capacitance at DIM with negligible delay. Ensure that unnecessary capacitance is not added at DIM during the
PCB layout.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
FAULT EVENT STATUS MEMORY
FLTS Activation Threshold
VINTH
VIN rising, VCS = 0V
7
7.38
7.75
V
FLTS Activation Hysteresis
20
mV
LED Open Threshold
VCSO
25
30
35
mV
LED Open Blanking
TB
14
25
50
F
s
Fault Voltage
VFLTS
VIN = 40V, VCS = 0V, CFLTS = 0.1FF
12
15
18
V
FLTS Charge Current
ICFLTS
VCS P 25mV
0.65
2.8
4.8
mA
FLTS Discharge Current
VFLTS = 0.5V
2.25
5
7.25
F
A
FLTS Threshold To Turn Off LED
Current Sink
VFLTH
0.95
1.3
1.65
V
DIM LOGIC
Input High Voltage
VIH
2.1
V
Input Low Voltage
VIL
0.8
V
DIM Voltage Logic Hysteresis
VDIM_HYS
0.15
V
DIM Pullup Current
VDIM = 0V
10
30
60
F
A
DIM Pulldown Current
VDIM = 0.8V, VIN = 2.4V
0.385
1
1.5
mA
DIM Pulse Width
70
F
s
DIM Frequency
fDIM
10
kHz
LEAKAGE CURRENTS
SINK Leakage Current
VSINK = 40V, VDIM = 0V
1
F
A
FLTS Leakage Current
VFLTS = 8V, VIN = 0V
1
F
A
THERMAL SHUTDOWN
Thermal Shutdown Temperature
Temperature rising
160
N
C
Thermal Shutdown Hysteresis
15
N
C


Similar Part No. - MAX16839

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16839 MAXIM-MAX16839 Datasheet
1Mb / 11P
   High-Voltage, Linear High-Brightness LED Driver with Open-LED Fault Detect
Rev 1; 5/10
MAX16839ASA++ MAXIM-MAX16839ASA+ Datasheet
1Mb / 11P
   High-Voltage, Linear High-Brightness LED Driver with Open-LED Fault Detect
Rev 1; 5/10
MAX16839ATT++ MAXIM-MAX16839ATT+ Datasheet
1Mb / 11P
   High-Voltage, Linear High-Brightness LED Driver with Open-LED Fault Detect
Rev 1; 5/10
MAX16839EVKIT MAXIM-MAX16839EVKIT Datasheet
614Kb / 8P
   MAX16839 Evaluation Kit
Rev 1; 5/10
More results

Similar Description - MAX16839

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16839 MAXIM-MAX16839 Datasheet
1Mb / 11P
   High-Voltage, Linear High-Brightness LED Driver with Open-LED Fault Detect
Rev 1; 5/10
MAX16823 MAXIM-MAX16823_15 Datasheet
830Kb / 12P
   High-Voltage, 3-Channel Linear High-Brightness LED Driver with Open LED Detection
Rev 4; 8/15
MAX16823 MAXIM-MAX16823_09 Datasheet
193Kb / 12P
   High-Voltage, 3-Channel Linear High-Brightness LED Driver with Open LED Detection
Rev 3; 9/09
MAX16823 MAXIM-MAX16823_V01 Datasheet
770Kb / 12P
   High-Voltage, 3-Channel Linear High-Brightness LED Driver with Open LED Detection
2017
MAX16823 MAXIM-MAX16823_08 Datasheet
195Kb / 12P
   High-Voltage, 3-Channel Linear High-Brightness LED Driver with Open LED Detection
Rev 2; 10/08
MAX16823 MAXIM-MAX16823 Datasheet
315Kb / 13P
   High-Voltage, 3-Channel Linear High-Brightness LED Driver with Open LED Detection
Rev 1; 3/07
logo
Shanghai Consonance Ele...
CN5501 CONSONANCE-CN5501 Datasheet
344Kb / 9P
   High-Voltage, Linear High-Brightness LED Driver IC
CN5502 CONSONANCE-CN5502 Datasheet
349Kb / 9P
   High-Voltage, Linear High-Brightness LED Driver IC
logo
Maxim Integrated Produc...
MAX16800 MAXIM-MAX16800_09 Datasheet
182Kb / 8P
   High-Voltage, 350mA, Adjustable Linear High-Brightness LED (HB LED) Driver
Rev 1; 4/09
MAX16800 MAXIM-MAX16800 Datasheet
200Kb / 9P
   High-Voltage, 350mA, Adgustable Linear High-Brightness LED (HB LED) Driver
Rev 0; 8/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com