Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX16814BETP Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX16814BETP
Description  Integrated, 4-Channel, High-Brightness LED Driver with High-Voltage DC-DC Controller
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16814BETP Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX16814BETP Datasheet HTML 1Page - Maxim Integrated Products MAX16814BETP Datasheet HTML 2Page - Maxim Integrated Products MAX16814BETP Datasheet HTML 3Page - Maxim Integrated Products MAX16814BETP Datasheet HTML 4Page - Maxim Integrated Products MAX16814BETP Datasheet HTML 5Page - Maxim Integrated Products MAX16814BETP Datasheet HTML 6Page - Maxim Integrated Products MAX16814BETP Datasheet HTML 7Page - Maxim Integrated Products MAX16814BETP Datasheet HTML 8Page - Maxim Integrated Products MAX16814BETP Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
_______________________________________________________________________________________ 5
Integrated, 4-Channel, High-Brightness LED Driver
with High-Voltage Boost and SEPIC Controller
Typical Operating Characteristics
(VIN = VEN = 12V, fSW = 300kHz, RSETI = 15kI, CVCC = 1FF, VCC = VDRV, NDRV = COMP = OUT_ = unconnected, VOVP = VCS =
VLEDGND = VDIM = VPGND = VSGND = 0V, load = 4 strings of 7 white LEDs, TA = +25NC, unless otherwise noted.)
SUPPLY CURRENT
vs. SWITCHING FREQUENCY
fSW (kHz)
1600
1400
1200
1000
800
600
400
3.2
3.4
3.6
3.8
4.0
4.2
4.4
3.0
200
1800 2000
CNDRV = 13pF
VSETI vs. PROGRAMMED CURRENT
LED STRING CURRENT (mA)
124
98
72
46
1.229
1.230
1.231
1.232
1.233
1.234
1.228
20
150
SWITCHING WAVEFORM AT 5kHz
(50% DUTY CYCLE) DIMMING
MAX16814 toc01
IOUT1
100mA/div
VOUT
10V/div
0V
0A
0V
VLX
10V/div
40Fs/div
FIGURE 2
SWITCHING FREQUENCY
vs. TEMPERATURE
TEMPERATURE (NC)
100
75
25
50
0
-25
292
294
296
298
300
302
304
306
308
310
290
-50
125
EN THRESHOLD VOLTAGE
vs. TEMPERATURE
TEMPERATURE (NC)
100
75
50
25
0
-25
1.15
1.20
1.25
1.30
1.10
-50
125
VEN RISING
VEN FALLING
SUPPLY CURRENT vs. SUPPLY VOLTAGE
VIN (V)
40
35
30
25
20
15
10
2.6
2.8
3.0
3.2
3.4
3.6
3.8
2.4
5
45
CNDRV = 13pF
TA = +125NC
TA = +25NC
TA = -40NC
VSETI vs. TEMPERATURE
TEMPERATURE (NC)
100
75
50
25
0
-25
1.224
1.228
1.232
1.236
1.240
1.220
-50
125
EN LEAKAGE CURRENT
vs. TEMPERATURE
TEMPERATURE (NC)
100
75
50
25
0
-25
30
60
90
120
150
0
-50
125
VEN = 2.5V


Similar Part No. - MAX16814BETP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16814BETP++ MAXIM-MAX16814BETP+ Datasheet
2Mb / 25P
   Integrated, 4-Channel, High-Brightness LED Driver with High-Voltage DC-DC Controller
Rev 7; 1/13
MAX16814BETP++ MAXIM-MAX16814BETP+ Datasheet
1Mb / 25P
   Integrated, 4-Channel, High-Brightness LED Driver with High-Voltage DC-DC Controller
Rev 10; 2/15
More results

Similar Description - MAX16814BETP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16814 MAXIM-MAX16814_15 Datasheet
1Mb / 25P
   Integrated, 4-Channel, High-Brightness LED Driver with High-Voltage DC-DC Controller
Rev 10; 2/15
MAX16814 MAXIM-MAX16814 Datasheet
2Mb / 25P
   Integrated, 4-Channel, High-Brightness LED Driver with High-Voltage DC-DC Controller
Rev 2; 11/09
MAX16814 MAXIM-MAX16814_10 Datasheet
2Mb / 25P
   Integrated, 4-Channel, High-Brightness LED Driver with High-Voltage DC-DC Controller
Rev 3; 2/10
MAX16814 MAXIM-MAX16814_13 Datasheet
2Mb / 25P
   Integrated, 4-Channel, High-Brightness LED Driver with High-Voltage DC-DC Controller
Rev 7; 1/13
MAX16813B MAXIM-MAX16813B Datasheet
1Mb / 27P
   Integrated, 4-Channel, High-Brightness LED Driver with High-Voltage DC-DC Controller and Battery Disconnect
Rev 1; 1/18
MAX16813 MAXIM-MAX16813 Datasheet
1Mb / 27P
   Integrated, 4-Channel, High-Brightness LED Driver with High-Voltage DC-DC Controller and Battery Disconnect
Rev 4; 3/16
logo
Global Mixed-mode Techn...
G5994 GMT-G5994 Datasheet
42Kb / 1P
   4-Channels HB-LED Driver with High Voltage DC-DC Controller
logo
Shenzhen Huazhimei Semi...
HM9806 HMSEMI-HM9806 Datasheet
472Kb / 6P
   Low-voltage high-brightness LED driver chip (DC-DC)
HM9808 HMSEMI-HM9808 Datasheet
660Kb / 6P
   Low-voltage high-brightness LED driver chip (DC-DC)
logo
Maxim Integrated Produc...
MAX16838B MAXIM-MAX16838B Datasheet
907Kb / 21P
   Integrated, 2-Channel, High-Brightness LED Driver with High-Voltage Boost and SEPIC Controller
Rev 2; 3/16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com