Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX16838 Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX16838
Description  Integrated, 2-Channel, High-Brightness LED Driver with High-Voltage Boost and SEPIC Controller
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16838 Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX16838_11 Datasheet HTML 6Page - Maxim Integrated Products MAX16838_11 Datasheet HTML 7Page - Maxim Integrated Products MAX16838_11 Datasheet HTML 8Page - Maxim Integrated Products MAX16838_11 Datasheet HTML 9Page - Maxim Integrated Products MAX16838_11 Datasheet HTML 10Page - Maxim Integrated Products MAX16838_11 Datasheet HTML 11Page - Maxim Integrated Products MAX16838_11 Datasheet HTML 12Page - Maxim Integrated Products MAX16838_11 Datasheet HTML 13Page - Maxim Integrated Products MAX16838_11 Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
Integrated, 2-Channel, High-Brightness LED Driver
with High-Voltage Boost and SEPIC Controller
10 _____________________________________________________________________________________
Pin Description (continued)
PIN
NAME
FUNCTION
TQFN
TSSOP
16
19
DIM
Digital PWM Dimming Input
17
20
CS
Current-Sense Input. CS is the current-sense input for the switching regulator and is
also connected to the source of the internal power MOSFET. Connect a sense resistor
from CS to PGND to set the switching current limit.
18
1
DRAIN
Internal Switching MOSFET Drain Output
19
2
GATE
Internal Switching MOSFET Gate Input. Connect GATE to NDRV directly or through a
resistor to control the rise and fall times of the gate drive.
20
3
PGND
Power Ground. PGND is the high-switching current return path connection. Connect
SGND, LEDGND, and PGND at a single point.
EP
Exposed Pad. EP is internally connected to SGND. Connect EP to a large-area
contiguous ground plane for effective power dissipation. Connect EP to SGND.
Do not use as the only ground connection.


Similar Part No. - MAX16838_11

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16838 MAXIM-MAX16838_13 Datasheet
1Mb / 21P
   Integrated, 2-Channel, High-Brightness LED Driver with High-Voltage Boost and SEPIC Controller
Rev 3; 6/13
MAX16838 MAXIM-MAX16838_14 Datasheet
1Mb / 21P
   Integrated, 2-Channel, High-Brightness LED Driver
Rev 3; 6/13
More results

Similar Description - MAX16838_11

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16838B MAXIM-MAX16838B Datasheet
907Kb / 21P
   Integrated, 2-Channel, High-Brightness LED Driver with High-Voltage Boost and SEPIC Controller
Rev 2; 3/16
MAX16838 MAXIM-MAX16838_V01 Datasheet
686Kb / 21P
   Integrated, 2-Channel, High-Brightness LED Driver with High-Voltage Boost and SEPIC Controller
2016
MAX16838 MAXIM-MAX16838_13 Datasheet
1Mb / 21P
   Integrated, 2-Channel, High-Brightness LED Driver with High-Voltage Boost and SEPIC Controller
Rev 3; 6/13
MAX16838 MAXIM-MAX16838 Datasheet
1Mb / 21P
   Integrated, 2-Channel, High-Brightness LED Driver with High-Voltage Boost and SEPIC Controller
Rev 1; 12/09
MAX16807 MAXIM-MAX16807_09 Datasheet
224Kb / 19P
   Integrated 8-Channel LED Driver with Switch-Mode Boost and SEPIC Controller
Rev 2; 8/09
MAX16809 MAXIM-MAX16809_09 Datasheet
246Kb / 20P
   Integrated 16-Channel LED Driver with Switch-Mode Boost and SEPIC Controller
Rev 2; 8/09
MAX16838 MAXIM-MAX16838_14 Datasheet
1Mb / 21P
   Integrated, 2-Channel, High-Brightness LED Driver
Rev 3; 6/13
MAX16814 MAXIM-MAX16814_15 Datasheet
1Mb / 25P
   Integrated, 4-Channel, High-Brightness LED Driver with High-Voltage DC-DC Controller
Rev 10; 2/15
MAX16814 MAXIM-MAX16814_10 Datasheet
2Mb / 25P
   Integrated, 4-Channel, High-Brightness LED Driver with High-Voltage DC-DC Controller
Rev 3; 2/10
MAX16814 MAXIM-MAX16814_13 Datasheet
2Mb / 25P
   Integrated, 4-Channel, High-Brightness LED Driver with High-Voltage DC-DC Controller
Rev 7; 1/13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com