Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX15053 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX15053
Description  High-Efficiency, 2A, Current-Mode Synchronous, Step-Down Switching Regulator
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX15053 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX15053 Datasheet HTML 1Page - Maxim Integrated Products MAX15053 Datasheet HTML 2Page - Maxim Integrated Products MAX15053 Datasheet HTML 3Page - Maxim Integrated Products MAX15053 Datasheet HTML 4Page - Maxim Integrated Products MAX15053 Datasheet HTML 5Page - Maxim Integrated Products MAX15053 Datasheet HTML 6Page - Maxim Integrated Products MAX15053 Datasheet HTML 7Page - Maxim Integrated Products MAX15053 Datasheet HTML 8Page - Maxim Integrated Products MAX15053 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
High-Efficiency, 2A, Current-Mode
Synchronous, Step-Down Switching Regulator
4 ______________________________________________________________________________________
Typical Operating Characteristics
(VIN = 5V, VOUT = 1.8V, ILOAD = 2A, Circuit of Figure 5, TA = +25NC, unless otherwise noted.)
OUTPUT VOLTAGE
vs. OUTPUT CURRENT
1.89
1.87
1.85
1.83
1.81
1.79
1.77
1.75
OUTPUT CURRENT (A)
0
0.5
1.0
2.0
1.5
2.5
3.0
VOUT = 5V
VOUT = 3.3V
OUTPUT VOLTAGE
vs. SUPPLY VOLTAGE
1.89
1.87
1.85
1.83
1.81
1.79
1.77
1.75
SUPPLY VOLTAGE (V)
2.7
3.2
3.7
4.7
4.2
5.2
IOUT = 0.5A
SWITCHING FREQUENCY
vs. INPUT VOLTAGE
INPUT VOLTAGE (V)
920
940
960
980
1000
1020
1040
1060
1080
1100
900
2.7
3.2
3.7
4.7
4.2
5.2
EFFICIENCY vs. OUTPUT CURRENT
(SKIP MODE)
OUTPUT CURRENT (mA)
55
60
65
70
75
80
85
90
95
100
50
VIN = 3.3V
VOUT = 2.5V
VOUT = 1.5V
VOUT = 1.8V
VOUT = 1.2V
EFFICIENCY vs. OUTPUT CURRENT
(SKIP MODE)
OUTPUT CURRENT (mA)
55
60
65
70
75
80
85
90
95
100
50
VIN = 5V
VOUT = 3.3V
VOUT = 2.5V
VOUT = 1.5V
VOUT = 1.8V
VOUT = 1.2V
EFFICIENCY vs. OUTPUT CURRENT
(PWM MODE)
OUTPUT CURRENT (mA)
2000
1600
1200
800
400
55
60
65
70
75
80
85
90
95
100
50
0
2400
VOUT = 2.5V VOUT = 1.8V VOUT = 1.2V
VIN = 3.3V
VOUT = 1.5V
EFFICIENCY vs. OUTPUT CURRENT
(PWM MODE)
OUTPUT CURRENT (mA)
2000
1600
1200
800
400
55
60
65
70
75
80
85
90
95
100
50
0
2400
VOUT = 3.3V VOUT = 1.8V VOUT = 1.2V
VIN = 5V
VOUT = 2.5V VOUT = 1.5V


Similar Part No. - MAX15053

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15053 MAXIM-MAX15053 Datasheet
2Mb / 21P
   High-Efficiency, 2A, Current-Mode Synchronous, Step-Down Switching Regulator
Rev 0; 5/10
MAX15053 MAXIM-MAX15053 Datasheet
2Mb / 21P
   High-Efficiency, 2A, Current-Mode Synchronous, Step-Down Switching Regulator
Rev 2; 7/11
MAX15053EVKIT MAXIM-MAX15053EVKIT Datasheet
1,007Kb / 7P
   Enable Input/Power-Good Output
Rev 0; 5/10
MAX15053EVKIT++ MAXIM-MAX15053EVKIT+ Datasheet
1,007Kb / 7P
   Enable Input/Power-Good Output
Rev 0; 5/10
MAX15053EWL++ MAXIM-MAX15053EWL+ Datasheet
2Mb / 21P
   High-Efficiency, 2A, Current-Mode Synchronous, Step-Down Switching Regulator
Rev 0; 5/10
More results

Similar Description - MAX15053

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15053_1107 MAXIM-MAX15053_1107 Datasheet
2Mb / 21P
   High-Efficiency, 2A, Current-Mode Synchronous, Step-Down Switching Regulator
Rev 2; 7/11
MAX15053 MAXIM-MAX15053 Datasheet
2Mb / 21P
   High-Efficiency, 2A, Current-Mode Synchronous, Step-Down Switching Regulator
Rev 0; 5/10
MAX15053 MAXIM-MAX15053_V01 Datasheet
1Mb / 21P
   High-Efficiency, 2A, Current-Mode Synchronous, Step-Down Switching Regulator
2015
MAX15108 MAXIM-MAX15108 Datasheet
2Mb / 19P
   High-Efficiency, 8A, Current-Mode Synchronous Step-Down Switching Regulator
Rev 0; 6/11
MAX15108A MAXIM-MAX15108A Datasheet
1Mb / 16P
   High-Efficiency, 8A, Current-Mode Synchronous Step-Down Switching Regulator
Rev 1; 5/16
MAX15058 MAXIM-MAX15058_11 Datasheet
2Mb / 21P
   High-Efficiency, 3A, Current-Mode Synchronous, Step-Down Switching Regulator
Rev 2; 7/11
MAX15108 MAXIM-MAX15108_V01 Datasheet
1Mb / 19P
   High-Efficiency, 8A, Current-Mode Synchronous Step-Down Switching Regulator
2020
MAX15109 MAXIM-MAX15109 Datasheet
2Mb / 19P
   High-Efficiency, 8A, Current-Mode Synchronous Step-Down Switching Regulator
Rev 0; 6/11
MAX15058 MAXIM-MAX15058 Datasheet
2Mb / 21P
   High-Efficiency, 3A, Current-Mode Synchronous, Step-Down Switching Regulator
Rev 0; 12/10
logo
Analog Devices
MAX15106A AD-MAX15106A Datasheet
861Kb / 16P
   High-Efficiency, 6A, Current-Mode Synchronous Step-Down Switching Regulator
Rev 3 6/21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com