Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX11117 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX11117
Description  2Msps/3Msps, Low-Power, Serial 12-/10-/8-Bit ADCs 2.2V to 3.6V Supply Voltage
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11117 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX11117 Datasheet HTML 2Page - Maxim Integrated Products MAX11117 Datasheet HTML 3Page - Maxim Integrated Products MAX11117 Datasheet HTML 4Page - Maxim Integrated Products MAX11117 Datasheet HTML 5Page - Maxim Integrated Products MAX11117 Datasheet HTML 6Page - Maxim Integrated Products MAX11117 Datasheet HTML 7Page - Maxim Integrated Products MAX11117 Datasheet HTML 8Page - Maxim Integrated Products MAX11117 Datasheet HTML 9Page - Maxim Integrated Products MAX11117 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
6 ______________________________________________________________________________________
2Msps/3Msps, Low-Power,
Serial 12-/10-/8-Bit ADCs
ELECTRICAL CHARACTERISTICS (MAX11105) (continued)
(VDD = 2.2V to 3.6V, fSCLK = 32MHz, 50% duty cycle, 2Msps, CDOUT = 10pF, TA = -40NC to +125NC, unless otherwise noted. Typical
values are at TA = +25NC.)
ELECTRICAL CHARACTERISTICS (MAX11106)
(VDD = 2.2V to 3.6V, VREF = VDD, VOVDD = VDD, fSCLK = 48MHz, 50% duty cycle, 3Msps; CDOUT = 10pF, TA = -40NC to +125NC,
unless otherwise noted. Typical values are at TA = +25NC.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Positive Supply Current (Full-
Power Mode), No Clock
IVDD
1.48
mA
Power-Down Current
IPD
Leakage only
1.3
10
F
A
Line Rejection
VDD = +2.2V to +3.6V
0.7
LSB/V
TIMING CHARACTERISTICS (Note 1)
Quiet Time
tQ
4
ns
CS Pulse Width
t1
10
ns
CS Fall to SCLK Setup
t2
5
ns
CS Falling Until DOUT High-
Impedance Disabled
t3
(Note 2)
1
ns
Data Access Time After SCLK
Falling Edge
t4
Figure 2, VDD = +2.2V to +3.6V
15
ns
SCLK Pulse Width Low
t5
Percentage of clock period
40
60
%
SCLK Pulse Width High
t6
Percentage of clock period
40
60
%
Data Hold Time From SCLK
Falling Edge
t7
Figure 3
5
ns
SCLK Falling Until DOUT High-
Impedance
t8
Figure 4 (Note 2)
2.5
14
ns
Power-Up Time
Conversion cycle
1
Cycle
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
DC ACCURACY
Resolution
10
Bits
Integral Nonlinearity
INL
Q
0.4
LSB
Differential Nonlinearity
DNL
No missing codes
Q
0.4
LSB
Offset Error
OE
Q
0.5
Q
1
LSB
Gain Error
GE
Excluding offset and reference errors
0
Q
1
LSB
Total Unadjusted Error
TUE
Q
0.5
LSB
Channel-to-Channel Offset
Matching
Q
0.05
LSB
Channel-to-Channel Gain
Matching
Q
0.05
LSB
DYNAMIC PERFORMANCE
Signal-to-Noise and Distortion
SINAD
fAIN_ = 1MHz
61
61.8
dB
Signal-to-Noise Ratio
SNR
fAIN_ = 1MHz
61
61.8
dB
Total Harmonic Distortion
THD
fAIN_ = 1MHz
-83
-74
dB
Spurious-Free Dynamic Range
SFDR
fAIN_ = 1MHz
75
dB


Similar Part No. - MAX11117

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11117 MAXIM-MAX11117 Datasheet
2Mb / 25P
   2Msps/3Msps, Low-Power, Serial 12-/10-/8-Bit ADCs
Rev 0; 4/10
MAX11117AUT++ MAXIM-MAX11117AUT+ Datasheet
2Mb / 25P
   2Msps/3Msps, Low-Power, Serial 12-/10-/8-Bit ADCs
Rev 0; 4/10
MAX11117AUT++ MAXIM-MAX11117AUT+ Datasheet
2Mb / 30P
   2Msps/3Msps, Low-Power, Serial 12-/10-/8-Bit ADCs
2013
MAX11117 MAXIM-MAX11117_12 Datasheet
2Mb / 30P
   2Msps/3Msps, Low-Power, Serial 12-/10-/8-Bit ADCs
Rev 7; 9/12
More results

Similar Description - MAX11117

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11102 MAXIM-MAX11102_V01 Datasheet
2Mb / 30P
   2Msps/3Msps, Low-Power, Serial 12-/10-/8-Bit ADCs
2013
MAX11102_1108 MAXIM-MAX11102_1108 Datasheet
2Mb / 30P
   2Msps/3Msps, Low-Power, Serial 12-/10-/8-Bit ADCs
Rev 5; 8/11
MAX11102 MAXIM-MAX11102 Datasheet
2Mb / 25P
   2Msps/3Msps, Low-Power, Serial 12-/10-/8-Bit ADCs
Rev 0; 4/10
MAX11102 MAXIM-MAX11102_12 Datasheet
2Mb / 30P
   2Msps/3Msps, Low-Power, Serial 12-/10-/8-Bit ADCs
Rev 7; 9/12
MAX11129 MAXIM-MAX11129 Datasheet
2Mb / 36P
   3Msps, Low-Power, Serial 12-/10-Bit, 8-/16-Channel ADCs
Rev 1; 11/11
MAX11129_V4 MAXIM-MAX11129_V4 Datasheet
2Mb / 36P
   3Msps, Low-Power, Serial 12-/10-Bit,8-/16-Channel ADCs
Rev 4; 6/12
MAX11129 MAXIM-MAX11129_12 Datasheet
3Mb / 36P
   3Msps, Low-Power, Serial 12-/10-Bit,8-/16-Channel ADCs
Rev 3; 4/12
logo
Analog Devices
AD7273 AD-AD7273 Datasheet
243Kb / 20P
   3MSPS,10-/12-Bit ADCs in 8-Lead TSOT
REV. PrB (6/04)
logo
Maxim Integrated Produc...
MAX11661 MAXIM-MAX11661_12 Datasheet
2Mb / 28P
   500ksps, Low-Power, Serial 12-/10-/8-Bit ADCs
Rev 4; 1/12
MAX11661 MAXIM-MAX11661 Datasheet
1Mb / 28P
   500ksps, Low-Power, Serial 12-/10-/8-Bit ADCs
Rev 1; 1/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com