Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX15039 Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX15039
Description  6A, 2MHz Step-Down Regulator with Integrated Switches Open-Drain, Power-Good Output
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX15039 Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX15039_11 Datasheet HTML 6Page - Maxim Integrated Products MAX15039_11 Datasheet HTML 7Page - Maxim Integrated Products MAX15039_11 Datasheet HTML 8Page - Maxim Integrated Products MAX15039_11 Datasheet HTML 9Page - Maxim Integrated Products MAX15039_11 Datasheet HTML 10Page - Maxim Integrated Products MAX15039_11 Datasheet HTML 11Page - Maxim Integrated Products MAX15039_11 Datasheet HTML 12Page - Maxim Integrated Products MAX15039_11 Datasheet HTML 13Page - Maxim Integrated Products MAX15039_11 Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
6A, 2MHz Step-Down Regulator
with Integrated Switches
10
______________________________________________________________________________________
Block Diagram
CONTROL
LOGIC
IN
LX
PGND
MODE
IN
BST
THERMAL
SHUTDOWN
SOFT-START
VOLTAGE
REFERENCE
BIAS
GENERATOR
OSCILLATOR
1VP-P
SHUTDOWN
CONTROL
UVLO
CIRCUITRY
3.3V LDO
VDD
SHDN
FB
0.9 x VREFIN
SS
FB
COMP
GND
PWRGD
FREQ
ERROR
AMPLIFIER
PWM
COMPARATOR
CURRENT-LIMIT
COMPARATOR
CURRENT-LIMIT
COMPARATOR
BST SWITCH
COMP CLAMPS
EN
REFIN
VID
VOLTAGE-
CONTROL
CIRCUITRY
OUT
CTL2
CTL1
8k
Ω
MAX15039


Similar Part No. - MAX15039_11

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15039ETG++ MAXIM-MAX15039ETG+ Datasheet
441Kb / 18P
   6A, 2MHz Step-Down Regulator with Integrated Switches
Rev 0; 10/08
MAX15039ETG++ MAXIM-MAX15039ETG+ Datasheet
369Kb / 19P
   6A, 2MHz Step-Down Regulator with Integrated Switches
Rev 1; 12/09
MAX15039EVKIT MAXIM-MAX15039EVKIT Datasheet
241Kb / 11P
   500kHz to 2MHz Adjustable Frequency
Rev 1; 5/10
MAX15039EVKIT++ MAXIM-MAX15039EVKIT+ Datasheet
241Kb / 11P
   500kHz to 2MHz Adjustable Frequency
Rev 1; 5/10
MAX15039 MAXIM-MAX15039_09 Datasheet
369Kb / 19P
   6A, 2MHz Step-Down Regulator with Integrated Switches
Rev 1; 12/09
More results

Similar Description - MAX15039_11

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15039 MAXIM-MAX15039 Datasheet
441Kb / 18P
   6A, 2MHz Step-Down Regulator with Integrated Switches
Rev 0; 10/08
MAX8646 MAXIM-MAX8646 Datasheet
363Kb / 16P
   6A, 2MHz Step-Down Regulator with Integrated Switches
Rev 2; 10/07
MAX15039 MAXIM-MAX15039_09 Datasheet
369Kb / 19P
   6A, 2MHz Step-Down Regulator with Integrated Switches
Rev 1; 12/09
MAX8643 MAXIM-MAX8643 Datasheet
300Kb / 16P
   3A, 2MHz Step-Down Regulator with Integrated Switches
Rev 2; 3/07
MAX8643_0709 MAXIM-MAX8643_0709 Datasheet
351Kb / 16P
   3A, 2MHz Step-Down Regulator with Integrated Switches
Rev 3; 9/07
MAX15038 MAXIM-MAX15038 Datasheet
357Kb / 18P
   4A, 2MHz Step-Down Regulator with Integrated Switches
Rev 0; 10/08
MAX8643A MAXIM-MAX8643A Datasheet
303Kb / 16P
   3A, 2MHz Step-Down Regulator with Integrated Switches
Rev 0; 3/07
MAX8643A_0709 MAXIM-MAX8643A_0709 Datasheet
321Kb / 16P
   3A, 2MHz Step-Down Regulator with Integrated Switches
Rev 1; 9/07
MAX15038 MAXIM-MAX15038_09 Datasheet
365Kb / 19P
   4A, 2MHz Step-Down Regulator with Integrated Switches
Rev 1; 12/09
MAX8643A MAXIM-MAX8643A_09 Datasheet
324Kb / 16P
   3A, 2MHz Step-Down Regulator with Integrated Switches
Rev 2; 10/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com