Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX15023ETG Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX15023ETG
Description  Wide 4.5V to 28V Input, Dual-Output Synchronous Buck Controller
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX15023ETG Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX15023ETG Datasheet HTML 6Page - Maxim Integrated Products MAX15023ETG Datasheet HTML 7Page - Maxim Integrated Products MAX15023ETG Datasheet HTML 8Page - Maxim Integrated Products MAX15023ETG Datasheet HTML 9Page - Maxim Integrated Products MAX15023ETG Datasheet HTML 10Page - Maxim Integrated Products MAX15023ETG Datasheet HTML 11Page - Maxim Integrated Products MAX15023ETG Datasheet HTML 12Page - Maxim Integrated Products MAX15023ETG Datasheet HTML 13Page - Maxim Integrated Products MAX15023ETG Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
Wide 4.5V to 28V Input, Dual-Output
Synchronous Buck Controller
10
______________________________________________________________________________________
Pin Description (continued)
PIN
NAME
FUNCTION
13
PGND2
Low-Side Gate-Driver Supply Return (Regulator 2). Connect to the source of the low-side MOSFET of
Regulator 2.
14
DL2
Low-Side Gate-Driver Output for Regulator 2. DL2 swings from VCC to PGND2. DL2 is low before VCC
reaches the UVLO rising threshold voltage.
15
PGOOD2
Power-Good Output (Open Drain) for Channel 2. To obtain a logic signal, pull up PGOOD2 with an external
resistor connected to a positive voltage below 28V.
16
VCC
Internal 5.2V Linear Regulator Output and the Device’s Core Supply. When using the internal regulator,
bypass VCC to SGND with a 4.7µF minimum low-ESR ceramic capacitor. If VCC is connected to IN for 5V
operation, then a 2.2µF ceramic capacitor is adequate for decoupling (see the Typical Application Circuits).
17
FB2
Feedback Input for Regulator 2. Connect FB2 to a resistive divider between output 2 and SGND to adjust
the output voltage between 0.6V and (0.85 x input voltage (V)). See the Setting the Output Voltage section.
18
COMP2
Compensation Pin for Regulator 2. See the Compensation section.
19
RT
Oscillator-Timing Resistor Input. Connect a resistor from RT to SGND to set the oscillator frequency from
200kHz to 1MHz (see the Setting the Switching Frequency section).
20
SGND
Signal Ground. Connect SGND to the SGND plane. SGND also serves as sensing input of the synchronous
MOSFET’s VDS drop (source terminals) for both channels.
21
IN
Internal VCC Regulator Input. Bypass IN to SGND with a 1µF minimum ceramic capacitor when the internal
linear regulator (VCC) is used. When operating in the 5V ±10% range, connect IN to VCC.
22
LIM2
Current-Limit Adjustment for Regulator 2. Connect a resistor (RLIM2) from LIM2 to SGND to adjust the
current-limit threshold (VITH2) from 30mV (RLIM2 = 6k
Ω) to 300mV (RLIM2 = 60kΩ). See the Setting the
Cycle-by-Cycle Low-Side Source Peak Current Limit section.
23
LIM1
Current-Limit Adjustment for Regulator 1. Connect a resistor (RLIM1) from LIM1 to SGND to adjust the
current-limit threshold (VITH1) from 30mV (RLIM1 = 6k
Ω) to 300mV (RLIM1 = 60kΩ). See the Setting the
Cycle-by-Cycle Low-Side Source Peak Current Limit section.
24
COMP1
Compensation Pin for Regulator 1. See the Compensation section.
—EP
Exposed Paddle. Connect EP to a large copper plane at SGND potential to improve thermal dissipation. Do
not use as the main IC’s SGND ground connection.


Similar Part No. - MAX15023ETG

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15023ETG MAXIM-MAX15023ETG Datasheet
499Kb / 28P
   Wide 4.5V to 28V Input, Dual-Output Synchronous Buck Controller
Rev 2; 3/11
MAX15023ETG++ MAXIM-MAX15023ETG+ Datasheet
417Kb / 28P
   Wide 4.5V to 28V Input, Dual-Output Synchronous Buck Controller
Rev 1; 2/09
MAX15023ETG-T MAXIM-MAX15023ETG-T Datasheet
499Kb / 28P
   Wide 4.5V to 28V Input, Dual-Output Synchronous Buck Controller
Rev 2; 3/11
MAX15023ETG/V MAXIM-MAX15023ETG/V Datasheet
499Kb / 28P
   Wide 4.5V to 28V Input, Dual-Output Synchronous Buck Controller
Rev 2; 3/11
More results

Similar Description - MAX15023ETG

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15023ETG-T MAXIM-MAX15023ETG-T Datasheet
499Kb / 28P
   Wide 4.5V to 28V Input, Dual-Output Synchronous Buck Controller
Rev 2; 3/11
MAX15023 MAXIM-MAX15023 Datasheet
417Kb / 28P
   Wide 4.5V to 28V Input, Dual-Output Synchronous Buck Controller
Rev 1; 2/09
MAX15026 MAXIM-MAX15026_12 Datasheet
415Kb / 23P
   Low-Cost, Small, 4.5V to 28V Wide Operating Range, DC-DC Synchronous Buck Controller
Rev 4; 2/12
MAX15026 MAXIM-MAX15026 Datasheet
318Kb / 23P
   Low-Cost, Small, 4.5V to 28V Wide Operating Range, DC-DC Synchronous Buck Controller
Rev 1; 5/09
MAX15026 MAXIM-MAX15026_11 Datasheet
357Kb / 23P
   Low-Cost, Small, 4.5V to 28V Wide Operating Range, DC-DC Synchronous Buck Controller
Rev 3; 4/11
logo
Texas Instruments
LM5140-Q1 TI1-LM5140-Q1 Datasheet
2Mb / 48P
[Old version datasheet]   Wide Input Range Dual Synchronous Buck Controller
LM5119 TI1-LM5119 Datasheet
1Mb / 39P
[Old version datasheet]   Wide Input Range Dual Synchronous Buck Controller
logo
National Semiconductor ...
LM5119 NSC-LM5119 Datasheet
707Kb / 24P
   Wide Input Range Dual Synchronous Buck Controller
logo
Texas Instruments
LM25119 TI1-LM25119_16 Datasheet
1Mb / 39P
[Old version datasheet]   Wide Input Range, Dual Synchronous Buck Controller
TPS40050 TI-TPS40050 Datasheet
275Kb / 30P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com