Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX14590 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX14590
Description  High-Current Overvoltage Protectors with Adjustable OVLO
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14590 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX14590 Datasheet HTML 1Page - Maxim Integrated Products MAX14590 Datasheet HTML 2Page - Maxim Integrated Products MAX14590 Datasheet HTML 3Page - Maxim Integrated Products MAX14590 Datasheet HTML 4Page - Maxim Integrated Products MAX14590 Datasheet HTML 5Page - Maxim Integrated Products MAX14590 Datasheet HTML 6Page - Maxim Integrated Products MAX14590 Datasheet HTML 7Page - Maxim Integrated Products MAX14590 Datasheet HTML 8Page - Maxim Integrated Products MAX14590 Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
����������������������������������������������������������������� Maxim Integrated Products 4
MAX14586/MAX14590
High-Current Overvoltage Protectors
with Adjustable OVLO
Typical Operating Characteristics
(VIN = +5.0V, CIN = 1FF, COUT = 1FF, TA = +25NC, unless otherwise noted.)
NORMALIZED DEBOUNCE TIME
vs. TEMPERATURE
TEMPERATURE (°C)
60
35
10
-15
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
0.5
-40
85
NORMALIZED EXTERNAL OVLO SELECT
THRESHOLD vs. TEMPERATURE
TEMPERATURE (°C)
60
35
10
-15
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
0.5
-40
85
NORMALIZED EXTERNAL OVLO SET
THRESHOLD vs. TEMPERATURE
TEMPERATURE (°C)
60
35
10
-15
0.96
0.97
0.98
0.99
1.00
1.01
1.02
1.03
1.04
1.05
0.95
-40
85
VIN = 6V
NORMALIZED OVLO THRESHOLD
vs. TEMPERATURE
TEMPERATURE (°C)
60
35
10
-15
0.96
0.97
0.98
0.99
1.00
1.01
1.02
1.03
1.04
1.05
0.95
-40
85
NORMALIZED RON vs. TEMPERATURE
TEMPERATURE (°C)
60
35
10
-15
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
0.5
-40
85
IOUT = 100mA
VIN = 3.6V
VIN = 5V
IN SUPPLY CURRENT vs. IN VOLTAGE
IN VOLTAGE (V)
21
14
7
50
100
150
200
250
300
350
400
0
0
28
OVLO = GND (MAX14586)
TA = +85°C
TA = +25°C
TA = -40°C


Similar Part No. - MAX14590

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1459 MAXIM-MAX1459 Datasheet
243Kb / 24P
   2-Wire, 4-20mA Smart Signal Conditioner
Rev 0; 1/00
MAX14591 MAXIM-MAX14591 Datasheet
950Kb / 13P
   High-Speed, Open-Drain Capable Logic-Level Translator
19-6173; Rev 1; 12/14
MAX14591ETA+T MAXIM-MAX14591ETA+T Datasheet
950Kb / 13P
   High-Speed, Open-Drain Capable Logic-Level Translator
19-6173; Rev 1; 12/14
MAX14591EWA+T MAXIM-MAX14591EWA+T Datasheet
950Kb / 13P
   High-Speed, Open-Drain Capable Logic-Level Translator
19-6173; Rev 1; 12/14
MAX14591 MAXIM-MAX14591_14 Datasheet
950Kb / 13P
   High-Speed, Open-Drain Capable Logic-Level Translator
Rev 1; 12/14
More results

Similar Description - MAX14590

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL3227E ANPEC-APL3227E Datasheet
683Kb / 16P
   High-Current Overvoltage Protectors with Adjustable OVLO
logo
Maxim Integrated Produc...
MAX14653 MAXIM-MAX14653_V01 Datasheet
913Kb / 11P
   High-Current Overvoltage Protectors with Adjustable OVLO
2014
MAX14653 MAXIM-MAX14653 Datasheet
2Mb / 11P
   High-Current Overvoltage Protector with Adjustable OVLO
Rev 0; 1/13
MAX14670 MAXIM-MAX14670 Datasheet
1Mb / 13P
   Bidirectional Current-Blocking, High-Input Overvoltage Protector with Adjustable OVLO
Rev 0; 6/13
MAX14670 MAXIM-MAX14670_V01 Datasheet
1Mb / 13P
   Bidirectional Current-Blocking, High-Input Overvoltage Protector with Adjustable OVLO
2016
MAX14571 MAXIM-MAX14571_V01 Datasheet
873Kb / 14P
   Adjustable Overvoltage and Protectors with High Accuracy
2017
MAX14571 MAXIM-MAX14571_13 Datasheet
1Mb / 14P
   Adjustable Overvoltage and Overcurrent Protectors with High Accuracy
Rev 1; 12/12
MAX17561 MAXIM-MAX17561 Datasheet
723Kb / 16P
   Adjustable Overvoltage and Overcurrent Protectors with High Accuracy
19-100078; Rev 2; 9/17
MAX14571 MAXIM-MAX14571 Datasheet
1Mb / 14P
   Adjustable Overvoltage and Overcurrent Protectors with High Accuracy
Rev 0; 9/12
logo
Bourns Electronic Solut...
TISP4XXXH4BJ BOURNS-TISP4XXXH4BJ Datasheet
386Kb / 13P
   HIGH HOLDING CURRENT BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com