Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX9944ASA Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX9944ASA
Description  High-Voltage, Precision, Low-Power Op Amps Rail-to-Rail Output
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9944ASA Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX9944ASA Datasheet HTML 1Page - Maxim Integrated Products MAX9944ASA Datasheet HTML 2Page - Maxim Integrated Products MAX9944ASA Datasheet HTML 3Page - Maxim Integrated Products MAX9944ASA Datasheet HTML 4Page - Maxim Integrated Products MAX9944ASA Datasheet HTML 5Page - Maxim Integrated Products MAX9944ASA Datasheet HTML 6Page - Maxim Integrated Products MAX9944ASA Datasheet HTML 7Page - Maxim Integrated Products MAX9944ASA Datasheet HTML 8Page - Maxim Integrated Products MAX9944ASA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
0
1.0
0.5
2.0
1.5
2.5
3.0
-14
-2
2
-10
-6
6
10
14
INPUT BIAS CURRENT
vs. COMMON-MODE VOLTAGE
COMMON-MODE VOLTAGE (V)
COMMON-MODE REJECTION
RATIO vs. FREQUENCY
FREQUENCY (kHz)
1000
100
0.01
0.1
1
10
70
80
90
100
110
120
130
140
60
0.001
10,000
VOH vs. OUTPUT CURRENT
010
515
20
25
30
16
15
14
13
12
TA = +85
°C
TA = +25
°C
TA = -40
°C
OUTPUT CURRENT (mA)
TA = +125
°C
0
0.5
1.0
1.5
2.0
2.5
3.0
614
10
18
22
26
30
34
38
INPUT BIAS CURRENT
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
POWER-SUPPLY REJECTION
RATIO vs. FREQUENCY
FREQUENCY (kHz)
1000
100
0.01
0.1
1
10
20
40
60
80
100
120
140
160
0
0.001
10,000
VOL vs. OUTPUT CURRENT
010
515
20
25
30
-12
-13
-14
-15
-16
TA = +85
°C
TA = +125
°C
TA = -40
°C
TA = +25
°C
OUTPUT CURRENT (mA)
High-Voltage, Precision, Low-Power Op Amps
_______________________________________________________________________________________
5
Typical Operating Characteristics (continued)
(VCC = 15V, VEE = -15V, VCM = 0V, RL = 10kΩ to GND, VGND = 0V, TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX9944ASA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9944ASA++ MAXIM-MAX9944ASA+ Datasheet
275Kb / 15P
   High-Voltage, Precision, Low-Power Op Amps
Rev 2; 6/09
MAX9944ASA++ MAXIM-MAX9944ASA+ Datasheet
1Mb / 11P
   High-Voltage, Precision, Low-Power Op Amps
2017
More results

Similar Description - MAX9944ASA

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6013 LINER-LT6013_15 Datasheet
343Kb / 16P
   Rail-to-Rail Output Precision Op Amps
LT6014 LINER-LT6014_15 Datasheet
343Kb / 16P
   Rail-to-Rail Output Precision Op Amps
LT1218 LINER-LT1218_15 Datasheet
327Kb / 16P
   Precision Rail-to-Rail Input and Output Op Amps
LT1218 LINER-LT1218 Datasheet
375Kb / 16P
   Precision Rail-to-Rail Input and Output Op Amps
LT1219 LINER-LT1219_15 Datasheet
327Kb / 16P
   Precision Rail-to-Rail Input and Output Op Amps
logo
Analog Devices
AD8624ARUZ AD-AD8624ARUZ Datasheet
432Kb / 20P
   Low Power, Precision Rail-to-Rail Output Op Amp
REV. C
ADA4851-2 AD-ADA4851-2_15 Datasheet
636Kb / 25P
   Low Cost, High Speed, Rail-to-Rail, Output Op Amps
Rev. J
ADA4851-1 AD-ADA4851-1_07 Datasheet
487Kb / 20P
   Low Cost, High Speed, Rail-to-Rail, Output Op Amps
Rev. E
ADA4851-1 AD-ADA4851-1 Datasheet
399Kb / 20P
   Low Cost, High Speed, Rail-to-Rail Output Op Amps
REV. C
ADA4851-1 AD-ADA4851-1_15 Datasheet
636Kb / 25P
   Low Cost, High Speed, Rail-to-Rail, Output Op Amps
Rev. J
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com