Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX9928FABTT Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX9928FABTT
Description  -0.1V to 28V Input Range, Micropower, Uni-/Bidirectional, Current-Sense Amplifiers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9928FABTT Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX9928FABTT Datasheet HTML 5Page - Maxim Integrated Products MAX9928FABTT Datasheet HTML 6Page - Maxim Integrated Products MAX9928FABTT Datasheet HTML 7Page - Maxim Integrated Products MAX9928FABTT Datasheet HTML 8Page - Maxim Integrated Products MAX9928FABTT Datasheet HTML 9Page - Maxim Integrated Products MAX9928FABTT Datasheet HTML 10Page - Maxim Integrated Products MAX9928FABTT Datasheet HTML 11Page - Maxim Integrated Products MAX9928FABTT Datasheet HTML 12Page - Maxim Integrated Products MAX9928FABTT Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
-0.1V to +28V Input Range, Micropower,
Uni-/Bidirectional, Current-Sense Amplifiers
_______________________________________________________________________________________
9
For both positive and negative VSENSE voltages, the
current flowing out of the current mirror is equal to:
IOUT = M x |VSENSE|/RG1
For the MAX9928F, the transconductance of the device
is trimmed so that IOUT/|VSENSE| = 5µA/mV. For the
MAX9929F, the voltage gain of the device is trimmed
so that VOUT/|VSENSE| = 50V/V. The SIGN output from
the comparator indicates the polarity of VSENSE.
Current Output (MAX9928F)
The output voltage equation for the MAX9928_ is given
below:
VOUT = (RSENSE x ILOAD) x (Gm X ROUT)
where VOUT = the desired full-scale output voltage,
ILOAD = the full-scale current being sensed, RSENSE =
the current-sense resistor, ROUT = the voltage-setting
resistor, and Gm = MAX9928F transconductance
(5µA/mV).
The full-scale output voltage range can be set by
changing the ROUT resistor value. The above equation
can be modified to determine the ROUT required for a
particular full-scale range:
ROUT = (VOUT)/(ILOAD x RSENSE x Gm)
OUT is a high-impedance current source and can drive
an unlimited amount of capacitance.
CURRENT
MIRROR
MAX9928F
MAX9929F
C
S2
S1
Q1
Q2
10k
Ω*
SIGN
OUT
VCC
VIN
-0.1V TO +28V
(VBATT)
+
-
2.5V TO 5.5V
RG1
80k
Ω
RG2
80k
Ω
RC2
80k
Ω
RC1
80k
Ω
RS-
RS+
TO
LOAD/CHARGER
TO ADC
TO
μC
*INTERNAL 10k
Ω RESISTOR FOR MAX9929_ ONLY.
GND
A
VCC
1M
Ω
Figure 1. Functional Diagram
0
-1.2
-1.8
-3.0
3.0
2.0
1.0
0
-1.2
-1.8
-3.0
3.0
2.0
1.0
VSENSE (mV)
VSENSE (mV)
( ) FOR THE MAX9929F.
Figure 2. Ideal Transfer Characteristics with 0mV Amplifier Input
Offset Voltage and -1mV Comparator Input Offset Voltage


Similar Part No. - MAX9928FABTT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9928FABT+T MAXIM-MAX9928FABT+T Datasheet
261Kb / 14P
   -0.1V to 28V Input Range, Micropower Uni-/Bidirectional, Current-Sense Amplifiers
Rev 3; 4/12
MAX9928FABT+T MAXIM-MAX9928FABT+T Datasheet
1Mb / 13P
   -0.1V to 28V Input Range, Micropower, Uni-/Bidirectional, Current-Sense Amplifiers
2014
More results

Similar Description - MAX9928FABTT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9928F MAXIM-MAX9928F_12 Datasheet
261Kb / 14P
   -0.1V to 28V Input Range, Micropower Uni-/Bidirectional, Current-Sense Amplifiers
Rev 3; 4/12
MAX9928 MAXIM-MAX9928_V01 Datasheet
1Mb / 13P
   -0.1V to 28V Input Range, Micropower, Uni-/Bidirectional, Current-Sense Amplifiers
2014
MAX9918 MAXIM-MAX9918 Datasheet
2Mb / 17P
   -20V to 75V Input Range, Precision Uni-/Bidirectional, Current-Sense Amplifiers
Rev 0; 11/09
MAX9918 MAXIM-MAX9918_10 Datasheet
2Mb / 18P
   -20V to 75V Input Range, Precision Uni-/Bidirectional, Current-Sense Amplifiers
Rev 2; 12/10
MAX9918 MAXIM-MAX9918_11 Datasheet
2Mb / 18P
   -20V to 75V Input Range, Precision Uni-/Bidirectional, Current-Sense Amplifiers
Rev 3; 6/11
MAX9918_1107 MAXIM-MAX9918_1107 Datasheet
2Mb / 18P
   -20V to 75V Input Range, Precision Uni-/Bidirectional, Current-Sense Amplifiers
Rev 4; 7/11
MAX9918 MAXIM-MAX9918_V01 Datasheet
1Mb / 19P
   -20V to 75V Input Range, Precision Uni-/Bidirectional, Current-Sense Amplifiers
2019
MAX40002EVKIT MAXIM-MAX40002EVKIT Datasheet
632Kb / 6P
   0.1V to 5.5V Input Voltage Range
Rev 1; 2/20
logo
Intersil Corporation
ISL28005 INTERSIL-ISL28005_11 Datasheet
857Kb / 14P
   Micropower, Rail-to-Rail Input Current Sense Amplifier
logo
Maxim Integrated Produc...
MAX40204EVKIT MAXIM-MAX40204EVKIT Datasheet
396Kb / 6P
   Wide -0.1V to 36V Input Range Common Mode Range
319-100615; Rev 0; 10/20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com