Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX6515UKP085 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX6515UKP085
Description  Low-Cost, 2.7V to 5.5V Temperature Switches in a SOT23
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6515UKP085 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX6515UKP085 Datasheet HTML 1Page - Maxim Integrated Products MAX6515UKP085 Datasheet HTML 2Page - Maxim Integrated Products MAX6515UKP085 Datasheet HTML 3Page - Maxim Integrated Products MAX6515UKP085 Datasheet HTML 4Page - Maxim Integrated Products MAX6515UKP085 Datasheet HTML 5Page - Maxim Integrated Products MAX6515UKP085 Datasheet HTML 6Page - Maxim Integrated Products MAX6515UKP085 Datasheet HTML 7Page - Maxim Integrated Products MAX6515UKP085 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
General Description
The MAX6514/MAX6515 low-cost, fully integrated temper-
ature switches assert a logic signal when their die tem-
perature crosses a factory-programmed threshold.
Operating from a 2.7V to 5.5V supply, these devices fea-
ture a fixed voltage reference, an analog temperature
sensor, and a comparator. They are available with facto-
ry-trimmed temperature trip thresholds from -45°C to
+15°C and +35°C to +115°C in 10°C increments, and are
accurate to ±1°C (typ). These devices require no external
components and typically consume 22µA of supply cur-
rent. Hysteresis is pin selectable at 2°C or 10°C.
The MAX6514/MAX6515 are offered with hot-tempera-
ture thresholds (+35°C to +115°C), asserting when the
temperature is above the threshold or with cold-temper-
ature thresholds (-45°C to +15°C), asserting when the
temperature is below the threshold. The MAX6514/
MAX6515 can be used over a -35°C to +125°C range
with a supply voltage of 2.7V to 5.5V. For applications
sensing temperature down to -45°C, a supply voltage
above 4.5V is required.
The MAX6514 has an active-high, push-pull output. The
MAX6515 has an active-low, open-drain output. These
devices are available in a space-saving 5-pin SOT23
package and operate over the -55°C to +125°C tem-
perature range.
Applications
Over/Undertemperature Protection
Fan Control
Test Equipment
Temperature Control
Temperature Alarms
Notebook, Desktop PCs
RAID
Servers
Features
♦ High-Accuracy ±1.5°C (max) over -15°C to +65°C
Temperature Range
♦ Low-Power Consumption: 22µA Typical Current
♦ Factory-Programmed Thresholds from -45°C to
+115°C in 10°C Increments
♦ Open-Drain or Push-Pull Outputs
♦ Pin-Selectable 2°C or 10°C Hysteresis
Low-Cost, 2.7V to 5.5V Temperature Switches
in a SOT23
________________________________________________________________
Maxim Integrated Products
1
Ordering Information
19-3147; Rev 1; 2/11
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
Pin Configurations and Functional Diagram appear at end of
data sheet.
PART
TEMP RANGE
PIN-
PACKAGE
MAX6514UK_ _ _ _+T
-55°C to +125°C
5 SOT23
MAX6515UK_ _ _ _+T
-55°C to +125°C
5 SOT23
Note: These parts are offered in 16 standard temperature ver-
sions with a minimum order of 2500 pieces. To complete the
suffix information, add P or N for positive or negative trip tem-
perature, and select an available trip point in degrees centi-
grade. For example, the MAX6514UKP065+T describes a
MAX6514 in a 5-pin SOT23 package with a +65°C threshold in
tape and reel (2.5k minimum order). Contact the factory for
pricing and availability.
+
Denotes a lead(Pb)-free/RoHS-compliant package.
T = Tape and reel.
Typical Operating Circuit
MAX6515
MICROCONTROLLER
VCC
0.1
μF
VCC
VCC
100k
Ω
GND
GND
HYST
INT
TOVER
GND


Similar Part No. - MAX6515UKP085

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6515UKP085 MAXIM-MAX6515UKP085 Datasheet
266Kb / 8P
   Low-Cost, 2.7V to 5.5V Temperature Switches in a SOT23
Rev 0; 1/04
More results

Similar Description - MAX6515UKP085

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6514 MAXIM-MAX6514 Datasheet
266Kb / 8P
   Low-Cost, 2.7V to 5.5V Temperature Switches in a SOT23
Rev 0; 1/04
MAX6501 MAXIM-MAX6501_V01 Datasheet
294Kb / 9P
   Low-Cost, 2.7V to 5.5V, Micropower Temperature Switches in SOT23
2011
MAX6516 MAXIM-MAX6516_11 Datasheet
238Kb / 10P
   Low-Cost, 2.7V to 5.5V, Analog Temperature Sensor Switches in a SOT23
Rev 1; 2/11
MAX6516 MAXIM-MAX6516 Datasheet
212Kb / 10P
   Low-Cost, 2.7V to 5.5V, Analog Temperature Sensor Switches in a SOT23
Rev 0; 11/03
MAX6501 MAXIM-MAX6501 Datasheet
397Kb / 8P
   Low-Cost, 2.7V to 5.5V, Micropower Temperature Switches in SOT23 and TO-220
Rev 2; 11/99
logo
Exar Corporation
CLC1005 EXAR-CLC1005 Datasheet
2Mb / 19P
   Low Cost, 2.7V to 5.5V, 260MHz Rail-to-Rail Amplifiers
logo
Cadeka Microcircuits LL...
AD8052LV CADEKA-AD8052LV Datasheet
3Mb / 14P
   Low Cost, 2.7V to 5.5V, 260MHz Rail-to-Rail Amplifier
CLC2005 CADEKA-CLC2005 Datasheet
2Mb / 13P
   Dual, Low Cost, 2.7V to 5.5V, 260MHz Rail-to-Rail Amplifier
logo
Maxim Integrated Produc...
MAX15108EVKIT MAXIM-MAX15108EVKIT Datasheet
1Mb / 8P
   Operates from a 2.7V to 5.5V Input Supply
Rev 0; 8/11
MAX15118EVKIT MAXIM-MAX15118EVKIT Datasheet
1Mb / 8P
   Operates from a 2.7V to 5.5V Input Supply
2012
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com