Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX9632 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX9632
Description  36V, Precision, Low-Noise, Wide-Band Amplifier 8-Pin SO and TDFN Packages
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9632 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX9632 Datasheet HTML 1Page - Maxim Integrated Products MAX9632 Datasheet HTML 2Page - Maxim Integrated Products MAX9632 Datasheet HTML 3Page - Maxim Integrated Products MAX9632 Datasheet HTML 4Page - Maxim Integrated Products MAX9632 Datasheet HTML 5Page - Maxim Integrated Products MAX9632 Datasheet HTML 6Page - Maxim Integrated Products MAX9632 Datasheet HTML 7Page - Maxim Integrated Products MAX9632 Datasheet HTML 8Page - Maxim Integrated Products MAX9632 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
_______________________________________________________________________________________ 3
36V, Precision, Low-Noise,
Wide-Band Amplifier
ELECTRICAL CHARACTERISTICS (continued)
(VCC = 15V, VEE = -15V, RL = 10kI to VGND, VIN+ = VIN- = VGND = 0V, VSHDN = VGND, TA = -40NC to +125NC. Typical values are
at TA = +25NC, unless otherwise noted.) (Note 2)
Note 2: All devices are 100% production tested at TA = +25NC. Temperature limits are guaranteed by design.
Note 3: Guaranteed by design.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Common-Mode Rejection Ratio
CMRR
VEE + 1.8V P VCM P VCC - 1.4V, TA = +25NC
120
135
dB
VEE + 1.8V P VCM P VCC - 1.4V,
-40NC P TA P +125NC
110
Large-Signal Gain
AVOL
VEE + 0.2V P VOUT P VCC - 0.2V, RL = 10kI
125
140
dB
VEE + 0.6V P VOUT P VCC - 0.6V, RL = 600I
120
135
Output Voltage Swing
VOH
VCC - VOUT
RL = 10kI
50
150
mV
RL = 600I
150
400
VOL
VOUT - VEE
RL = 10kI
50
150
RL = 600I
150
400
Short-Circuit Current
ISC
TA = +25NC
56
mA
AC SPECIFICATIONS
Gain-Bandwidth Product
GBWP
55
MHz
Slew Rate
SR
0 P VOUT P 5V
30
V/Fs
Settling Time
tS
To 0.0015%, VOUT = 10VP-P, CL = 100pF,
AV = 1V/V
600
ns
Total Harmonic Distortion
THD
f = 1kHz, VOUT = 3VRMS, RL = 600I, AV
= 1V/V
-136
dB
f = 10kHz, VOUT = 3VRMS, RL = 600I, AV
= 1V/V
-128
Input-Voltage Noise Density
eN
f = 1kHz
0.94
nV/√Hz
Input Voltage Noise
0.1Hz P f P 10Hz
65
nVP-P
Input-Current Noise Density
iN
f = 1kHz
3.75
pA/√Hz
Capacitive Loading
CL
No sustained oscillation, AV = 1V/V
350
pF


Similar Part No. - MAX9632

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9632 MAXIM-MAX9632 Datasheet
1Mb / 14P
   36V, Precision, Low-Noise, Wide-Band Amplifier
Rev 2; 8/11
MAX9632 MAXIM-MAX9632 Datasheet
2Mb / 15P
   36V, Precision, Low-Noise, Wide-Band Amplifier
Rev 3; 10/11
MAX9632 MAXIM-MAX9632 Datasheet
202Kb / 6P
   Fully Assembled and Tested
Rev 1; 2/14
MAX9632ASA MAXIM-MAX9632ASA Datasheet
2Mb / 15P
   36V, Precision, Low-Noise, Wide-Band Amplifier
Rev 3; 10/11
MAX9632ASA++ MAXIM-MAX9632ASA+ Datasheet
1Mb / 14P
   36V, Precision, Low-Noise, Wide-Band Amplifier
Rev 2; 8/11
More results

Similar Description - MAX9632

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9632_1108 MAXIM-MAX9632_1108 Datasheet
1Mb / 14P
   36V, Precision, Low-Noise, Wide-Band Amplifier
Rev 2; 8/11
MAX9632 MAXIM-MAX9632_V01 Datasheet
646Kb / 11P
   36V, Precision, Low-Noise, Wide-Band Amplifier
2014
MAX9632_1110 MAXIM-MAX9632_1110 Datasheet
2Mb / 15P
   36V, Precision, Low-Noise, Wide-Band Amplifier
Rev 3; 10/11
MAX5054 MAXIM-MAX5054_11 Datasheet
267Kb / 15P
   4A, 20ns, Dual MOSFET Drivers TTL Logic Inputs 8-Pin TDFN and SO Packages
Rev 3; 3/11
logo
NEC
UPG100B NEC-UPG100B Datasheet
57Kb / 4P
   LOW NOISE WIDE-BAND AMPLIFIER
logo
New Japan Radio
NJG1140KA1 NJRC-NJG1140KA1 Datasheet
318Kb / 9P
   WIDE BAND LOW NOISE AMPLIFIER GaAs MMIC
NJG1152KA1 NJRC-NJG1152KA1 Datasheet
578Kb / 28P
   Wide Band Low Noise Amplifier GaAs MMIC
logo
Sanyo Semicon Device
55GN01MA SANYO-55GN01MA_12 Datasheet
418Kb / 8P
   UHF Wide-band Low-noise Amplifier Applications
55GN01M SANYO-55GN01M Datasheet
29Kb / 5P
   UHF Wide-band Low-noise Amplifier Applications
55GN01S SANYO-55GN01S Datasheet
31Kb / 6P
   UHF Wide-band Low-noise Amplifier Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com