Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX9632 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX9632
Description  36V, Precision, Low-Noise, Wide-Band Amplifier 8-Pin SO and TDFN Packages
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9632 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX9632 Datasheet HTML 1Page - Maxim Integrated Products MAX9632 Datasheet HTML 2Page - Maxim Integrated Products MAX9632 Datasheet HTML 3Page - Maxim Integrated Products MAX9632 Datasheet HTML 4Page - Maxim Integrated Products MAX9632 Datasheet HTML 5Page - Maxim Integrated Products MAX9632 Datasheet HTML 6Page - Maxim Integrated Products MAX9632 Datasheet HTML 7Page - Maxim Integrated Products MAX9632 Datasheet HTML 8Page - Maxim Integrated Products MAX9632 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
_______________________________________________________________ Maxim Integrated Products 1
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
36V, Precision, Low-Noise,
Wide-Band Amplifier
19-5200; Rev 1; 4/11
+Denotes a lead(Pb)-free/RoHS-compliant package.
*EP = Exposed pad.
Ordering Information
General Description
The MAX9632 is a low-noise, precision, wide-band
operational amplifier that can operate in a very wide
+4.5V to +36V supply voltage range. The IC operates in
dual (±18V) mode.
The exceptionally fast settling time and low distortion
make the IC an excellent solution for precision acquisi-
tion systems. The rail-to-rail output swing maximizes the
dynamic range when driving high-resolution 24-bit Σ∆
ADCs even with low supply voltages.
The IC achieves 55MHz of gain-bandwidth product and
ultra-low 0.94nV/√Hz input voltage noise with only 3.9mA
of quiescent current.
The IC is offered in 8-pin SO and TDFN packages and
is rated for operation over the -40NC to +125NC tempera-
ture range.
Applications
High-Resolution ADC Drivers
High-Resolution DAC Buffers
Medical Imaging
Low-Noise Signal Processing
Test and Measurement Systems
ATE
Features
S
0.94nV/√Hz Ultra-Low Input Voltage Noise
S
Very Fast 600ns Settling Time to 16-Bit Accuracy
S
THD of -128dB at 10kHz
S
Low Input Offset Voltage 125µV (max)
S
Low Input Offset Temperature Drift 0.5µV/°C (max)
S
Gain-Bandwidth Product 55MHz
S
+4.5V to +36V Wide Supply Range
S
Rail-to-Rail Output
S
Unity-Gain Stable
S
8-Pin SO and TDFN Packages
S
ESD 8kV HBM and 1kV CDM
EVALUATION
KIT
AVAILABLE
FREQUENCY (Hz)
10k
1k
100
10
100k
INPUT-VOLTAGE NOISE DENSITY
vs. FREQUENCY
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
0
TOTAL HARMONIC DISTORTION
vs. OUTPUT VOLTAGE
OUTPUT VOLTAGE (V)
1
-150
-140
-130
-120
-110
-100
-90
-80
-160
0.1
10
f = 10kHz
f = 1kHz
PART
TEMP RANGE
PIN-
PACKAGE
TOP
MARK
MAX9632ASA+
-40NC to +125NC 8 SO
MAX9632ATA+
-40NC to +125NC 8 TDFN-EP*
BML


Similar Part No. - MAX9632

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9632 MAXIM-MAX9632 Datasheet
1Mb / 14P
   36V, Precision, Low-Noise, Wide-Band Amplifier
Rev 2; 8/11
MAX9632 MAXIM-MAX9632 Datasheet
2Mb / 15P
   36V, Precision, Low-Noise, Wide-Band Amplifier
Rev 3; 10/11
MAX9632 MAXIM-MAX9632 Datasheet
202Kb / 6P
   Fully Assembled and Tested
Rev 1; 2/14
MAX9632ASA MAXIM-MAX9632ASA Datasheet
2Mb / 15P
   36V, Precision, Low-Noise, Wide-Band Amplifier
Rev 3; 10/11
MAX9632ASA++ MAXIM-MAX9632ASA+ Datasheet
1Mb / 14P
   36V, Precision, Low-Noise, Wide-Band Amplifier
Rev 2; 8/11
More results

Similar Description - MAX9632

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9632_1108 MAXIM-MAX9632_1108 Datasheet
1Mb / 14P
   36V, Precision, Low-Noise, Wide-Band Amplifier
Rev 2; 8/11
MAX9632 MAXIM-MAX9632_V01 Datasheet
646Kb / 11P
   36V, Precision, Low-Noise, Wide-Band Amplifier
2014
MAX9632_1110 MAXIM-MAX9632_1110 Datasheet
2Mb / 15P
   36V, Precision, Low-Noise, Wide-Band Amplifier
Rev 3; 10/11
MAX5054 MAXIM-MAX5054_11 Datasheet
267Kb / 15P
   4A, 20ns, Dual MOSFET Drivers TTL Logic Inputs 8-Pin TDFN and SO Packages
Rev 3; 3/11
logo
NEC
UPG100B NEC-UPG100B Datasheet
57Kb / 4P
   LOW NOISE WIDE-BAND AMPLIFIER
logo
New Japan Radio
NJG1140KA1 NJRC-NJG1140KA1 Datasheet
318Kb / 9P
   WIDE BAND LOW NOISE AMPLIFIER GaAs MMIC
NJG1152KA1 NJRC-NJG1152KA1 Datasheet
578Kb / 28P
   Wide Band Low Noise Amplifier GaAs MMIC
logo
Sanyo Semicon Device
55GN01MA SANYO-55GN01MA_12 Datasheet
418Kb / 8P
   UHF Wide-band Low-noise Amplifier Applications
55GN01M SANYO-55GN01M Datasheet
29Kb / 5P
   UHF Wide-band Low-noise Amplifier Applications
55GN01S SANYO-55GN01S Datasheet
31Kb / 6P
   UHF Wide-band Low-noise Amplifier Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com