Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX6515UKP045 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX6515UKP045
Description  Low-Cost, 2.7V to 5.5V Temperature Switches in a SOT23
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6515UKP045 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX6515UKP045 Datasheet HTML 1Page - Maxim Integrated Products MAX6515UKP045 Datasheet HTML 2Page - Maxim Integrated Products MAX6515UKP045 Datasheet HTML 3Page - Maxim Integrated Products MAX6515UKP045 Datasheet HTML 4Page - Maxim Integrated Products MAX6515UKP045 Datasheet HTML 5Page - Maxim Integrated Products MAX6515UKP045 Datasheet HTML 6Page - Maxim Integrated Products MAX6515UKP045 Datasheet HTML 7Page - Maxim Integrated Products MAX6515UKP045 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Low-Cost, 2.7V to 5.5V Temperature Switches
in a SOT23
_______________________________________________________________________________________
3
TRIP THRESHOLD ACCURACY
ACCURACY (
°C)
-0.25 TO
-0.5
-0.75 TO
-1.0
10
20
30
40
50
0
-1.25 TO
-1.5
0.25 TO
0.5
0.75 TO
1.0
1.25 TO
1.5
SAMPLE SIZE = 147
SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
105
85
65
45
25
5
-15
-35
5
10
15
20
25
30
0
-55
125
TOVER/TUNDER OUTPUT VOLTAGE HIGH
vs. SOURCE CURRENT
ISINK (mA)
9
8
7
6
5
4
3
2
1
1
2
3
4
5
0
010
ISINK (mA)
9
8
7
6
5
4
3
2
1
100
200
300
400
500
0
010
TOVER/TUNDER OUTPUT VOLTAGE LOW
vs. SINK CURRENT
STARTUP AND POWER-DOWN (TEMP < TTH)
MAX6514 toc05
TIME (400
μs/div)
VCC
(2V/div)
TOVER
(2V/div)
STARTUP DELAY (TEMP > TTH)
MAX6514 toc06
TIME = 100
μs
VCC
(2V/div)
TOVER
(2V/div)
Typical Operating Characteristics
(VCC = 4.5V, TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX6515UKP045

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6515UKP045 MAXIM-MAX6515UKP045 Datasheet
266Kb / 8P
   Low-Cost, 2.7V to 5.5V Temperature Switches in a SOT23
Rev 0; 1/04
More results

Similar Description - MAX6515UKP045

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6514 MAXIM-MAX6514 Datasheet
266Kb / 8P
   Low-Cost, 2.7V to 5.5V Temperature Switches in a SOT23
Rev 0; 1/04
MAX6501 MAXIM-MAX6501_V01 Datasheet
294Kb / 9P
   Low-Cost, 2.7V to 5.5V, Micropower Temperature Switches in SOT23
2011
MAX6516 MAXIM-MAX6516_11 Datasheet
238Kb / 10P
   Low-Cost, 2.7V to 5.5V, Analog Temperature Sensor Switches in a SOT23
Rev 1; 2/11
MAX6516 MAXIM-MAX6516 Datasheet
212Kb / 10P
   Low-Cost, 2.7V to 5.5V, Analog Temperature Sensor Switches in a SOT23
Rev 0; 11/03
MAX6501 MAXIM-MAX6501 Datasheet
397Kb / 8P
   Low-Cost, 2.7V to 5.5V, Micropower Temperature Switches in SOT23 and TO-220
Rev 2; 11/99
logo
Exar Corporation
CLC1005 EXAR-CLC1005 Datasheet
2Mb / 19P
   Low Cost, 2.7V to 5.5V, 260MHz Rail-to-Rail Amplifiers
logo
Cadeka Microcircuits LL...
AD8052LV CADEKA-AD8052LV Datasheet
3Mb / 14P
   Low Cost, 2.7V to 5.5V, 260MHz Rail-to-Rail Amplifier
CLC2005 CADEKA-CLC2005 Datasheet
2Mb / 13P
   Dual, Low Cost, 2.7V to 5.5V, 260MHz Rail-to-Rail Amplifier
logo
Maxim Integrated Produc...
MAX15108EVKIT MAXIM-MAX15108EVKIT Datasheet
1Mb / 8P
   Operates from a 2.7V to 5.5V Input Supply
Rev 0; 8/11
MAX15118EVKIT MAXIM-MAX15118EVKIT Datasheet
1Mb / 8P
   Operates from a 2.7V to 5.5V Input Supply
2012
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com