Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX9626ATC Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX9626ATC
Description  Low-Noise, Low-Distortion, 1.35GHz Fully Differential Amplifiers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9626ATC Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX9626ATC Datasheet HTML 7Page - Maxim Integrated Products MAX9626ATC Datasheet HTML 8Page - Maxim Integrated Products MAX9626ATC Datasheet HTML 9Page - Maxim Integrated Products MAX9626ATC Datasheet HTML 10Page - Maxim Integrated Products MAX9626ATC Datasheet HTML 11Page - Maxim Integrated Products MAX9626ATC Datasheet HTML 12Page - Maxim Integrated Products MAX9626ATC Datasheet HTML 13Page - Maxim Integrated Products MAX9626ATC Datasheet HTML 14Page - Maxim Integrated Products MAX9626ATC Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Low-Noise, Low-Distortion,
1.35GHz Fully Differential Amplifiers
11
Typical Operating Characteristics (continued)
(VCC = +3.3V, VEE = 0V, VIN- = VIN+ = 0V, SHDN = VCC, VICM = 0V, VVOCM = VCC/2, RL = 500ω, single ended. Plot applies to all
versions, unless noted otherwise.)
SUPPLY CURRENT
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
5.5
3.5
4.0
4.5
5.0
3.0
52
54
56
58
60
62
64
50
2.5
MAX9626
MAX9627
MAX9628
SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (°C)
100
0
25
50
75
-25
52
54
56
58
60
62
64
66
68
70
50
-50
MAX9627
MAX9628
MAX9626
S PARAMETERS vs. FREQUENCY
(MAX9626)
FREQUENCY (MHz)
1000
100
10
-100
-80
-60
-40
-20
0
-120
1
10,000
S11
S22
S12
S PARAMETERS vs. FREQUENCY
(MAX9627)
FREQUENCY (MHz)
1000
100
10
-100
-80
-60
-40
-20
0
-120
1
10,000
S11
S22
S12
S PARAMETERS vs. FREQUENCY
(MAX9628)
FREQUENCY (MHz)
1000
100
10
-100
-80
-60
-40
-20
0
-120
1
10,000
S11
S22
S12
INTERMODULATION DISTORTION
vs. FREQUENCY (MAX9626, VCC = 5V)
FREQUENCY (MHz)
175
150
125
100
75
-90
-85
-80
-75
-70
-65
-60
-55
-50
-95
50
200
IMD2, VOUT = 2VP-P
IMD2, VOUT = 3VP-P
FREQUENCY SPACING = 100kHz
IMD3, VOUT = 3VP-P
IMD3, VOUT = 2VP-P
INTERMODULATION DISTORTION
vs. FREQUENCY (MAX9626, VCC = 3.3V)
FREQUENCY (MHz)
175
150
125
100
75
50
200
IMD2, VOUT = 1VP-P
IMD2, VOUT = 2VP-P
FREQUENCY SPACING = 100kHz
IMD3, VOUT = 1VP-P
IMD3, VOUT = 2VP-P
-85
-80
-75
-70
-65
-60
-55
-50
-90
INTERMODULATION DISTORTION
vs. FREQUENCY (MAX9627, VCC = 5V)
FREQUENCY (MHz)
175
150
125
100
75
50
200
IMD2, VOUT = 2VP-P
IMD2, VOUT = 3VP-P
FREQUENCY SPACING = 100kHz
IMD3, VOUT = 2VP-P
IMD3, VOUT = 3VP-P
-85
-80
-75
-70
-65
-60
-55
-50
-90
INTERMODULATION DISTORTION
vs. FREQUENCY (MAX9627, VCC = 3.3V)
FREQUENCY (MHz)
175
150
125
100
75
50
200
IMD2, VOUT = 1VP-P
IMD2, VOUT = 2VP-P
FREQUENCY SPACING = 100kHz
IMD3, VOUT = 1VP-P IMD3, VOUT = 2VP-P
-85
-80
-75
-70
-65
-60
-55
-50
-90


Similar Part No. - MAX9626ATC

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX962 MAXIM-MAX962 Datasheet
371Kb / 12P
   Single/Dual/Quad, Ultra-High-Speed, 3V/5V,Beyond-the-Rails Comparators
Rev 4; 3/99
MAX962 MAXIM-MAX962 Datasheet
325Kb / 14P
   Single/Dual/Quad, Ultra-High-Speed, 3V/5V, Beyond-the-Rails Comparators
Rev 5; 2/07
MAX9620 MAXIM-MAX9620 Datasheet
1Mb / 12P
   Single/Dual SC70, Zero-Drift, High-Efficiency, 1.5MHz Op Amps with RRIO
Rev 2; 2/10
MAX9620AXK++ MAXIM-MAX9620AXK+ Datasheet
1Mb / 12P
   Single/Dual SC70, Zero-Drift, High-Efficiency, 1.5MHz Op Amps with RRIO
Rev 2; 2/10
MAX9620AXK++ MAXIM-MAX9620AXK+ Datasheet
1Mb / 12P
   Single/Dual SC70, Zero-Drift, High-Efficiency, 1.5MHz Op Amps with RRIO
Rev 5; 7/11
More results

Similar Description - MAX9626ATC

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
THS4504 NSC-THS4504 Datasheet
1Mb / 45P
   WIDEBAND, LOW-DISTORTION, FULLY DIFFERENTIAL AMPLIFIERS
THS4503-EP NSC-THS4503-EP Datasheet
1Mb / 40P
   WIDEBAND, LOW-DISTORTION FULLY DIFFERENTIAL AMPLIFIERS
THS4501 NSC-THS4501 Datasheet
1Mb / 48P
   WIDEBAND, LOW-DISTORTION, FULLY DIFFERENTIAL AMPLIFIERS
logo
Texas Instruments
THS4500IDR TI1-THS4500IDR Datasheet
1Mb / 48P
[Old version datasheet]   WIDEBAND, LOW-DISTORTION, FULLY DIFFERENTIAL AMPLIFIERS
THS4500 TI-THS4500 Datasheet
585Kb / 37P
[Old version datasheet]   WIDEBAND, LOW DISTORTION FULLY DIFFERENTIAL AMPLIFIERS
THS4502 TI-THS4502 Datasheet
609Kb / 40P
[Old version datasheet]   WIDEBAND, LOW-DISTORTION FULLY DIFFERENTIAL AMPLIFIERS
THS4503-EP TI1-THS4503-EP_17 Datasheet
1Mb / 40P
[Old version datasheet]   WIDEBAND, LOW-DISTORTION FULLY DIFFERENTIAL AMPLIFIERS
THS4502 TI1-THS4502_16 Datasheet
1Mb / 48P
[Old version datasheet]   Wideband, Low-Distortion Fully Differential Amplifiers
THS4503-EP TI1-THS4503-EP Datasheet
768Kb / 38P
[Old version datasheet]   WIDEBAND, LOW-DISTORTION FULLY DIFFERENTIAL AMPLIFIERS
logo
National Semiconductor ...
THS4502 NSC-THS4502 Datasheet
1Mb / 49P
   Wideband, Low-Distortion Fully Differential Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com