Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX6515UKP035 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX6515UKP035
Description  Low-Cost, 2.7V to 5.5V Temperature Switches in a SOT23
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6515UKP035 Datasheet(HTML) 6 Page - Maxim Integrated Products

  MAX6515UKP035 Datasheet HTML 1Page - Maxim Integrated Products MAX6515UKP035 Datasheet HTML 2Page - Maxim Integrated Products MAX6515UKP035 Datasheet HTML 3Page - Maxim Integrated Products MAX6515UKP035 Datasheet HTML 4Page - Maxim Integrated Products MAX6515UKP035 Datasheet HTML 5Page - Maxim Integrated Products MAX6515UKP035 Datasheet HTML 6Page - Maxim Integrated Products MAX6515UKP035 Datasheet HTML 7Page - Maxim Integrated Products MAX6515UKP035 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Chip Information
PROCESS: BiCMOS
Low-Cost, 2.7V to 5.5V Temperature Switches
in a SOT23
6
_______________________________________________________________________________________
Table 1. Top Marks
PART
TOP MARK
MAX6514UKN005
AEKU
MAX6514UKN015
AEKV
MAX6514UKN025
AEKW
MAX6514UKN035
AECV
MAX6514UKN045
AEKX
MAX6514UKP005
AEKY
MAX6514UKP015
AEKZ
MAX6514UKP035
AELA
MAX6514UKP045
AELB
MAX6514UKP055
AELC
MAX6514UKP065
AELD
MAX6514UKP075
AECW
MAX6514UKP085
AELE
MAX6514UKP095
AELF
MAX6514UKP105
AELG
MAX6514UKP115
AELH
PART
TOP MARK
MAX6515UKN005
AEMK
MAX6515UKN015
AEML
MAX6515UKN025
AEMM
MAX6515UKN035
AECX
MAX6515UKN045
AEMN
MAX6515UKP005
AEMO
MAX6515UKP015
AEMP
MAX6515UKP035
AEMQ
MAX6515UKP045
AEMR
MAX6515UKP055
AEMS
MAX6515UKP065
AEMT
MAX6515UKP075
AECY
MAX6515UKP085
AEMU
MAX6515UKP095
AEMV
MAX6515UKP105
AEMW
MAX6515UKP115
AEMX
GND
VCC
HOT THRESHOLDS (+35
°C TO +115°C)
HYST
15
(TOVER)
TOVER
GND
(MAX6514)
MAX6515
SOT23
TOP VIEW
2
34
GND
VCC
COLD THRESHOLDS (-45
°C TO +15°C)
HYST
15
(TUNDER)
TUNDER
GND
(MAX6514)
MAX6515
SOT23
2
34
Pin Configurations
Package Information
For the latest package outline information and land patterns
(footprints), go to www.maxim-ic.com/packages. Note that a
“+”, “#”, or “-” in the package code indicates RoHS status only.
Package drawings may show a different suffix character, but
the drawing pertains to the package regardless of RoHS status.
PACKAGE
TYPE
PACKAGE
CODE
OUTLINE
NO.
LAND
PATTERN NO.
5 SOT23
U5+2
21-0057
90-0174


Similar Part No. - MAX6515UKP035

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6515UKP035 MAXIM-MAX6515UKP035 Datasheet
266Kb / 8P
   Low-Cost, 2.7V to 5.5V Temperature Switches in a SOT23
Rev 0; 1/04
More results

Similar Description - MAX6515UKP035

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6514 MAXIM-MAX6514 Datasheet
266Kb / 8P
   Low-Cost, 2.7V to 5.5V Temperature Switches in a SOT23
Rev 0; 1/04
MAX6501 MAXIM-MAX6501_V01 Datasheet
294Kb / 9P
   Low-Cost, 2.7V to 5.5V, Micropower Temperature Switches in SOT23
2011
MAX6516 MAXIM-MAX6516_11 Datasheet
238Kb / 10P
   Low-Cost, 2.7V to 5.5V, Analog Temperature Sensor Switches in a SOT23
Rev 1; 2/11
MAX6516 MAXIM-MAX6516 Datasheet
212Kb / 10P
   Low-Cost, 2.7V to 5.5V, Analog Temperature Sensor Switches in a SOT23
Rev 0; 11/03
MAX6501 MAXIM-MAX6501 Datasheet
397Kb / 8P
   Low-Cost, 2.7V to 5.5V, Micropower Temperature Switches in SOT23 and TO-220
Rev 2; 11/99
logo
Exar Corporation
CLC1005 EXAR-CLC1005 Datasheet
2Mb / 19P
   Low Cost, 2.7V to 5.5V, 260MHz Rail-to-Rail Amplifiers
logo
Cadeka Microcircuits LL...
AD8052LV CADEKA-AD8052LV Datasheet
3Mb / 14P
   Low Cost, 2.7V to 5.5V, 260MHz Rail-to-Rail Amplifier
CLC2005 CADEKA-CLC2005 Datasheet
2Mb / 13P
   Dual, Low Cost, 2.7V to 5.5V, 260MHz Rail-to-Rail Amplifier
logo
Maxim Integrated Produc...
MAX15108EVKIT MAXIM-MAX15108EVKIT Datasheet
1Mb / 8P
   Operates from a 2.7V to 5.5V Input Supply
Rev 0; 8/11
MAX15118EVKIT MAXIM-MAX15118EVKIT Datasheet
1Mb / 8P
   Operates from a 2.7V to 5.5V Input Supply
2012
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com