Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX9132GUP Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX9132GUP
Description  Programmable, High-Speed, Multiple Input/Output LVDS Crossbar Switches
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9132GUP Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX9132GUP Datasheet HTML 1Page - Maxim Integrated Products MAX9132GUP Datasheet HTML 2Page - Maxim Integrated Products MAX9132GUP Datasheet HTML 3Page - Maxim Integrated Products MAX9132GUP Datasheet HTML 4Page - Maxim Integrated Products MAX9132GUP Datasheet HTML 5Page - Maxim Integrated Products MAX9132GUP Datasheet HTML 6Page - Maxim Integrated Products MAX9132GUP Datasheet HTML 7Page - Maxim Integrated Products MAX9132GUP Datasheet HTML 8Page - Maxim Integrated Products MAX9132GUP Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
Programmable, High-Speed, Multiple
Input/Output LVDS Crossbar Switches
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
DC ELECTRICAL CHARACTERISTICS
(VAVDD = VDVDD = VLVDSVDD = +3.0V to +3.6V, TA = -40°C to +105°C, unless otherwise noted. Typical values are at VAVDD = VDVDD
= VLVDSVDD = +3.3V, TA = +25°C.) (Note 2)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VDD to GND ...........................................................-0.3V to +4.0V
All Pins to GND .............................................-0.3V to VDD + 0.3V
Short-Circuit Duration (all outputs).............................Continuous
Continuous Power Dissipation (TA = +70°C)
32-Pin TQFP (derate 27.8mW/°C above +70°C)........2222mW
20-Pin TSSOP (derate 26.5mW/°C above +70°C) .....2122mW
Operating Temperature Range .........................-40°C to +105°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
ESD Protection
Human Body Model (RD = 1.5kΩ, CS = 100pF)
All Other Pins Including SCL, SDA to GND .................±2kV
IEC 61000-4-2 (RD = 330Ω, CS = 150pF)
Contact Discharge
(DIN_, DOUT_) to GND ..............................................±10kV
Air-Gap Discharge
(DIN_, DOUT_) to GND ..............................................±15kV
ISO 10605 (RD = 2kΩ, CS = 330pF)
Contact Discharge
(DIN_, DOUT_) to GND ..............................................±10kV
Air-Gap Discharge
(DIN_, DOUT_) to GND ..............................................±25kV
Lead Temperature (soldering, 10s) ................................+300°C
Soldering Temperature (reflow) .......................................+260°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage
VDD
3.0
3.6
V
MAX9132
60
80
Supply Current
IAVDD,
IDVDD,
ILVDSVDD
Outputs switching at
20MHz
MAX9134/MAX9135
86
100
mA
SINGLE-ENDED CMOS INPUTS (
PD, FS, RXD)
Input High Level
VIH1
2.0
V
Input Low Level
VIL1
0.8
V
Input High Current
IIN1
VIN = 0 to VDD
-20
+20
µA
SINGLE-ENDED OUTPUTS (TXD, AS1/NSLP)
Output High Level
VOH
VDD -
0.4
V
Output Low Level
VOL
IOL = 4mA
0.4
V
3-LEVEL INPUTS (S5–S0, AS0, AS1)
Input High Level
VIH3
2.5
V
Input Low Level
VIL3
0.8
V
Input Open Level
VIO3
Measured at the input pins
1.2
1.45
1.9
V
Input Current
IL3, IH3
VIL3 = 0V or VIH3 = VDD
-20
+20
µA
Note 1: Package thermal resistances were obtained using the method described in JEDEC specification JESD51-7, using a four-
layer board. For detailed information on package thermal considerations, refer to www.maxim-ic.com/thermal-tutorial.
20 TSSOP-EP
Junction-to-Ambient Thermal Resistance (
θJA) ........37.7°C/W
Junction-to-Case Thermal Resistance (
θJC) ..................2°C/W
32 TQFP-EP
Junction-to-Ambient Thermal Resistance (
θJA) ...........36°C/W
Junction-to-Case Thermal Resistance (
θJC) ..................4°C/W
PACKAGE THERMAL CHARACTERISTICS (Note 1)


Similar Part No. - MAX9132GUP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9132 MAXIM-MAX9132 Datasheet
661Kb / 14P
   Fully Assembled and Tested
Rev 0; 10/08
MAX9132EVKIT MAXIM-MAX9132EVKIT Datasheet
661Kb / 14P
   Fully Assembled and Tested
Rev 0; 10/08
MAX9132EVKIT++ MAXIM-MAX9132EVKIT+ Datasheet
661Kb / 14P
   Fully Assembled and Tested
Rev 0; 10/08
More results

Similar Description - MAX9132GUP

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89538L MICREL-SY89538L_08 Datasheet
636Kb / 23P
   3.3V, Precision LVPECL and LVDS Programmable Multiple Output Bank Clock Synthesizer
logo
Analog Devices
ADM6305 AD-ADM6305_12 Datasheet
247Kb / 12P
   Multiple Input Programmable Supervisory ICs
REV. A
ADM6305 AD-ADM6305 Datasheet
199Kb / 12P
   Multiple Input Programmable Supervisory ICs
REV. 0
logo
National Semiconductor ...
LMH7220 NSC-LMH7220 Datasheet
867Kb / 19P
   High Speed Comparator with LVDS Output
LMH7220 NSC-LMH7220_08 Datasheet
1Mb / 20P
   High Speed Comparator with LVDS Output
LMH7220_0805 NSC-LMH7220_0805 Datasheet
1Mb / 20P
   High Speed Comparator with LVDS Output
logo
Microsemi Corporation
LX1668 MICROSEMI-LX1668 Datasheet
371Kb / 15P
   PROGRAMMABLE MULTIPLE OUTPUT DC:DC CONTROLLER
logo
Texas Instruments
LMH7220 TI1-LMH7220_14 Datasheet
1Mb / 34P
[Old version datasheet]   LMH7220 High Speed Comparator with LVDS Output
logo
Systemsensor advanced i...
CR-6 SYSTEMSENSOR-CR-6 Datasheet
496Kb / 2P
   Multiple Input and Output Modules
logo
Synaptics Incorporated.
CX20632 CONEXANT-CX20632 Datasheet
678Kb / 2P
   Multiple input/output retaskable ports
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com