Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX8869EUE33 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX8869EUE33
Description  1A, Microcap, Low-Dropout, Linear Regulator Foldback Output Current Limit
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8869EUE33 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX8869EUE33 Datasheet HTML 3Page - Maxim Integrated Products MAX8869EUE33 Datasheet HTML 4Page - Maxim Integrated Products MAX8869EUE33 Datasheet HTML 5Page - Maxim Integrated Products MAX8869EUE33 Datasheet HTML 6Page - Maxim Integrated Products MAX8869EUE33 Datasheet HTML 7Page - Maxim Integrated Products MAX8869EUE33 Datasheet HTML 8Page - Maxim Integrated Products MAX8869EUE33 Datasheet HTML 9Page - Maxim Integrated Products MAX8869EUE33 Datasheet HTML 10Page - Maxim Integrated Products MAX8869EUE33 Datasheet HTML 11Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
to case) is the thermal resistance of the package cho-
sen, and
θCA is the thermal resistance from the case
through the PC board, copper traces, and other materi-
als to the surrounding air. Figure 5 shows the allowable
power dissipation for typical PC boards at +25°C,
+50°C, and +70°C ambient temperatures.
The MAX8869 TSSOP-EP package features an
exposed thermal pad on its underside. This pad lowers
the package’s thermal resistance by providing a direct
thermal heat path from the die to the PC board.
Additionally, GND also channels heat. Connect the
exposed thermal pad and GND to circuit ground by
using a large pad (1in2 minimum recommended) or
multiple vias to the ground plane.
Applications Information
Capacitor Selection and
Regulator Stability
Capacitors are required at the MAX8869 input and out-
put. Connect 1µF or greater capacitors between IN and
GND (CIN) and OUT and GND (COUT). Due to the
MAX8869’s relatively high bandwidth, use only surface-
mount ceramic capacitors that have low equivalent
series resistance (ESR) and high self-resonant frequen-
cy (SRF). Make the input and output traces at least
2.5mm wide (the width of the four parallel inputs and
outputs), and connect CIN and COUT within 6mm of the
IC to minimize the impact of PC board trace induc-
tance. The width of the ground trace should be maxi-
mized underneath the IC to ensure a good connection
between GND and the ground side of the capacitors.
The output capacitor’s ESR and SRF can affect stability
and output noise. Use capacitors with greater than 5MHz
SRF and ESR of 60mΩ or less to ensure stability and
optimum transient response. This is particularly true in
applications with very low output voltage (<2V) and high
output current (>0.5A).
Since some capacitor dielectrics may vary over bias
voltage and temperature, consult the capacitor manu-
facturer specifications to ensure that the capacitors
meet these requirements over all voltage and tempera-
ture conditions used.
Soft-Start Capacitor Selection
A capacitor (CSS) connected from SS to GND causes
the MAX8869 output current to slowly rise during start-
up, reducing stress on the input supply. The rise time to
full current limit (tSS) is determined by:
tSS = 2.08  10-4  CSS
where CSS is in nF. Typical capacitor values between
10nF to 100nF, with a 5V rating, are sufficient.
Because this ramp is applied to the current-limit com-
parator, the actual time for the output voltage to ramp
up depends on the load current and output capacitor.
Leave SS open to disable soft-start.
Input-Output (Dropout) Voltage
A regulator’s minimum input-to-output voltage differen-
tial (dropout voltage) determines the lowest usable sup-
ply voltage. In battery-powered systems, this
determines the useful end-of-life battery voltage. Since
a 0.2Ω P-channel MOSFET is used as the pass device,
dropout voltage is the product of RDS(ON) and load
current (see
Electrical Characteristics and Dropout
Voltage vs. Output Current in
Typical Operating
Characteristics). The MAX8869 operating current
remains low in dropout.
Noise, PSRR, and Transient Response
The MAX8869 is designed to achieve low dropout volt-
age and low quiescent current in battery-powered sys-
tems while still maintaining good noise, transient
response, and AC rejection (see PSRR vs. Frequency
in the
Typical Operating Characteristics). When operat-
ing from very noisy sources, supply noise rejection and
transient response can be improved by increasing the
values of the input and output capacitors and employ-
ing passive postfiltering. MAX8869 output noise is typi-
cally 150µVRMS. (see the Output Noise plot in the
Typical Operating Characteristics).
1A, Microcap, Low-Dropout,
Linear Regulator
_______________________________________________________________________________________
9
Figure 5. Power Operating Region: Maximum Output Current
vs. Input-Output Differential Voltage
0
0.6
0.4
0.2
0.8
1.0
1.2
1
03
24
5
INPUT-OUTPUT DIFFERENTIAL VOLTAGE
MAXIMUM CONTINUOUS CURRENT
TA = +70
°C
TA = +50
°C
TA = +25
°C
TJ = +150
°C


Similar Part No. - MAX8869EUE33

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8869EUE33 MAXIM-MAX8869EUE33 Datasheet
538Kb / 10P
   1A, MicroCap, Low-Dropout, Linear Regulator
MAX8869EUE33 MAXIM-MAX8869EUE33_12 Datasheet
392Kb / 11P
   1A, Microcap, Low-Dropout, Linear Regulator
Rev 2; 10/12
More results

Similar Description - MAX8869EUE33

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8869 MAXIM-MAX8869 Datasheet
538Kb / 10P
   1A, MicroCap, Low-Dropout, Linear Regulator
MAX8869 MAXIM-MAX8869_12 Datasheet
392Kb / 11P
   1A, Microcap, Low-Dropout, Linear Regulator
Rev 2; 10/12
logo
Texas Instruments
TLV740P TI1-TLV740P Datasheet
1Mb / 26P
[Old version datasheet]   TLV740P 300-mA, Low-Dropout Regulator With Foldback Current Limit
TLV740P TI-TLV740P_V01 Datasheet
2Mb / 31P
[Old version datasheet]   TLV740P 300-mA, Low-Dropout Regulator With Foldback Current Limit
TLV741P TI1-TLV741P Datasheet
1Mb / 27P
[Old version datasheet]   150-mA, Low-Dropout Regulator With Foldback Current Limit for Portable Devices
TLV741P TI1-TLV741P_18 Datasheet
1Mb / 30P
[Old version datasheet]   150-mA, Low-Dropout Regulator With Foldback Current Limit for Portable Devices
TLV717P TI1-TLV717P_16 Datasheet
1Mb / 28P
[Old version datasheet]   TLV717P 150-mA, Low-Dropout Regulator With Foldback Current Limit for Portable
TLV717XX TI1-TLV717XX Datasheet
838Kb / 23P
[Old version datasheet]   150-mA, Low-Dropout Regulator with Foldback Current Limit for Portable Devices
TLV717P TI-TLV717P Datasheet
1Mb / 24P
[Old version datasheet]   150-mA, Low-Dropout Regulator with Foldback Current Limit for Portable Devices
TLV741P_1808 TI1-TLV741P_1808 Datasheet
1Mb / 36P
[Old version datasheet]   150-mA, Low-Dropout Regulator With Foldback Current Limit for Portable Devices
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com