Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX8902A Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX8902A
Description  Low-Noise 500mA LDO Regulators in a 2mm x 2mm TDFN Package
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8902A Datasheet(HTML) 7 Page - Maxim Integrated Products

  MAX8902A_11 Datasheet HTML 1Page - Maxim Integrated Products MAX8902A_11 Datasheet HTML 2Page - Maxim Integrated Products MAX8902A_11 Datasheet HTML 3Page - Maxim Integrated Products MAX8902A_11 Datasheet HTML 4Page - Maxim Integrated Products MAX8902A_11 Datasheet HTML 5Page - Maxim Integrated Products MAX8902A_11 Datasheet HTML 6Page - Maxim Integrated Products MAX8902A_11 Datasheet HTML 7Page - Maxim Integrated Products MAX8902A_11 Datasheet HTML 8Page - Maxim Integrated Products MAX8902A_11 Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
The BYP capacitor value can be adjusted from 0.001µF
to 0.1µF to change the startup slew rate according to
the following formula:
Startup slew rate = (5V / ms) x (0.01µF / CBYP)
Note that this slew rate applies only at startup, and that
recovery from a short circuit occurs at a slew rate
approximately 500 times slower.
Also note that, being a low-frequency filter node, BYP is
sensitive to leakage. BYP leakage currents above 10nA
cause measurable inaccuracy at the output and should
be avoided.
Protection Features
The MAX8902A/MAX8902B are fully protected from an
output short circuit by a current-limiting and thermal-
overload circuit. If the output is shorted to GND, the
output current is limited to 700mA (typ). Under these
conditions, the part quickly heats up. When the junction
temperature reaches +165°C, a thermal-limit circuit
shuts off the output device. When the junction cools to
+150°C, the output turns back on in an attempt to
reestablish regulation. While the fault persists, the out-
put current cycles on and off, as the junction tempera-
ture slews between +150°C and +165°C.
The MAX8902A/MAX8902B are also protected against
reverse current when the output voltage is higher than
the input. In the event that extra output capacitance is
used at the output, a power-down transient at the input
would normally cause a large reverse current through a
conventional regulator. The MAX8902A/MAX8902B
include a reverse voltage detector that trips when IN
drops 10mV below OUT, shutting off the regulator and
opening the pMOS body diode connection, preventing
any reverse current.
Thermal Considerations
The MAX8902A/MAX8902B are packaged in an 8-pin,
2mm x 2mm TDFN package with an exposed paddle.
The exposed paddle is the main path for heat to leave
the IC, and therefore, must be connected to a ground
plane with thermal vias to allow heat to dissipate from
the device. Thermal properties of the IC package are
given in Table 1.
Selecting the Output Voltage (MAX8902A)
The MAX8902A output can be set to one of nine volt-
ages by shorting or opening the SELA and SELB
inputs, as shown in Table 2. SELA and SELB should be
connected to GND, IN, or left unconnected.
Alternatively, they may be driven high, low, or open with
external logic; however, the states of SELA and SELB
are sampled only at startup. The regulation voltage can
be set to a different level by cycling EN or IN momen-
tarily to GND.
Setting the Output Voltage (MAX8902B)
The MAX8902B uses external feedback resistors to set
the output regulation voltage as shown in Figure 3. The
output can be set from 0.6V to 5.3V. Set the lower feed-
back resistor (R2) to 120k
Ω or less to minimize FB input
bias current error. Then calculate the value of the upper
feedback resistor (R1) as follows:
where VFB is the feedback regulation voltage of 0.6V.
Power-OK (MAX8902B)
The MAX8902B includes an additional open-drain out-
put, POK, that pulls low to indicate the output voltage is
in regulation. During startup, POK is high impedance
until the output voltage rises to 91% of its regulation
level. If an overload occurs at the output, or the output
is shut down, POK is high impedance.
RR
V
V
OUT
FB
12
1
⎝⎜
⎠⎟
Low-Noise 500mA LDO Regulators
in a 2mm x 2mm TDFN Package
_______________________________________________________________________________________
7
CONTINUOUS POWER
DISSIPATION
953.5mW DERATE 11.9mW/°C
ABOVE +70°C
θJA*
83.9°C/W
θJC
36.6°C/W
Table 1. 2mm x 2mm TDFN Package
Thermal Characteristics
OUTPUT VOLTAGE
(V)
SELA STATE
SELB STATE
1.5
IN
Unconnected
1.8
Unconnected
GND
2.0
Unconnected
IN
2.5
Unconnected
Unconnected
3.0
GND
GND
3.1
GND
IN
3.3
GND
Unconnected
4.6
IN
GND
4.7
IN
IN
Table 2. MAX8902A Output Voltages
*
θJA is specified according to the JESD51 standard with the
part mounted on a multilayer PCB.


Similar Part No. - MAX8902A_11

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8902A MAXIM-MAX8902A_12 Datasheet
378Kb / 9P
   Low-Noise 500mA LDO Regulators in a 2mm x 2mm TDFN Package
Rev 5; 10/12
MAX8902A MAXIM-MAX8902A_15 Datasheet
355Kb / 9P
   Low-Noise 500mA LDO Regulators in a 2mm x 2mm TDFN Package
Rev 6; 1/15
More results

Similar Description - MAX8902A_11

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8902A MAXIM-MAX8902A_15 Datasheet
355Kb / 9P
   Low-Noise 500mA LDO Regulators in a 2mm x 2mm TDFN Package
Rev 6; 1/15
MAX8902 MAXIM-MAX8902 Datasheet
355Kb / 9P
   Low-Noise 500mA LDO Regulators in a 2mm x 2mm TDFN Package
19-0990; Rev 6; 1/15
MAX8902A MAXIM-MAX8902A_08 Datasheet
266Kb / 11P
   Low-Noise 500mA LDO Regulators in a 2mm x 2mm TDFN Package
Rev 2; 2/08
MAX8902A MAXIM-MAX8902A Datasheet
267Kb / 10P
   Low-Noise 500mA LDO Regulators in a 2mm x 2mm TDFN Package
Rev 5; 10/12
MAX8902BATAT MAXIM-MAX8902BATAT Datasheet
360Kb / 9P
   Low-Noise 500mA LDO Regulators in a 2mm x 2mm TDFN Package
Rev 5; 10/12
MAX8902AATA-T MAXIM-MAX8902AATA-T Datasheet
378Kb / 9P
   Low-Noise 500mA LDO Regulators in a 2mm x 2mm TDFN Package
Rev 5; 10/12
MAX8902A MAXIM-MAX8902A_12 Datasheet
378Kb / 9P
   Low-Noise 500mA LDO Regulators in a 2mm x 2mm TDFN Package
Rev 5; 10/12
logo
Micrel Semiconductor
MIC5350 MICREL-MIC5350 Datasheet
445Kb / 12P
   Dual 300mA/500mA LDO in 2mm x 2mm Thin MLF짰
logo
Texas Instruments
TPS718XX TI-TPS718XX_07 Datasheet
325Kb / 18P
[Old version datasheet]   Dual, 200mA Output, Low Noise, High PSRR Low-Dropout Linear Regulators in 2mm x 2mm SON Package
TPS718XX TI-TPS718XX Datasheet
506Kb / 15P
[Old version datasheet]   Dual, 200mA Output, Low Noise, High PSRR Low-Dropout Linear Regulators in 2mm x 2mm SON Package
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com