Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX8869 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX8869
Description  1A, Microcap, Low-Dropout, Linear Regulator Foldback Output Current Limit
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8869 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX8869_11 Datasheet HTML 1Page - Maxim Integrated Products MAX8869_11 Datasheet HTML 2Page - Maxim Integrated Products MAX8869_11 Datasheet HTML 3Page - Maxim Integrated Products MAX8869_11 Datasheet HTML 4Page - Maxim Integrated Products MAX8869_11 Datasheet HTML 5Page - Maxim Integrated Products MAX8869_11 Datasheet HTML 6Page - Maxim Integrated Products MAX8869_11 Datasheet HTML 7Page - Maxim Integrated Products MAX8869_11 Datasheet HTML 8Page - Maxim Integrated Products MAX8869_11 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
General Description
The MAX8869 low-dropout linear regulator operates
from a +2.7V to +5.5V input and delivers a guaranteed
1A load current with a low 200mV dropout. The high-
accuracy (±1%) output voltage is preset at +5V, +3.3V,
+2.5V, +1.8V, or +1.0V or is adjustable from +0.8V to
+5V with an external resistor-divider.
The MAX8869 uses Microcap® technology and
requires only a small 1µF output capacitor for guaran-
teed stability. An internal PMOS pass transistor allows
low 500µA supply current, making this regulator useful
for networking and telecom hardware as well as bat-
tery-operated equipment. Other features include soft-
start, low-power shutdown, short-circuit protection, and
thermal shutdown protection.
The MAX8869 is available in a 1.5W, 16-pin TSSOP
package, which is 30% smaller than a SOT223 and only
1.1mm high.
________________________Applications
Telecom Hardware
Network Equipment
Mobile Phone Base Stations
Personal Computers
Notebook Computers
Features
o Guaranteed 1A Output Current
o Stable with COUT = 1μF
o Low 200mV Dropout at 1A
o ±1% Output Voltage Accuracy
Preset at +5V, +3.3V, +2.5V, +1.8V, or +1.0V
and Adjustable from +0.8V to +5.0V
o 54dB PSRR at 100kHz
o Adjustable Soft-Start
o 3ms Reset Output
o Foldback Output Current Limit
o Thermal Overload Protection
o High-Power 16-Pin TSSOP Package (1.5W)
30% Smaller than SOT223 (Only 1.1mm High)
1A, Microcap, Low-Dropout,
Linear Regulator
________________________________________________________________
Maxim Integrated Products
1
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
N.C.
N.C.
OUT
OUT
OUT
OUT
SET
GND
N.C.
TOP VIEW
MAX8869
TSSOP-EP
IN
IN
RST
IN
IN
SHDN
SS
Pin Configuration
IN
IN
IN
IN
SHDN
SS
OUT
OUT
OUT
OUT
RST
SET
GND
ON
OFF
1
μF
1
μF
VIN
+2.7V TO +5.5V
VOUT
UP TO 1A
RESET
OUTPUT
MAX8869
Typical Operating Circuit
19-1692; Rev 1; 3/11
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
Ordering Information
Microcap is a registered trademark of American Technical
Ceramics Corp.
PART
PIN-PACKAGE
VOUT (V)*
MAX8869EUE50+
16 TSSOP-EP**
+5.0
MAX8869EUE33+
16 TSSOP-EP**
+3.3
MAX8869EUE25+
16 TSSOP-EP**
+2.5
MAX8869EUE18+
16 TSSOP-EP**
+1.8
MAX8869EUE10+
16 TSSOP-EP**
+1.0
Note: All devices are specified over the -40°C to +85°C
temperature range.
+
Denotes a lead(Pb)-free/RoHS-compliant package.
*
Or adjustable from +0.8V to +5.0V. Contact factory for other
preset output voltages.
**
EP = Exposed pad.


Similar Part No. - MAX8869_11

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8869 MAXIM-MAX8869_12 Datasheet
392Kb / 11P
   1A, Microcap, Low-Dropout, Linear Regulator
Rev 2; 10/12
More results

Similar Description - MAX8869_11

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8869 MAXIM-MAX8869 Datasheet
538Kb / 10P
   1A, MicroCap, Low-Dropout, Linear Regulator
MAX8869 MAXIM-MAX8869_12 Datasheet
392Kb / 11P
   1A, Microcap, Low-Dropout, Linear Regulator
Rev 2; 10/12
logo
Texas Instruments
TLV740P TI1-TLV740P Datasheet
1Mb / 26P
[Old version datasheet]   TLV740P 300-mA, Low-Dropout Regulator With Foldback Current Limit
TLV740P TI-TLV740P_V01 Datasheet
2Mb / 31P
[Old version datasheet]   TLV740P 300-mA, Low-Dropout Regulator With Foldback Current Limit
TLV741P TI1-TLV741P Datasheet
1Mb / 27P
[Old version datasheet]   150-mA, Low-Dropout Regulator With Foldback Current Limit for Portable Devices
TLV741P TI1-TLV741P_18 Datasheet
1Mb / 30P
[Old version datasheet]   150-mA, Low-Dropout Regulator With Foldback Current Limit for Portable Devices
TLV717P TI1-TLV717P_16 Datasheet
1Mb / 28P
[Old version datasheet]   TLV717P 150-mA, Low-Dropout Regulator With Foldback Current Limit for Portable
TLV717XX TI1-TLV717XX Datasheet
838Kb / 23P
[Old version datasheet]   150-mA, Low-Dropout Regulator with Foldback Current Limit for Portable Devices
TLV717P TI-TLV717P Datasheet
1Mb / 24P
[Old version datasheet]   150-mA, Low-Dropout Regulator with Foldback Current Limit for Portable Devices
TLV741P_1808 TI1-TLV741P_1808 Datasheet
1Mb / 36P
[Old version datasheet]   150-mA, Low-Dropout Regulator With Foldback Current Limit for Portable Devices
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com