Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX6696YAEE Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX6696YAEE
Description  Dual Remote/Local Temperature Sensors with SMBus Serial Interface
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6696YAEE Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX6696YAEE Datasheet HTML 7Page - Maxim Integrated Products MAX6696YAEE Datasheet HTML 8Page - Maxim Integrated Products MAX6696YAEE Datasheet HTML 9Page - Maxim Integrated Products MAX6696YAEE Datasheet HTML 10Page - Maxim Integrated Products MAX6696YAEE Datasheet HTML 11Page - Maxim Integrated Products MAX6696YAEE Datasheet HTML 12Page - Maxim Integrated Products MAX6696YAEE Datasheet HTML 13Page - Maxim Integrated Products MAX6696YAEE Datasheet HTML 14Page - Maxim Integrated Products MAX6696YAEE Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
Dual Remote/Local Temperature Sensors with
SMBus Serial Interface
______________________________________________________________________________________
11
REGISTER
ADDRESS
POR STATE
FUNCTION
RLTS
00 h
0000 0000
(0
°C)
Read internal temperature
RRTE
01 h
0000 0000
(0
°C)
Read external channel 1 temperature if bit 3 of configuration register is 0;
Read external channel 2 temperature if bit 3 of configuration register is 1
RSL1
02 h
1000 0000
Read status register 1
RCL
03 h
0000 0000
Read configuration byte (fault queue should be disabled at startup)
RCRA
04 h
0000 0110
Read conversion rate byte
RLHN
05 h
0100 0110
(+70
°C)
Read internal ALERT high limit
RLLI
06 h
1100 1001
(-55
°C)
Read internal ALERT low limit
RRHI
07 h
0100 0110
(+70
°C)
Read external channel 1 ALERT high limit if bit 3 of configuration register is 0;
Read external channel 2 ALERT high limit if bit 3 of configuration register is 1
RRLS
08 h
1100 1001
(-55
°C)
Read external channel 1 ALERT low limit if bit 3 of configuration register is 0;
Read external channel 2 ALERT low limit if bit 3 of configuration register is 1
WCA
09 h
0010 0000
Write configuration byte
WCRW
0A h
0000 0110
Write conversion rate byte
WLHO
0B h
0100 0110
(+70
°C)
Write internal ALERT high limit
WLLM
0C h
1100 1001
(-55
°C)
Write internal ALERT low limit
WRHA
0D h
0100 0110
(+70
°C)
Write external channel 1 ALERT high limit if bit 3 of configuration register is 0;
Write external channel 2 ALERT high limit if bit 3 of configuration register is 1
WRLN
0E h
1100 1001
(-55
°C)
Write external channel 1 ALERT low limit if bit 3 of configuration register is 0;
Write external channel 2 ALERT low limit if bit 3 of configuration register is 1
OSHT
0F h
0000 0000
One shot
REET
10 h
0000 0000
Read extended temp of external channel 1 if bit 3 of configuration register is 0;
Read extended temp of external channel 2 if bit 3 of configuration register is 1
RIET
11 h
0000 0000
Read internal extended temperature
RSL2
12 h
0000 0000
Read status register 2
RWO2E
16 h
0111 1000
(+120
°C)
Read/write external OT2 limit for channel 1 if bit 3 of configuration register is 0;
Read/write external OT2 limit for channel 2 if bit 3 of configuration register is 1
RWO2I
17 h
0101 1010
(+90
°C)
Read/write internal OT2 limit
RWO1E
19 h
0101 1010
(+90
°C)
Read/write external OT1 limit for channel 1 if bit 3 of configuration register is 0;
Read/write external OT1 limit for channel 2 if bit 3 of configuration register is 1
RWO1I
20 h
0100 0110
(+70
°C)
Read/write internal OT1 limit
Table 5. Command-Byte Register Bit Assignments


Similar Part No. - MAX6696YAEE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6696 MAXIM-MAX6696 Datasheet
192Kb / 20P
   Dual Remote/Local Temperature Sensors with SMBus Serial Interface
Rev 1; 5/04
MAX66960 MAXIM-MAX66960 Datasheet
267Kb / 4P
   -80C Temperature Data Logger with External Thermistor Probe
Rev 1; 1/17
MAX6696AEE MAXIM-MAX6696AEE Datasheet
192Kb / 20P
   Dual Remote/Local Temperature Sensors with SMBus Serial Interface
Rev 1; 5/04
More results

Similar Description - MAX6696YAEE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6695 MAXIM-MAX6695 Datasheet
192Kb / 20P
   Dual Remote/Local Temperature Sensors with SMBus Serial Interface
Rev 1; 5/04
MAX1617A MAXIM-MAX1617A_12 Datasheet
343Kb / 20P
   Remote/Local Temperature Sensor with SMBus Serial Interface
Rev 1; 10/12
logo
Global Mixed-mode Techn...
G767 GMT-G767 Datasheet
393Kb / 14P
   Remote/Local Temperature Sensor with SMBus Serial Interface
logo
Maxim Integrated Produc...
MAX1617 MAXIM-MAX1617 Datasheet
226Kb / 20P
   Remote/Local Temperature Sensor with SMBus Serial Interface
19-1265; Rev 1; 3/98
MAX1617A MAXIM-MAX1617A_V01 Datasheet
1Mb / 20P
   Remote/Local Temperature Sensor with SMBus Serial Interface
2016
MAX1617 MAXIM-MAX1617_V01 Datasheet
1Mb / 20P
   Remote/Local Temperature Sensor with SMBus Serial Interface
2016
MAX1617 MAXIM-MAX1617_12 Datasheet
301Kb / 20P
   Remote/Local Temperature Sensor with SMBus Serial Interface
Rev 2; 11/12
MAX1617A MAXIM-MAX1617A Datasheet
234Kb / 18P
   Remote/Local Temperature Sensor with SMBus Serial Interface
19-4508; Rev 0; 1/99
logo
Global Mixed-mode Techn...
G788 GMT-G788 Datasheet
45Kb / 1P
   Remote and Local Temperature Sensor with SMBus Serial Interface
Ver: 0.4 Oct 16, 2013
logo
Maxim Integrated Produc...
MAX6680 MAXIM-MAX6680 Datasheet
194Kb / 17P
   Fail-Safe Remote/Local Temperature Sensors with SMBus Interface
Rev 0; 4/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com