Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX6516UKP035 Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX6516UKP035
Description  Low-Cost, 2.7V to 5.5V, Analog Temperature Sensor Switches in a SOT23
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6516UKP035 Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX6516UKP035 Datasheet HTML 2Page - Maxim Integrated Products MAX6516UKP035 Datasheet HTML 3Page - Maxim Integrated Products MAX6516UKP035 Datasheet HTML 4Page - Maxim Integrated Products MAX6516UKP035 Datasheet HTML 5Page - Maxim Integrated Products MAX6516UKP035 Datasheet HTML 6Page - Maxim Integrated Products MAX6516UKP035 Datasheet HTML 7Page - Maxim Integrated Products MAX6516UKP035 Datasheet HTML 8Page - Maxim Integrated Products MAX6516UKP035 Datasheet HTML 9Page - Maxim Integrated Products MAX6516UKP035 Datasheet HTML 10Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
Low-Cost, 2.7V to 5.5V, Analog Temperature
Sensor Switches in a SOT23
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are
implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
10 ____________________Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 408-737-7600
© 2011 Maxim Integrated Products
Maxim is a registered trademark of Maxim Integrated Products, Inc.
Revision History
REVISION
NUMBER
REVISION
DATE
DESCRIPTION
PAGES
CHANGED
0
11/03
Initial release
1
2/11
Changed the leaded parts to lead(Pb)-free parts in the Ordering Information table; in
the Absolute Maximum Ratings section changed the continuous power dissipation
numbers (7.1mW/°C to 3.1mW/°C and 571mW to 247mW); added the Package
Information table
1, 2, 8


Similar Part No. - MAX6516UKP035

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6516UK MAXIM-MAX6516UK Datasheet
212Kb / 10P
   Low-Cost, 2.7V to 5.5V, Analog Temperature Sensor Switches in a SOT23
Rev 0; 11/03
More results

Similar Description - MAX6516UKP035

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6516 MAXIM-MAX6516 Datasheet
212Kb / 10P
   Low-Cost, 2.7V to 5.5V, Analog Temperature Sensor Switches in a SOT23
Rev 0; 11/03
MAX6514 MAXIM-MAX6514_11 Datasheet
192Kb / 8P
   Low-Cost, 2.7V to 5.5V Temperature Switches in a SOT23
Rev 1; 2/11
MAX6514 MAXIM-MAX6514 Datasheet
266Kb / 8P
   Low-Cost, 2.7V to 5.5V Temperature Switches in a SOT23
Rev 0; 1/04
MAX6501 MAXIM-MAX6501_V01 Datasheet
294Kb / 9P
   Low-Cost, 2.7V to 5.5V, Micropower Temperature Switches in SOT23
2011
MAX6501 MAXIM-MAX6501 Datasheet
397Kb / 8P
   Low-Cost, 2.7V to 5.5V, Micropower Temperature Switches in SOT23 and TO-220
Rev 2; 11/99
logo
Exar Corporation
CLC1005 EXAR-CLC1005 Datasheet
2Mb / 19P
   Low Cost, 2.7V to 5.5V, 260MHz Rail-to-Rail Amplifiers
logo
Cadeka Microcircuits LL...
AD8052LV CADEKA-AD8052LV Datasheet
3Mb / 14P
   Low Cost, 2.7V to 5.5V, 260MHz Rail-to-Rail Amplifier
CLC2005 CADEKA-CLC2005 Datasheet
2Mb / 13P
   Dual, Low Cost, 2.7V to 5.5V, 260MHz Rail-to-Rail Amplifier
logo
Maxim Integrated Produc...
MAX4647 MAXIM-MAX4647_07 Datasheet
220Kb / 9P
   25Ω SPST Analog Switches in SOT23-6
Rev 1; 1/07
MAX15108EVKIT MAXIM-MAX15108EVKIT Datasheet
1Mb / 8P
   Operates from a 2.7V to 5.5V Input Supply
Rev 0; 8/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com