Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX8521ETP Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX8521ETP
Description  Smallest TEC Power Drivers for Optical Modules Low Profile Design
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8521ETP Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX8521ETP Datasheet HTML 1Page - Maxim Integrated Products MAX8521ETP Datasheet HTML 2Page - Maxim Integrated Products MAX8521ETP Datasheet HTML 3Page - Maxim Integrated Products MAX8521ETP Datasheet HTML 4Page - Maxim Integrated Products MAX8521ETP Datasheet HTML 5Page - Maxim Integrated Products MAX8521ETP Datasheet HTML 6Page - Maxim Integrated Products MAX8521ETP Datasheet HTML 7Page - Maxim Integrated Products MAX8521ETP Datasheet HTML 8Page - Maxim Integrated Products MAX8521ETP Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
Smallest TEC Power Drivers for Optical
Modules
_______________________________________________________________________________________
5
ELECTRICAL CHARACTERISTICS (continued)
(VDD = VPVDD1 = VPVDD2 = VSHDN = 5V, 1MHz mode (Note 4). PGND1 = PGND2 = GND, CTLI = MAXV = MAXIP = MAXIN = REF,
TA = -40°C to +85°C, unless otherwise noted.) (Note 8)
PARAMETER
SYMBOL
CONDITIONS
MIN
MAX
UNITS
VMAXV = VREF x 0.67, VOS1 to VOS2 =
±4V,
VDD = 5V
-2
+2
%
MAXV Threshold Accuracy
VMAXV = VREF x 0.33, VOS1 to VOS2 =
±2V,
VDD = 3V
-3
+3
%
MAXV, MAXI_ Input Bias Current
IMAXV-
BIAS,
IMAXI_-BIAS
VMAXV = VMAXI_ = 0.1V or 1.5V
-0.1
+0.1
µA
CTLI Gain
ACTLI
VCTLI = 0.5V to 2.5V (Note 7)
9.5
10.5
V/V
CTLI Input Resistance
RCTLI
1M
Ω terminated at REF
0.5
2.0
M
Error-Amp Transconductance
gm
50
160
µS
VITEC Accuracy
VOS1 to VCS =
±100mV
VOS1 = VDD/2
-10
+10
%
Note 4: Enter 1MHz mode by connecting a 60k
Ω resistor from FREQ to ground for the MAX8520, and connecting FREQ to VDD for
the MAX8521.
Note 5: Includes power FET leakage.
Note 6: Duty-cycle specification is guaranteed by design and not production tested.
Note 7: CTLI Gain is defined as:
Note 8: Specifications to -40°C are guaranteed by design and not production tested.
A
V
VV
CTLI
CTLI
OS
CS
=
()
1
Typical Operating Characteristics
(VDD = 5V, circuit of Figure 1, TA = +25°C unless otherwise noted.)
EFFICIENCY vs. TEC CURRENT
VDD = 5V, RTEC = 2
TEC CURENT (A)
1.4
1.2
0.8
1
0.4
0.6
0.2
10
20
30
40
50
60
70
80
90
0
0
1.6
FREQ = 500kHz
FREQ = 1MHz
EFFICIENCY vs. TEC CURRENT
VDD = 3.3V, RTEC = 1.3
TEC CURRENT (A)
1.4
1.2
0.8
1
0.4
0.6
0.2
10
20
30
40
50
60
70
80
90
0
01.6
FREQ = 500kHz
FREQ = 1MHz
COMMON-MODE
OUTPUT VOLTAGE RIPPLE
MAX8520/21 toc03
400ns/div
VOS2
20mV/div
AC-COUPLED
VOS1
20mV/div
AC-COUPLED
ITEC = 1A
C2 = C7 = 1
µF


Similar Part No. - MAX8521ETP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8521ETP MAXIM-MAX8521ETP Datasheet
99Kb / 8P
   MAXIM INTEGRATED PRODUCTS
Rev. A June 29, 2003
MAX8521ETP MAXIM-MAX8521ETP Datasheet
605Kb / 19P
   Smallest TEC Power Drivers for Optical Modules
Rev 0; 10/02
MAX8521ETP MAXIM-MAX8521ETP Datasheet
337Kb / 18P
   Smallest TEC Power Drivers for Optical Modules
Rev 1; 12/08
More results

Similar Description - MAX8521ETP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8520 MAXIM-MAX8520_08 Datasheet
337Kb / 18P
   Smallest TEC Power Drivers for Optical Modules
Rev 1; 12/08
MAX8520 MAXIM-MAX8520 Datasheet
605Kb / 19P
   Smallest TEC Power Drivers for Optical Modules
Rev 0; 10/02
MAX1968 MAXIM-MAX1968_07 Datasheet
455Kb / 16P
   Power Drivers for Peltier TEC Modules
Rev 2; 2/07
MAX1968 MAXIM-MAX1968_15 Datasheet
294Kb / 16P
   Power Drivers for Peltier TEC Modules
Rev 3; 5/15
MAX1968 MAXIM-MAX1968 Datasheet
368Kb / 16P
   Power Drivers for Peltier TEC Modules
19-2447; Rev 0; 4/02
logo
Hamamatsu Corporation
C11209-110 HAMAMATSU-C11209-110_15 Datasheet
610Kb / 4P
   Optical measurement modules for low-level light detection
logo
Tyco Electronics
1EGG1-1 MACOM-1EGG1-1 Datasheet
85Kb / 2P
   Smallest Filtered Power Entry Modules with Metric Fuseholders
logo
CUI INC
SJ2-2594A-SMT-TR CUI-SJ2-2594A-SMT-TR Datasheet
487Kb / 4P
   low profile design
SJ2-2542X-SMT CUI-SJ2-2542X-SMT Datasheet
649Kb / 4P
   low profile design
logo
Tyco Electronics
SMW21R0FT MACOM-SMW21R0FT Datasheet
126Kb / 3P
   Low Profile Design
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com