Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX8566ETJ Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX8566ETJ
Description  High-Efficiency, 10A, PWM Internal-Switch Step-Down Regulator 32-Lead TQFN Package
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8566ETJ Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX8566ETJ Datasheet HTML 1Page - Maxim Integrated Products MAX8566ETJ Datasheet HTML 2Page - Maxim Integrated Products MAX8566ETJ Datasheet HTML 3Page - Maxim Integrated Products MAX8566ETJ Datasheet HTML 4Page - Maxim Integrated Products MAX8566ETJ Datasheet HTML 5Page - Maxim Integrated Products MAX8566ETJ Datasheet HTML 6Page - Maxim Integrated Products MAX8566ETJ Datasheet HTML 7Page - Maxim Integrated Products MAX8566ETJ Datasheet HTML 8Page - Maxim Integrated Products MAX8566ETJ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
High-Efficiency, 10A, PWM
Internal-Switch Step-Down Regulator
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS (continued)
(VIN = VDD = VEN = 3.3V, VFB = 0.5V, VSYNC = 0V, TA = 0°C to +85°C, typical values are at TA = +25°C, unless otherwise noted.)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
SYNC
Capture Range
VDD = 2.3V to 3.6V
0.25
2.40
MHz
tLO
100
Pulse Width
VDD = 2.3V to 3.6V
tHI
100
ns
VIH
0.4
0.95
Input Threshold
VDD = 2.3V to 3.6V
VIL
1
1.6
V
IIH
-1
+10
Input Current
VSYNC = 0V or 3.6V, VDD = 3.6V
IIL, TA = +25°C
-1
+0.01
+1
µA
SYNCOUT
Frequency Range
VDD = 2.3V to 3.6V
0.25
2.40
MHz
Phase Shift from SYNC or
Internal Oscillator
Frequency = 1MHz
160
180
230
Degrees
VOH
VDD -
0.4
VDD -
0.05
Output Voltage
ISYNCOUT = ±1mA,
VDD = 2.3V to 3.6V
VOL
0.05
0.4
V
THERMAL SHUTDOWN
Thermal-Shutdown Threshold
When LX stops switching
+165
°C
Thermal-Shutdown Hysteresis
20
°C
POWER GOOD
Threshold Voltage
VFB falling, 3mV hysteresis
86
90
93
% of
VREFIN
or 0.6V
Falling-Edge Deglitch
30
50
80
µs
Output Low Voltage
IPWRGD = 4mA
0.15
0.3
V
Leakage Current
VPWRGD = 3.6V, VFB = 0.9V, TA = +25°C
0.01
1
µA


Similar Part No. - MAX8566ETJ

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8566ETJ++ MAXIM-MAX8566ETJ+ Datasheet
285Kb / 21P
   High-Efficiency, 10A, PWM Internal-Switch Step-Down Regulator
Rev 0; 6/05
MAX8566ETJ++ MAXIM-MAX8566ETJ+ Datasheet
288Kb / 20P
   High-Efficiency, 10A, PWM Internal-Switch Step-Down Regulator
Rev 1; 2/09
More results

Similar Description - MAX8566ETJ

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8566 MAXIM-MAX8566 Datasheet
285Kb / 21P
   High-Efficiency, 10A, PWM Internal-Switch Step-Down Regulator
Rev 0; 6/05
MAX8566 MAXIM-MAX8566_09 Datasheet
288Kb / 20P
   High-Efficiency, 10A, PWM Internal-Switch Step-Down Regulator
Rev 1; 2/09
logo
Linear Technology
LTM4649EY LINER-LTM4649EY Datasheet
667Kb / 8P
   High Efficiency 10A Step-Down 關Module Regulator
logo
Maxim Integrated Produc...
MAX17083 MAXIM-MAX17083 Datasheet
392Kb / 15P
   Low-Voltage, Internal Switch, Step-Down Regulator
Rev 0; 2/09
logo
Renesas Technology Corp
ISL8210M RENESAS-ISL8210M Datasheet
2Mb / 41P
   10A High Efficiency Step-Down Power Module
Feb 15, 2019
logo
Maxim Integrated Produc...
MAX1515 MAXIM-MAX1515 Datasheet
489Kb / 24P
   Low-Voltage, Internal Switch, Step-Down/DDR Regulator
Rev 1; 3/06
logo
Linear Technology
LTC3613EWKH LINER-LTC3613EWKH Datasheet
189Kb / 6P
   Fast, High Efficiency Step-Down Regulator
logo
Rohm
BD9137MUV ROHM-BD9137MUV Datasheet
590Kb / 17P
   High Efficiency Step-down Switching Regulator
logo
Monolithic Power System...
MP8762 MPS-MP8762 Datasheet
1Mb / 39P
   High Efficiency, 10A, 18V Synchronous Step-down Converter
logo
Linear Technology
LTC3639 LINER-LTC3639 Datasheet
373Kb / 24P
   High Efficiency, 150V High Efficiency, 150V Step-Down Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com