Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX6696AEE+ Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX6696AEE+
Description  Dual Remote/Local Temperature Sensors with SMBus Serial Interface
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6696AEE+ Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX6696AEE+ Datasheet HTML 5Page - Maxim Integrated Products MAX6696AEE+ Datasheet HTML 6Page - Maxim Integrated Products MAX6696AEE+ Datasheet HTML 7Page - Maxim Integrated Products MAX6696AEE+ Datasheet HTML 8Page - Maxim Integrated Products MAX6696AEE+ Datasheet HTML 9Page - Maxim Integrated Products MAX6696AEE+ Datasheet HTML 10Page - Maxim Integrated Products MAX6696AEE+ Datasheet HTML 11Page - Maxim Integrated Products MAX6696AEE+ Datasheet HTML 12Page - Maxim Integrated Products MAX6696AEE+ Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
uration byte register. Hardware and software standbys
are very similar; all data is retained in memory, and the
SMBus interface is alive and listening for SMBus com-
mands but the SMBus timeout is disabled. The only dif-
ference is that in software standby mode, the one-shot
command initiates a conversion. With hardware stand-
by, the one-shot command is ignored. Activity on the
SMBus causes the device to draw extra supply current.
Driving STBY low overrides any software conversion
command. If a hardware or software standby command
is received while a conversion is in progress, the con-
version cycle is interrupted, and the temperature regis-
ters are not updated. The previous data is not changed
and remains available.
SMBus Digital Interface
From a software perspective, the MAX6695/MAX6696
appear as a series of 8-bit registers that contain tem-
perature data, alarm threshold values, and control bits.
A standard SMBus-compatible 2-wire serial interface is
used to read temperature data and write control bits
and alarm threshold data. The same SMBus slave
address provides access to all functions.
The MAX6695/MAX6696 employ four standard SMBus
protocols: Write Byte, Read Byte, Send Byte, and
Receive Byte (Figure 2). The shorter Receive Byte proto-
col allows quicker transfers, provided that the correct
data register was previously selected by a Read Byte
instruction. Use caution with the shorter protocols in mul-
timaster systems, since a second master could overwrite
the command byte without informing the first master.
When the conversion rate control register is set
≥ 06h,
temperature data can be read from the read internal
temperature (00h) and read external temperature (01h)
registers. The temperature data format in these regis-
ters is 7 bits + sign in two’s-complement form for each
channel, with the LSB representing +1°C (Table 2). The
MSB is transmitted first. Use bit 3 of the configuration
register to select the registers corresponding to remote
1 or remote 2.
When the conversion rate control register is set
≤ 05h,
temperature data can be read from the read internal
temperature (00h) and read external temperature (01h)
registers, the same as for faster conversion rates. An
additional 3 bits can be read from the read external
extended temperature register (10h) and read internal
Dual Remote/Local Temperature Sensors with
SMBus Serial Interface
_______________________________________________________________________________________
9
Figure 2. SMBus Protocols
ACK
7 bits
ADDRESS
ACK
WR
8 bits
DATA
ACK
1
P
8 bits
S
COMMAND
Write Byte Format
Read Byte Format
Send Byte Format
Receive Byte Format
Slave Address: equiva-
lent to chip-select line of
a 3-wire interface
Command Byte: selects which
register you are writing to
Data Byte: data goes into the register
set by the command byte (to set
thresholds, configuration masks, and
sampling rate)
ACK
7 bits
ADDRESS
ACK
WR
S
ACK
8 bits
DATA
7 bits
ADDRESS
RD
8 bits
///
P
COMMAND
Slave Address: equiva-
lent to chip-select line
Command Byte: selects
which register you are
reading from
Slave Address: repeated
due to change in data-
flow direction
Data Byte: reads from
the register set by the
command byte
ACK
7 bits
ADDRESS
WR
8 bits
COMMAND
ACK
P
ACK
7 bits
ADDRESS
RD
8 bits
DATA
///
P
S
Command Byte: sends com-
mand with no data, usually
used for one-shot command
Data Byte: reads data from
the register commanded
by the last Read Byte or
Write Byte transmission;
also used for SMBus Alert
Response return address
S = Start condition
Shaded = Slave transmission
P = Stop condition
/// = Not acknowledged


Similar Part No. - MAX6696AEE+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6696AEE MAXIM-MAX6696AEE Datasheet
192Kb / 20P
   Dual Remote/Local Temperature Sensors with SMBus Serial Interface
Rev 1; 5/04
More results

Similar Description - MAX6696AEE+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6695 MAXIM-MAX6695 Datasheet
192Kb / 20P
   Dual Remote/Local Temperature Sensors with SMBus Serial Interface
Rev 1; 5/04
MAX1617A MAXIM-MAX1617A_12 Datasheet
343Kb / 20P
   Remote/Local Temperature Sensor with SMBus Serial Interface
Rev 1; 10/12
logo
Global Mixed-mode Techn...
G767 GMT-G767 Datasheet
393Kb / 14P
   Remote/Local Temperature Sensor with SMBus Serial Interface
logo
Maxim Integrated Produc...
MAX1617 MAXIM-MAX1617 Datasheet
226Kb / 20P
   Remote/Local Temperature Sensor with SMBus Serial Interface
19-1265; Rev 1; 3/98
MAX1617A MAXIM-MAX1617A_V01 Datasheet
1Mb / 20P
   Remote/Local Temperature Sensor with SMBus Serial Interface
2016
MAX1617 MAXIM-MAX1617_V01 Datasheet
1Mb / 20P
   Remote/Local Temperature Sensor with SMBus Serial Interface
2016
MAX1617 MAXIM-MAX1617_12 Datasheet
301Kb / 20P
   Remote/Local Temperature Sensor with SMBus Serial Interface
Rev 2; 11/12
MAX1617A MAXIM-MAX1617A Datasheet
234Kb / 18P
   Remote/Local Temperature Sensor with SMBus Serial Interface
19-4508; Rev 0; 1/99
logo
Global Mixed-mode Techn...
G788 GMT-G788 Datasheet
45Kb / 1P
   Remote and Local Temperature Sensor with SMBus Serial Interface
Ver: 0.4 Oct 16, 2013
logo
Maxim Integrated Produc...
MAX6680 MAXIM-MAX6680 Datasheet
194Kb / 17P
   Fail-Safe Remote/Local Temperature Sensors with SMBus Interface
Rev 0; 4/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com