Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX5362NEUK Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX5362NEUK
Description  Low-Cost, Low-Power 6-Bit DACs with 2-Wire Serial Interface in SOT23 Package
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5362NEUK Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX5362NEUK Datasheet HTML 1Page - Maxim Integrated Products MAX5362NEUK Datasheet HTML 2Page - Maxim Integrated Products MAX5362NEUK Datasheet HTML 3Page - Maxim Integrated Products MAX5362NEUK Datasheet HTML 4Page - Maxim Integrated Products MAX5362NEUK Datasheet HTML 5Page - Maxim Integrated Products MAX5362NEUK Datasheet HTML 6Page - Maxim Integrated Products MAX5362NEUK Datasheet HTML 7Page - Maxim Integrated Products MAX5362NEUK Datasheet HTML 8Page - Maxim Integrated Products MAX5362NEUK Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
ELECTRICAL CHARACTERISTICS (continued)
(VDD = 2.7V to 3.6V (MAX5360); VDD = 4.5V to 5.5V (MAX5361); VDD = 2.7V to 5.5V (MAX5362); RL =10kΩ, CL = 50pF, TA = TMIN to
TMAX, unless otherwise noted. Typical values are TA = +25°C.)
MAX5361
MAX5360
VIH min to VIL max,
bus capacitance
10pF to 400pF
ISINK = 6mA
(Note 7)
ISINK = 3mA
MAX5362
No load, all digital inputs at 0 or VDD, code = 63
Shutdown mode
CONDITIONS
ns
250
tof
Output Fall Time
V
0
0.6
VOL
Output Low Voltage
0
0.4
ns
050
tSP
Pulse Width of Spike Suppressed
µA
±10
Ii
Input Leakage Current
4.5
5.5
2.7
3.6
pF
10
CIN
Input Capacitance
V
0.05
 VDD
Vhys
Input Hysteresis
V
0.7
 VDD
VIH
Input High Voltage
V
0.3
 VDD
VIL
Input Low Voltage
V
2.7
5.5
VDD
Supply Voltage
150
230
µA
1
IDD
Supply Current
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
Low-Cost, Low-Power 6-Bit DACs with
2-Wire Serial Interface in SOT23 Package
_______________________________________________________________________________________
3
ISINK = 3mA
ISINK = 6mA
250
POWER REQUIREMENTS
DIGITAL INPUTS (SCL, SDA)
DIGITAL OUTPUT (SDA) (open drain)
CONDITIONS
µs
0.6
tHIGH
High Period of the SCL Clock
µs
1.3
tLOW
Low Period of the SCL Clock
kHz
0
400
fSCL
SCL Clock Frequency
µs
0.6
tHD, STA
Hold Time (Repeated)
START Condition
µs
1.3
tBUF
Bus-Free Time Between a
STOP and a START Condition
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
TIMING CHARACTERISTICS
(VDD = 2.7V to 3.6V (MAX5360); VDD = 4.5V to 5.5V (MAX5361); VDD = 2.7V to 5.5V (MAX5362); RL =10kΩ, CL = 50pF, TA = TMAX to
TMIN, Figure 3, unless otherwise noted. Typical values are TA = +25°C.)


Similar Part No. - MAX5362NEUK

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5362NEUK MAXIM-MAX5362NEUK Datasheet
322Kb / 12P
   Low-Cost, Low-Power 6-Bit DACs with 2-Wire Serial Interface in SOT23 Package
Rev 1; 3/01
More results

Similar Description - MAX5362NEUK

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5360 MAXIM-MAX5360 Datasheet
322Kb / 12P
   Low-Cost, Low-Power 6-Bit DACs with 2-Wire Serial Interface in SOT23 Package
Rev 1; 3/01
MAX5363 MAXIM-MAX5363 Datasheet
304Kb / 12P
   Low-Cost, Low-Power, 6-Bit DACs with 3-Wire Serial Interface in SOT23
Rev 0; 4/00
MAX5380 MAXIM-MAX5380 Datasheet
325Kb / 12P
   Low-Cost, Low-Power, 8-Bit DACs with 2-Wire Serial Interface in SOT23
Rev 1; 1/01
MAX5383 MAXIM-MAX5383_09 Datasheet
335Kb / 15P
   Low-Cost, Low-Power, 8-Bit DACs with 3-Wire Serial Interface in SOT23
Rev 3; 1/09
MAX5384EUT MAXIM-MAX5384EUT Datasheet
501Kb / 15P
   Low-Cost, Low-Power, 8-Bit DACs with 3-Wire Serial Interface in SOT23
Rev 3; 1/09
MAX5383 MAXIM-MAX5383 Datasheet
342Kb / 12P
   Low-Cost, Low-Power, 8-Bit DACs with 3-Wire Serial Interface in SOT23
Rev 2; 1/02
MAX512 MAXIM-MAX512 Datasheet
179Kb / 16P
   Low-Cost, Triple, 8-Bit Voltage-Output DACs with Serial Interface
Rev 2; 5/96
MAX535 MAXIM-MAX535 Datasheet
144Kb / 16P
   Low-Power, 13-Bit Voltage-Output DACs with Serial Interface
Rev 1; 12/96
MAX5352 MAXIM-MAX5352 Datasheet
197Kb / 16P
   Low-Power, 12-Bit Voltage-Output DACs with Serial Interface
Rev 0; 2/97
MAX5115 MAXIM-MAX5115 Datasheet
459Kb / 19P
   Nonvolatile, Quad, 8-Bit DACs with 2-Wire Serial Interface
Rev 0; 2/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com