Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX6516UK Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX6516UK
Description  Low-Cost, 2.7V to 5.5V, Analog Temperature Sensor Switches in a SOT23
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6516UK Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX6516UK Datasheet HTML 2Page - Maxim Integrated Products MAX6516UK Datasheet HTML 3Page - Maxim Integrated Products MAX6516UK Datasheet HTML 4Page - Maxim Integrated Products MAX6516UK Datasheet HTML 5Page - Maxim Integrated Products MAX6516UK Datasheet HTML 6Page - Maxim Integrated Products MAX6516UK Datasheet HTML 7Page - Maxim Integrated Products MAX6516UK Datasheet HTML 8Page - Maxim Integrated Products MAX6516UK Datasheet HTML 9Page - Maxim Integrated Products MAX6516UK Datasheet HTML 10Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Low-Cost, 2.7V to 5.5V, Analog Temperature
Sensor Switches in a SOT23
8
_______________________________________________________________________________________
Table 1. Top Marks
PART
TOP
MARK
PART
TOP
MARK
MAX6516UKN045
AEHS
MAX6518UKN045
AELL
MAX6516UKN035
AECZ
MAX6518UKN035
AEDD
MAX6516UKN025
AEHR
MAX6518UKN025
AELK
MAX6516UKN015
AEHQ
MAX6518UKN015
AELJ
MAX6516UKN005
AEHP
MAX6518UKN005
AELI
MAX6516UKP005
AEHT
MAX6518UKP005
AELM
MAX6516UKP015
AEHU
MAX6518UKP015
AELN
MAX6516UKP035
AEHV
MAX6518UKP035
AELO
MAX6516UKP045
AEHW
MAX6518UKP045
AELP
MAX6516UKP055
AEHX
MAX6518UKP055
AELQ
MAX6516UKP065
AEHY
MAX6518UKP065
AELR
MAX6516UKP075
AEDA
MAX6518UKP075
AEDE
MAX6516UKP085
AEHZ
MAX6518UKP085
AELS
MAX6516UKP095
AEIA
MAX6518UKP095
AELT
MAX6516UKP105
AEIB
MAX6518UKP105
AELU
MAX6516UKP115
AEIC
MAX6518UKP115
AELV
MAX6517UKN045
AELZ
MAX6519UKN045
AEIG
MAX6517UKN035
AEDB
MAX6519UKN035
AEDF
MAX6517UKN025
AELY
MAX6519UKN025
AEIF
MAX6517UKN015
AELX
MAX6519UKN015
AEIE
MAX6517UKN005
AELW
MAX6519UKN005
AEID
MAX6517UKP005
AEMA
MAX6519UKP005
AEIH
MAX6517UKP015
AEMB
MAX6519UKP015
AEII
MAX6517UKP035
AEMC
MAX6519UKP035
AEIS
MAX6517UKP045
AEMD
MAX6519UKP045
AEIK
MAX6517UKP055
AEME
MAX6519UKP055
AEIL
MAX6517UKP065
AEMF
MAX6519UKP065
AEIM
MAX6517UKP075
AEDC
MAX6519UKP075
AEDG
MAX6517UKP085
AEMG
MAX6519UKP085
AEIN
MAX6517UKP095
AEMH
MAX6519UKP095
AEIO
MAX6517UKP105
AEMI
MAX6519UKP105
AEIP
MAX6517UKP115
AEMJ
MAX6519UKP115
AEIQ
Package Information
For the latest package outline information and land patterns
(footprints), go to www.maxim-ic.com/packages. Note that a
“+”, “#”, or “-” in the package code indicates RoHS status only.
Package drawings may show a different suffix character, but
the drawing pertains to the package regardless of RoHS status.
PACKAGE
TYPE
PACKAGE
CODE
OUTLINE
NO.
LAND
PATTERN NO.
5 SOT23
U5+2
21-0057
90-0174


Similar Part No. - MAX6516UK

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6516UK MAXIM-MAX6516UK Datasheet
212Kb / 10P
   Low-Cost, 2.7V to 5.5V, Analog Temperature Sensor Switches in a SOT23
Rev 0; 11/03
More results

Similar Description - MAX6516UK

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6516 MAXIM-MAX6516 Datasheet
212Kb / 10P
   Low-Cost, 2.7V to 5.5V, Analog Temperature Sensor Switches in a SOT23
Rev 0; 11/03
MAX6514 MAXIM-MAX6514_11 Datasheet
192Kb / 8P
   Low-Cost, 2.7V to 5.5V Temperature Switches in a SOT23
Rev 1; 2/11
MAX6514 MAXIM-MAX6514 Datasheet
266Kb / 8P
   Low-Cost, 2.7V to 5.5V Temperature Switches in a SOT23
Rev 0; 1/04
MAX6501 MAXIM-MAX6501_V01 Datasheet
294Kb / 9P
   Low-Cost, 2.7V to 5.5V, Micropower Temperature Switches in SOT23
2011
MAX6501 MAXIM-MAX6501 Datasheet
397Kb / 8P
   Low-Cost, 2.7V to 5.5V, Micropower Temperature Switches in SOT23 and TO-220
Rev 2; 11/99
logo
Exar Corporation
CLC1005 EXAR-CLC1005 Datasheet
2Mb / 19P
   Low Cost, 2.7V to 5.5V, 260MHz Rail-to-Rail Amplifiers
logo
Cadeka Microcircuits LL...
AD8052LV CADEKA-AD8052LV Datasheet
3Mb / 14P
   Low Cost, 2.7V to 5.5V, 260MHz Rail-to-Rail Amplifier
CLC2005 CADEKA-CLC2005 Datasheet
2Mb / 13P
   Dual, Low Cost, 2.7V to 5.5V, 260MHz Rail-to-Rail Amplifier
logo
Maxim Integrated Produc...
MAX4647 MAXIM-MAX4647_07 Datasheet
220Kb / 9P
   25Ω SPST Analog Switches in SOT23-6
Rev 1; 1/07
MAX15108EVKIT MAXIM-MAX15108EVKIT Datasheet
1Mb / 8P
   Operates from a 2.7V to 5.5V Input Supply
Rev 0; 8/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com