Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX5360 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX5360
Description  Low-Cost, Low-Power 6-Bit DACs with 2-Wire Serial Interface in SOT23 Package
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5360 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX5360 Datasheet HTML 4Page - Maxim Integrated Products MAX5360 Datasheet HTML 5Page - Maxim Integrated Products MAX5360 Datasheet HTML 6Page - Maxim Integrated Products MAX5360 Datasheet HTML 7Page - Maxim Integrated Products MAX5360 Datasheet HTML 8Page - Maxim Integrated Products MAX5360 Datasheet HTML 9Page - Maxim Integrated Products MAX5360 Datasheet HTML 10Page - Maxim Integrated Products MAX5360 Datasheet HTML 11Page - Maxim Integrated Products MAX5360 Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Low-Cost, Low-Power 6-Bit DACs with
2-Wire Serial Interface in SOT23 Package
8
_______________________________________________________________________________________
Detailed Description
The MAX5360/MAX5361/MAX5362 voltage-output, 6-bit
DACs offer full 6-bit performance with less than 1LSB
integral nonlinearity (INL) error and less than 1LSB dif-
ferential nonlinearity (DNL) error ensuring monotonic
performance. The devices use a simple two-wire, fast-
mode I2C-compatible serial interface that operates up
to 400kHz. The MAX5360/MAX5361/MAX5362 include
an internal reference, an output buffer, and low-current
shutdown mode, making them ideal for low-power,
highly integrated applications. Figure 1 shows the
devices’ functional diagram.
Analog Section
The MAX5360/MAX5361/MAX5362 employ a current-
steering DAC topology as shown in Figure 2. At the
core of the DAC is a reference voltage-to-current con-
verter (V/I) that generates a reference current. This cur-
rent is mirrored to 255 equally weighted current
sources. DAC switches control the outputs of these cur-
rent mirrors, so only the desired fraction of the total cur-
rent-mirror currents is steered to the DAC output. The
current is then converted to a voltage across a resistor,
and this voltage is buffered by the output buffer amplifier.
Output Voltage
Table 1 shows the relationship between the DAC code
and the analog output voltage. The 6-bit DAC code is
binary unipolar with 1LSB = (VREF / 64). The MAX5360/
MAX5361 have a full-scale output voltage of (+2V -
1LSB) and (+4V - 1LSB), respectively, set by the inter-
nal references. The MAX5362 has a full-scale output
voltage of (0.9  VDD - 1LSB). Each device accepts 8-bit
DAC codes, but the accuracy is guaranteed only for
6 bits.
Output Buffer
The DAC voltage output is an internally buffered unity-
gain follower that typically slews at ±0.4V/µs. The out-
put can swing from 0 to full scale. With a 1/4 FS to 3/4
FS output transition, the amplifier outputs typically settle
to 1/2LSB in less than 5µs when loaded with 10k
Ω in
parallel with 50pF. The buffer amplifiers are stable with
any combination of resistive loads >10k
Ω and capaci-
tive loads <50pF.
VREF
OUT
SW1
SW2
SW255
Figure 2. Current-Steering Topology
VDD
OUT
10k
GND
SDA
SCL
255
6 + 2
CURRENT-
STEERING
DAC
DATA LATCH
SERIAL INPUT
REGISTER
CONTROL
LOGIC
MAX5360
MAX5361
MAX5362
REF
Figure 1. Functional Diagram
Table 1. Unipolar Code Current
000001 (00)
0.9
 VDD / 64
62mV
31mV
000000 (00)
0
0
0
100000 (00)
0.9
 VDD / 2
2V
1V
111111 (00)
0.9
 VDD  (63/64)
4V
 (63/64)
2V
 (63/64)
MAX5362
MAX5361
MAX5360
DAC CODE
6 BITS + 2 SUBBITS
OUTPUT VOLTAGE


Similar Part No. - MAX5360

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5360 MAXIM-MAX5360 Datasheet
322Kb / 12P
   Low-Cost, Low-Power 6-Bit DACs with 2-Wire Serial Interface in SOT23 Package
Rev 1; 3/01
MAX5360LEUK MAXIM-MAX5360LEUK Datasheet
322Kb / 12P
   Low-Cost, Low-Power 6-Bit DACs with 2-Wire Serial Interface in SOT23 Package
Rev 1; 3/01
MAX5360MEUK MAXIM-MAX5360MEUK Datasheet
322Kb / 12P
   Low-Cost, Low-Power 6-Bit DACs with 2-Wire Serial Interface in SOT23 Package
Rev 1; 3/01
MAX5360NEUK MAXIM-MAX5360NEUK Datasheet
322Kb / 12P
   Low-Cost, Low-Power 6-Bit DACs with 2-Wire Serial Interface in SOT23 Package
Rev 1; 3/01
MAX5360PEUK MAXIM-MAX5360PEUK Datasheet
322Kb / 12P
   Low-Cost, Low-Power 6-Bit DACs with 2-Wire Serial Interface in SOT23 Package
Rev 1; 3/01
More results

Similar Description - MAX5360

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5360 MAXIM-MAX5360 Datasheet
322Kb / 12P
   Low-Cost, Low-Power 6-Bit DACs with 2-Wire Serial Interface in SOT23 Package
Rev 1; 3/01
MAX5363 MAXIM-MAX5363 Datasheet
304Kb / 12P
   Low-Cost, Low-Power, 6-Bit DACs with 3-Wire Serial Interface in SOT23
Rev 0; 4/00
MAX5380 MAXIM-MAX5380 Datasheet
325Kb / 12P
   Low-Cost, Low-Power, 8-Bit DACs with 2-Wire Serial Interface in SOT23
Rev 1; 1/01
MAX5383 MAXIM-MAX5383_09 Datasheet
335Kb / 15P
   Low-Cost, Low-Power, 8-Bit DACs with 3-Wire Serial Interface in SOT23
Rev 3; 1/09
MAX5384EUT MAXIM-MAX5384EUT Datasheet
501Kb / 15P
   Low-Cost, Low-Power, 8-Bit DACs with 3-Wire Serial Interface in SOT23
Rev 3; 1/09
MAX5383 MAXIM-MAX5383 Datasheet
342Kb / 12P
   Low-Cost, Low-Power, 8-Bit DACs with 3-Wire Serial Interface in SOT23
Rev 2; 1/02
MAX512 MAXIM-MAX512 Datasheet
179Kb / 16P
   Low-Cost, Triple, 8-Bit Voltage-Output DACs with Serial Interface
Rev 2; 5/96
MAX535 MAXIM-MAX535 Datasheet
144Kb / 16P
   Low-Power, 13-Bit Voltage-Output DACs with Serial Interface
Rev 1; 12/96
MAX5352 MAXIM-MAX5352 Datasheet
197Kb / 16P
   Low-Power, 12-Bit Voltage-Output DACs with Serial Interface
Rev 0; 2/97
MAX5115 MAXIM-MAX5115 Datasheet
459Kb / 19P
   Nonvolatile, Quad, 8-Bit DACs with 2-Wire Serial Interface
Rev 0; 2/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com