Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLWK1109 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TLWK1109
Description  Panel Circuit Indicators
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLWK1109 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TLWK1109 Datasheet HTML 1Page - Toshiba Semiconductor TLWK1109 Datasheet HTML 2Page - Toshiba Semiconductor TLWK1109 Datasheet HTML 3Page - Toshiba Semiconductor TLWK1109 Datasheet HTML 4Page - Toshiba Semiconductor TLWK1109 Datasheet HTML 5Page - Toshiba Semiconductor TLWK1109 Datasheet HTML 6Page - Toshiba Semiconductor TLWK1109 Datasheet HTML 7Page - Toshiba Semiconductor TLWK1109 Datasheet HTML 8Page - Toshiba Semiconductor TLWK1109 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
TLWK1109(T11)
2009-10-13
TOSHIBA LED Lamp
TLWK1109(T11)
Panel Circuit Indicators
• Surface-mount devices
• 3.2 (L) × 2.9 (W) × 1.9 (H) mm
• LED chip and phosphor
• Luminous intensity: IV = 3200 mcd (typ.) @ 40 mA
• Color: white
• Topr / Tstg = -40 to 100°C
• Applications: automotive use, backlighting etc.
• Standard embossed tape packing: T11 (2000 pcs/reel)
8-mm tape reel
Color and Material
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Forward Current
(Note 1)
IF
50
mA
Power Dissipation
PD
200
mW
Operating Temperature
Topr
−40 to 100
°C
Storage Temperature
Tstg
−40 to 100
°C
Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even
if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Note 1: Forward current derating
Unit: mm
JEDEC
JEITA
TOSHIBA
4-3W1
Weight: 0.035 g (typ.)
Part Number
Color
Material
TLWK1109
White
InGaN
IF – Ta
Ambient temperature Ta (°C)
0
80
60
0
100
80
120
40
20
40
20
60
For part availability and ordering information please call Toll Free: 800.984.5337
Website: www.marktechopto.com | Email: info@marktechopto.com
For part availability and ordering information please call Toll Free: 800.984.5337
Website: www.marktechopto.com | Email: info@marktechopto.com


Similar Part No. - TLWK1109

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLWK1100B TOSHIBA-TLWK1100B Datasheet
259Kb / 9P
   Panel Circuit Indicator
TLWK1100BT11 TOSHIBA-TLWK1100BT11 Datasheet
259Kb / 9P
   Panel Circuit Indicator
TLWK1100C TOSHIBA-TLWK1100C Datasheet
278Kb / 9P
   Panel Circuit Indicators
logo
Marktech Corporate
TLWK1100C MARKTECH-TLWK1100C Datasheet
278Kb / 9P
   TOSHIBA LED Lamp
logo
Toshiba Semiconductor
TLWK1100CT11 TOSHIBA-TLWK1100CT11 Datasheet
278Kb / 9P
   Panel Circuit Indicators
More results

Similar Description - TLWK1109

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLRE60T TOSHIBA-TLRE60T Datasheet
250Kb / 7P
   Panel Circuit Indicators
TLRE62T TOSHIBA-TLRE62T_07 Datasheet
285Kb / 12P
   Panel Circuit Indicators
TLGE33TP TOSHIBA-TLGE33TP Datasheet
244Kb / 3P
   Panel Circuit Indicators
TLWK1100C TOSHIBA-TLWK1100C Datasheet
278Kb / 9P
   Panel Circuit Indicators
TLRE60T TOSHIBA-TLRE60T_08 Datasheet
197Kb / 7P
   Panel Circuit Indicators
TLWF1109 TOSHIBA-TLWF1109 Datasheet
258Kb / 10P
   Panel Circuit Indicators
TLRM1060 TOSHIBA-TLRM1060 Datasheet
315Kb / 14P
   Panel Circuit Indicators
TLRH62T TOSHIBA-TLRH62T_08 Datasheet
191Kb / 6P
   Panel Circuit Indicators
TLWLK1109 TOSHIBA-TLWLK1109 Datasheet
284Kb / 10P
   Panel Circuit Indicators
TLOE33CP TOSHIBA-TLOE33CP Datasheet
305Kb / 8P
   Panel Circuit Indicators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com