Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLRMK16TAP Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TLRMK16TAP
Description  Panel Circuit Indicator
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLRMK16TAP Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TLRMK16TAP_10 Datasheet HTML 1Page - Toshiba Semiconductor TLRMK16TAP_10 Datasheet HTML 2Page - Toshiba Semiconductor TLRMK16TAP_10 Datasheet HTML 3Page - Toshiba Semiconductor TLRMK16TAP_10 Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TLRMK16TAP(MT1,F)
2010-03-18
2
Electrical and Optical Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min
Typ.
Max
Unit
Forward voltage
VF
IF = 20 mA
(Note 2)
1.85
2.15
2.45
V
Reverse current
IR
VR = 4 V
50
µA
Luminous intensity
IV
IF = 20 mA
(Note 2)
1900
5400
10700
mcd
Peak emission wavelength
λP
IF = 20 mA
636
nm
Spectral line half width
∆λ
IF = 20 mA
14
nm
Dominant wavelength
λd
IF = 20 mA
620
626
634
nm
Note 2: Lamps are classified into the following ranks according to their luminous intensity and forward voltage.
Each packing box includes single Luminous Intensity class.
IV _ rank classification
Rank
Min
Max
Accuracy
T
1900
3380
U
3380
6010
±
22.5%
V
6010
10700
Unit
mcd
Forward voltage _ rank classification
Rank
Min
Max
Accuracy
A
1.85
2.05
B
2.05
2.25
±
0.05V
C
2.25
2.45
Unit
V
Precaution
Please be careful of the followings
• Soldering temperature: 260°C max
Soldering time: 3 s max
(Soldering portion of lead: up to 1.6 mm from the body of the device)
• If the lead is formed, the lead should be formed up to 1.6 mm from the body of the device without forming stress
to the resin. Soldering should be performed after lead forming.
• This visible LED lamp also emits some IR light. If a photodetector is located near the LED lamp, please ensure
that it will not be affected by this IR light.


Similar Part No. - TLRMK16TAP_10

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLRMK16TAPF TOSHIBA-TLRMK16TAPF Datasheet
386Kb / 7P
   Panel Circuit Indicator
TLRMK16TAPK53M1 TOSHIBA-TLRMK16TAPK53M1 Datasheet
386Kb / 7P
   Panel Circuit Indicator
TLRMK16TAPTRK53 TOSHIBA-TLRMK16TAPTRK53 Datasheet
527Kb / 7P
   TOSHIBA LED Lamp InGaA?밣 Red Light Emission
TLRMK16TAPTRK53 TOSHIBA-TLRMK16TAPTRK53 Datasheet
386Kb / 7P
   Panel Circuit Indicator
TLRMK16TAPTRK53 TOSHIBA-TLRMK16TAPTRK53_10 Datasheet
386Kb / 7P
   Panel Circuit Indicator
More results

Similar Description - TLRMK16TAP_10

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLGC160 TOSHIBA-TLGC160 Datasheet
182Kb / 4P
   PANEL CIRCUIT INDICATOR
TLGD262 TOSHIBA-TLGD262 Datasheet
184Kb / 4P
   PANEL CIRCUIT INDICATOR
TLRM1108 TOSHIBA-TLRM1108 Datasheet
328Kb / 15P
   Panel Circuit Indicator
TLOE17T TOSHIBA-TLOE17T Datasheet
180Kb / 8P
   Panel Circuit Indicator
TLRH180P TOSHIBA-TLRH180P Datasheet
143Kb / 4P
   Panel Circuit Indicator
S4F42Q1 TOSHIBA-S4F42Q1 Datasheet
313Kb / 8P
   PANEL CIRCUIT INDICATOR
TLRMK37TPK53MT1 TOSHIBA-TLRMK37TPK53MT1 Datasheet
372Kb / 7P
   Panel Circuit Indicator
TLWJ1100 TOSHIBA-TLWJ1100 Datasheet
278Kb / 9P
   Panel Circuit Indicator
TLFGE19CP TOSHIBA-TLFGE19CP Datasheet
205Kb / 3P
   Panel Circuit Indicator
TLRH1032 TOSHIBA-TLRH1032 Datasheet
302Kb / 17P
   Panel Circuit Indicator
TLRH1106 TOSHIBA-TLRH1106 Datasheet
327Kb / 14P
   Panel Circuit Indicator
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com