Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4061EUA Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX4061EUA
Description  Differential Microphone Preamplifiers with Internal Bias and Complete Shutdown
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4061EUA Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX4061EUA Datasheet HTML 1Page - Maxim Integrated Products MAX4061EUA Datasheet HTML 2Page - Maxim Integrated Products MAX4061EUA Datasheet HTML 3Page - Maxim Integrated Products MAX4061EUA Datasheet HTML 4Page - Maxim Integrated Products MAX4061EUA Datasheet HTML 5Page - Maxim Integrated Products MAX4061EUA Datasheet HTML 6Page - Maxim Integrated Products MAX4061EUA Datasheet HTML 7Page - Maxim Integrated Products MAX4061EUA Datasheet HTML 8Page - Maxim Integrated Products MAX4061EUA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
Differential Microphone Preamplifiers with
Internal Bias and Complete Shutdown
_______________________________________________________________________________________
5
FREQUENCY (Hz)
100k
10k
1k
100
-12
-9
-6
-3
0
3
-15
10
1M
GAIN vs. FREQUENCY
(NO LOAD)
VCC = 5V
FREQUENCY (Hz)
100k
10k
1k
100
-100
-80
-60
-40
-20
0
-120
10
1M
POWER-SUPPLY REJECTION RATIO
vs. FREQUENCY (DIFF INPUT)
AV = 100V/V
AV = 10V/V
SUPPLY CURRENT vs. TEMPERATURE
TEMPERATURE (
°C)
80
65
50
35
20
5
-10
-25
0.2
0.4
0.6
0.8
1.0
0
-40
VCC = 3V
VCC = 5V
SUPPLY CURRENT vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
5.0
4.5
3.5
4.0
3.0
2.5
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
0
2.0
5.5
AV = 10V/V
NO LOAD
SHUTDOWN SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
10
-15
0.01
0.1
1
10
100
0.001
-40
85
OUTPUT-VOLTAGE HIGH
vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
10
-15
10
100
1000
1
-40
85
ILOAD = 2.5mA
ILOAD = 50
μA
VOH = VCC - VOUT
OUTPUT-VOLTAGE LOW
vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
10
-15
10
100
1000
1
-40
85
ILOAD = 2.5mA
ILOAD = 50
μA
OUTPUT-VOLTAGE HIGH
vs. LOAD CURRENT
LOAD CURRENT (mA)
4
3
2
1
25
50
75
100
125
150
175
0
05
VOH = VCC - VOUT
VCC = 3V
OUTPUT-VOLTAGE LOW
vs. LOAD CURRENT
LOAD CURRENT (mA)
4
3
2
1
50
100
150
200
250
300
0
05
VCC = 3V
Typical Operating Characteristics
(VCC = 3V (MAX4061/MAX4062), VCC = 5V for MAX4060, AV = 10V/V, RL
≥ 100kΩ to 1.5V, SHDN = VCC (MAX4061 only),
TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX4061EUA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4061EUA MAXIM-MAX4061EUA Datasheet
443Kb / 17P
   Differential Microphone Preamplifiers with Internal Bias and Complete Shutdown
19-2408; Rev 1; 1/03
MAX4061EUA MAXIM-MAX4061EUA Datasheet
514Kb / 17P
   Differential Microphone Preamplifiers with Internal Bias and Complete Shutdown
Rev 2; 5/05
MAX4061EUA++ MAXIM-MAX4061EUA+ Datasheet
1Mb / 15P
   Differential Microphone Preamplifiers with Internal Bias and Complete Shutdown
19-2408; Rev 4; 11/18
More results

Similar Description - MAX4061EUA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4060 MAXIM-MAX4060_V01 Datasheet
1Mb / 15P
   Differential Microphone Preamplifiers with Internal Bias and Complete Shutdown
19-2408; Rev 4; 11/18
MAX4060 MAXIM-MAX4060 Datasheet
443Kb / 17P
   Differential Microphone Preamplifiers with Internal Bias and Complete Shutdown
19-2408; Rev 1; 1/03
MAX4060 MAXIM-MAX4060_05 Datasheet
514Kb / 17P
   Differential Microphone Preamplifiers with Internal Bias and Complete Shutdown
Rev 2; 5/05
MAX4063 MAXIM-MAX4063 Datasheet
404Kb / 15P
   Differential Microphone Preamplifier with Internal Bias and Complete Shutdown
Rev 0; 1/03
MAX4063 MAXIM-MAX4063_11 Datasheet
227Kb / 14P
   Differential Microphone Preamplifier with Internal Bias and Complete Shutdown
Rev 1; 6/11
MAX4063ETE MAXIM-MAX4063ETE Datasheet
227Kb / 14P
   Differential Microphone Preamplifier with Internal Bias and Complete Shutdown
Rev 1; 6/11
MAX4465_V2 MAXIM-MAX4465_V2 Datasheet
282Kb / 12P
   Low-Cost, Micropower, SC70/SOT23-8, Microphone Preamplifiers with Complete Shutdown
Rev 2; 6/12
MAX4465 MAXIM-MAX4465 Datasheet
502Kb / 14P
   Low-Cost, Micropower, SC70/SOT23-8, Microphone Preamplifiers with Complete Shutdown
Rev 1; 4/01
logo
Texas Instruments
PCM1870 TI1-PCM1870_16 Datasheet
1Mb / 54P
[Old version datasheet]   Microphone Bias and Microphone Amplifier
logo
Maxim Integrated Produc...
MAX1606 MAXIM-MAX1606 Datasheet
302Kb / 10P
   28V Internal Switch LCD Bias Supply with True Shutdown
19-1744; Rev 0; 7/00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com