Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX3542CLM Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX3542CLM
Description  Complete Single-Conversion Television Tuner Low Noise Figure: 4.9dB (typ)
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3542CLM Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX3542CLM Datasheet HTML 7Page - Maxim Integrated Products MAX3542CLM Datasheet HTML 8Page - Maxim Integrated Products MAX3542CLM Datasheet HTML 9Page - Maxim Integrated Products MAX3542CLM Datasheet HTML 10Page - Maxim Integrated Products MAX3542CLM Datasheet HTML 11Page - Maxim Integrated Products MAX3542CLM Datasheet HTML 12Page - Maxim Integrated Products MAX3542CLM Datasheet HTML 13Page - Maxim Integrated Products MAX3542CLM Datasheet HTML 14Page - Maxim Integrated Products MAX3542CLM Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Complete Single-Conversion
Television Tuner
______________________________________________________________________________________
11
BIT NAME
BIT LOCATION (0 = LSB)
RECOMMENDED
DEFAULT
FUNCTION
N[7:0]
7–0
10101011
Sets the least significant bits of the PLL integer divider (N). Default
integer divider value is N = 4688. N can range from 256 to 32,767.
Table 3. N-DIV Low Register (Address: 0001b)
BIT NAME
BIT LOCATION (0 = LSB)
RECOMMENDED
DEFAULT
FUNCTION
RESERVED
7
0
Must be set to 0.
R[6:0]
6–0
0010000
Sets the PLL reference divider (R). Default reference divider value is
R = 64. R can range from 16 to 127.
Table 4. R-DIV Register (Address: 0010b)
BIT NAME
BIT LOCATION (0 = LSB)
RECOMMENDED
DEFAULT
FUNCTION
VCO[4:3]
7–6
10
VCO select. Selects one of three possible VCOs.
00 = VCOs shut down
01 = Selects VCO1
10 = Selects VCO2
11 = Selects VCO3
VCO[2:0]
5–3
111
VCO sub-band select. Selects one of eight possible VCO sub-bands.
000 = Selects SB0
001 = Selects SB1
010 = Selects SB2
011 = Selects SB3
100 = Selects SB4
101 = Selects SB5
110 = Selects SB6
111 = Selects SB7
LD
2
1
Lock detect enable.
0 = Disabled
1 = Enabled
VDIV[1:0]
1–0
10
VCO divider ratio select.
00 = Sets VCO divider to 4
01 = Sets VCO divider to 8
10 = Sets VCO divider to 16
11 = Sets VCO divider to 32
Table 5. VCO Register (Address: 0011b)


Similar Part No. - MAX3542CLM

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3542CLM++ MAXIM-MAX3542CLM+ Datasheet
366Kb / 20P
   Complete Single-Conversion Television Tuner
Rev 1; 1/10
More results

Similar Description - MAX3542CLM

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3540 MAXIM-MAX3540 Datasheet
262Kb / 16P
   Complete Single-Conversion Television Tuner
Rev 0; 10/07
MAX3541 MAXIM-MAX3541 Datasheet
313Kb / 20P
   Complete Single-Conversion Television Tuner
Rev 0; 10/07
MAX3541 MAXIM-MAX3541_11 Datasheet
283Kb / 19P
   Complete Single-Conversion Television Tuner
Rev 3; 2/11
MAX3542 MAXIM-MAX3542 Datasheet
366Kb / 20P
   Complete Single-Conversion Television Tuner
Rev 1; 1/10
MAX2121_V1 MAXIM-MAX2121_V1 Datasheet
330Kb / 19P
   Complete Direct-Conversion L-Band Tuner
Rev 1; 7/12
logo
Inchange Semiconductor ...
BFS540 ISC-BFS540 Datasheet
253Kb / 7P
   Low Noise Figure
logo
AVAGO TECHNOLOGIES LIMI...
MGA-622P8 AVAGO-MGA-622P8 Datasheet
2Mb / 18P
   Low noise figure
logo
RFHIC
ACQ624 RFHIC-ACQ624 Datasheet
1Mb / 6P
   Low Noise Figure
logo
Inchange Semiconductor ...
2SC5463 ISC-2SC5463 Datasheet
144Kb / 3P
   Low Noise Figure
BFR35AP ISC-BFR35AP Datasheet
104Kb / 2P
   Low Noise Figure
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com